Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XTR115UG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # XTR115UG4
Description  4-20mA CURRENT LOOP TRANSMITTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR115UG4 Datasheet(HTML) 4 Page - Texas Instruments

  XTR115UG4 Datasheet HTML 1Page - Texas Instruments XTR115UG4 Datasheet HTML 2Page - Texas Instruments XTR115UG4 Datasheet HTML 3Page - Texas Instruments XTR115UG4 Datasheet HTML 4Page - Texas Instruments XTR115UG4 Datasheet HTML 5Page - Texas Instruments XTR115UG4 Datasheet HTML 6Page - Texas Instruments XTR115UG4 Datasheet HTML 7Page - Texas Instruments XTR115UG4 Datasheet HTML 8Page - Texas Instruments XTR115UG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
XTR115, XTR116
4
SBOS124A
www.ti.com
TYPICAL PERFORMANCE CURVES
At TA = +25°C, V+ = 24V, RIN = 20kΩ, and TIP29C external transistor, unless otherwise noted.
10k
100k
Frequency (Hz)
CURRENT GAIN vs FREQUENCY
1M
40
30
20
10
C
OUT = 10nF
R
L = 250Ω
C
OUT = 0
R
L = 0Ω
–75
–50
–25
0
25
50
75
100
Temperature (
°C)
REFERENCE VOLTAGE vs TEMPERATURE
125
0.1
0
–0.1
–0.2
–0.3
–75
–50
–25
0
25
50
75
100
Temperature (
°C)
QUIESCENT CURRENT vs TEMPERATURE
125
260
240
220
200
180
160
(V+) = 36V
(V+) = 24V
(V+) = 7.5V
–75
–50
–25
0
255075
100
Temperature (
°C)
OVER-SCALE CURRENT vs TEMPERATURE
125
34
33
32
31
30
29
28
V+ = 7.5V
V+ = 36V
V+ = 24V
With External Transistor
–10
1
2
3
I
REG Current (mA)
V
REG VOLTAGE vs VREG CURRENT
4
5.5
5.0
4.5
+25
°C
+25
°C
–55
°C
+125
°C
Sinking
Current
Sourcing
Current
–55
°C
+125
°C


Similar Part No. - XTR115UG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR115U BURR-BROWN-XTR115U Datasheet
81Kb / 7P
   4-20mA CURRENT LOOP TRANSMITTERS
XTR115UA BURR-BROWN-XTR115UA Datasheet
81Kb / 7P
   4-20mA CURRENT LOOP TRANSMITTERS
More results

Similar Description - XTR115UG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR115 BURR-BROWN-XTR115 Datasheet
81Kb / 7P
   4-20mA CURRENT LOOP TRANSMITTERS
logo
List of Unclassifed Man...
ISO4-20MA ETC2-ISO4-20MA Datasheet
481Kb / 3P
   4-20mA Current Loop Isolator
logo
Texas Instruments
XTR117 TI-XTR117 Datasheet
187Kb / 11P
[Old version datasheet]   4-20mA Current-Loop Transmitter
XTR117 TI1-XTR117_12 Datasheet
669Kb / 17P
[Old version datasheet]   4-20mA Current-Loop Transmitter
logo
Burr-Brown (TI)
XTR112 BURR-BROWN-XTR112 Datasheet
255Kb / 16P
   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
logo
Texas Instruments
XTR112 TI1-XTR112 Datasheet
217Kb / 18P
[Old version datasheet]   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
logo
Protek Devices
420E212 PROTEC-420E212_12 Datasheet
355Kb / 5P
   DUAL 4-20mA CONTROL LOOP PROTECTOR
logo
Murata Manufacturing Co...
EB-LP MURATA-EB-LP Datasheet
95Kb / 2P
   4-20mA Current Loop Application Board for DMS-30LCD Meters
logo
Burr-Brown (TI)
RCV420 BURR-BROWN-RCV420 Datasheet
240Kb / 10P
   Precision 4mA to 20mA CURRENT LOOP RECEIVER
logo
Protek Devices
420E212 PROTEC-420E212 Datasheet
55Kb / 3P
   DUAL 4-20mA CONTROL LOOP PROTECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com