Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XTR117AIDRBTG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # XTR117AIDRBTG4
Description  4-20mA Current-Loop Transmitter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR117AIDRBTG4 Datasheet(HTML) 1 Page - Texas Instruments

  XTR117AIDRBTG4 Datasheet HTML 1Page - Texas Instruments XTR117AIDRBTG4 Datasheet HTML 2Page - Texas Instruments XTR117AIDRBTG4 Datasheet HTML 3Page - Texas Instruments XTR117AIDRBTG4 Datasheet HTML 4Page - Texas Instruments XTR117AIDRBTG4 Datasheet HTML 5Page - Texas Instruments XTR117AIDRBTG4 Datasheet HTML 6Page - Texas Instruments XTR117AIDRBTG4 Datasheet HTML 7Page - Texas Instruments XTR117AIDRBTG4 Datasheet HTML 8Page - Texas Instruments XTR117AIDRBTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FEATURES
D LOW QUIESCENT CURRENT: 130μA
D 5V REGULATOR FOR EXTERNAL CIRCUITS
D LOW SPAN ERROR: 0.05%
D LOW NONLINEARITY ERROR: 0.003%
D WIDE-LOOP SUPPLY RANGE: 7.5V to 40V
D MSOP-8 AND DFN-8 PACKAGES
APPLICATIONS
D TWO-WIRE, 4-20mA CURRENT LOOP
TRANSMITTER
D SMART TRANSMITTER
D INDUSTRIAL PROCESS CONTROL
D TEST SYSTEMS
D CURRENT AMPLIFIER
D VOLTAGE-TO-CURRENT AMPLIFIER
DESCRIPTION
The XTR117 is a precision current output converter designed
to transmit analog 4-20mA signals over an industry-standard
current loop. It provides accurate current scaling and output
current limit functions.
The on-chip voltage regulator (5V) can be used to power
external circuitry. A current return pin (IRET) senses any
current used in external circuitry to assure an accurate
control of the output current.
The XTR117 is a fundamental building block of smart
sensors using 4-20mA current transmission. The XTR117 is
specified for operation over the extended industrial
temperature range, −40°C to +125°C.
RELATED 4-20mA PRODUCTS
XTR115
5V regulator output and 2.5V reference output
XTR116
5V regulator output and 4.096V reference output
NOTE: For 4-20mA complete bridge and RTO conditioner solutions,
see the XTR product family website at www.ti.com.
A1
VIN
RIN
R1
2.475k
Ω
R2
25
Ω
RLIM
Q1
VREG
IIN
IRET
E
B
V+
RL
VLOOP
IO
7
6
5
4
8
2
3
IO = 100 VIN
RIN
XTR117
+5V
Regulator
XTR117
4-20mA Current-Loop Transmitter
SBOS344C − SEPTEMBER 2005 − REVISED MAY 2012
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright © 2005−2006, Texas Instruments Incorporated
All trademarks are the property of their respective owners.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - XTR117AIDRBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR117AIDRBT TI-XTR117AIDRBT Datasheet
187Kb / 11P
[Old version datasheet]   4-20mA Current-Loop Transmitter
More results

Similar Description - XTR117AIDRBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR117 TI-XTR117 Datasheet
187Kb / 11P
[Old version datasheet]   4-20mA Current-Loop Transmitter
logo
List of Unclassifed Man...
ISO4-20MA ETC2-ISO4-20MA Datasheet
481Kb / 3P
   4-20mA Current Loop Isolator
logo
Burr-Brown (TI)
XTR115 BURR-BROWN-XTR115 Datasheet
81Kb / 7P
   4-20mA CURRENT LOOP TRANSMITTERS
logo
Texas Instruments
XTR115 TI1-XTR115 Datasheet
259Kb / 13P
[Old version datasheet]   4-20mA CURRENT LOOP TRANSMITTERS
logo
Burr-Brown (TI)
XTR501 BURR-BROWN-XTR501 Datasheet
57Kb / 7P
   HIGH CURRENT BRIDGE DRIVER and 4-20mA Transmitter
logo
Maxim Integrated Produc...
MAX12900EVKIT MAXIM-MAX12900EVKIT Datasheet
2Mb / 21P
   Loop-powered 4mA–20mA Transmitter with PWM Inputs
Rev 1; 11/17
logo
Texas Instruments
XTR105 TI1-XTR105 Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR103 BURR-BROWN-XTR103 Datasheet
222Kb / 10P
   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
XTR106 BURR-BROWN-XTR106 Datasheet
272Kb / 15P
   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
logo
Texas Instruments
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com