Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F1056 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74F1056
Description  8-Bit Schottky Barrier Diode Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F1056 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F1056 Datasheet HTML 1Page - Fairchild Semiconductor 74F1056 Datasheet HTML 2Page - Fairchild Semiconductor 74F1056 Datasheet HTML 3Page - Fairchild Semiconductor 74F1056 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: Absolute maximum ratings are valued beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: These values apply for the tw ≤ 100 µs, duty cycle ≤ 20%.
DC Electrical Characteristics
Over recommended operating free air temperature range, unless otherwise noted
SINGLE DIODE OPERATION (Note 3)
Note 3: These tests apply to separate diode operation, diodes not under test are open-circuit.
MULTIPLE DIODE OPERATION
Note 4: ICR is measured under the following conditions: One diode static, all others switching
Switching diodes: tW = 100 µs; Static diode: VIN = 6V
Duty cycle
= 20%, I
f = 200 mA
The static diode input current is the internal crosstalk current ICR.
AC Electrical Characteristics
TA = 25°C
Storage Temperature
−65°C to +150°C
Operating Free-Air Temperature
0
°C to 70°C
Steady State Reverse Voltage, (VR)7.0V
Continuous Total Power Dissipation at or below
25
°C Free-Air Temperature, (P
D)
750 mW
Continuous Forward Current, (If)
Any Output Pin to GND
50 mA
Total Through All GND Pins
170 mA
Repetitive Peak Forward Current, lfp (Note 2)
Any Output Pin to GND
300 mA
Total Through All GND Pins
1.2A
ESD (HBM)
4 kV
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VBR
Reverse Breakdown Voltage
7.0
V
IR = 10 µA
IR
Static Reverse Current
10
µAV
R = 7V
VF
Static Forward Voltage
−0.65
−0.85
V
IF = −16 mA
−0.8
−1.0
IF = −50 mA
CT
Total Capacitance
5
10
pF
VI = 0V, f = 1 MHz
48
VI = 2V, f = 1 MHz
Symbol
Parameter
Min
Typ
Max
Units
Conditions
ICR
Internal Crosstalk Current
0.2
2
mA
Total GND current
= 1.2A (Note 4)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Figure
Number
VFR
Forward Recovery Voltage
1.25
V
IF = 300 mA
Figure 1
TRR
Reverse Recovery Time
5.0
ns
IF = 10 mA, IR = 1 mA
Figure 2
RL = 100Ω


Similar Part No. - 74F1056

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
74F105AP-RC BOURNS-74F105AP-RC Datasheet
429Kb / 1P
   High Q, high self-resonant frequency Varnish coated
More results

Similar Description - 74F1056

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F1056 TI1-SN74F1056_15 Datasheet
344Kb / 11P
[Old version datasheet]   8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1056 TI-SN74S1056 Datasheet
174Kb / 8P
[Old version datasheet]   8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74F1056 TI-SN74F1056 Datasheet
75Kb / 5P
[Old version datasheet]   8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053NSR TI1-SN74S1053NSR Datasheet
993Kb / 18P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053 TI-SN74S1053 Datasheet
91Kb / 7P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053 TI1-SN74S1053_V01 Datasheet
1Mb / 24P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
REVISED AUGUST 1997
SN74S1050 TI-SN74S1050 Datasheet
246Kb / 7P
[Old version datasheet]   12-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1051 TI-SN74S1051 Datasheet
342Kb / 13P
[Old version datasheet]   12-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1052 TI-SN74S1052 Datasheet
247Kb / 7P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053DBR TI-SN74S1053DBR Datasheet
993Kb / 18P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com