Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD3505P Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # PD3505P
Description  GLASS PASSIVATED AUTO RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

PD3505P Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  PD3505P Datasheet HTML 1Page - HY ELECTRONIC CORP. PD3505P Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
REV. 1, 06-Arp-2012
RATING AND CHARACTERISTIC CURVES
PD3502P(N) thru PD3506P(N)
FIG.2-MAXIMUM NON-RETETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60HZ
375
300
0
100
10
1
225
150
75
450
50
100
0
150
5
25
20
15
10
30
40
35
200
250
0
60Hz Resistive or
Inductive load
FIG.3 -TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
1000
1
1.4
1.2
1.0
0.8
0.6
0.4
0.2
100
10
1.6
TJ=25
PULSE WIDTH=300S
1%DUTY CYCLE
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,
%
TJ=25
TJ=175
1000
0.01
0
20
40
60
80
100
0.1
1
10
100
Pulse Width 8.3ms Single
Half-Wave (JEDEC
Method)
FIG.1-FORWARD CURRENT
DERATING CURVE
CASE TEMPERATURE,
50
100
0
150
5
25
20
15
10
30
40
35
200
250
0


Similar Part No. - PD3505P

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
PD3535 OSRAM-PD3535 Datasheet
212Kb / 11P
   4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
PD3535 OSRAM-PD3535 Datasheet
937Kb / 14P
   Lead (Pb) Free Product - RoHS Compliant
PD3536 OSRAM-PD3536 Datasheet
212Kb / 11P
   4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
PD3536 OSRAM-PD3536 Datasheet
937Kb / 14P
   Lead (Pb) Free Product - RoHS Compliant
PD3537 OSRAM-PD3537 Datasheet
212Kb / 11P
   4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
More results

Similar Description - PD3505P

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
PD3502P HY-PD3502P_17 Datasheet
141Kb / 3P
   GLASS PASSIVATED AUTO RECTIFIERS
PD5018P HY-PD5018P_17 Datasheet
140Kb / 3P
   GLASS PASSIVATED AUTO RECTIFIERS
PD5002P HY-PD5002P Datasheet
41Kb / 2P
   GLASS PASSIVATED AUTO RECTIFIERS
PD3518P HY-PD3518P_17 Datasheet
140Kb / 3P
   GLASS PASSIVATED AUTO RECTIFIERS
PD5002P HY-PD5002P_17 Datasheet
140Kb / 3P
   GLASS PASSIVATED AUTO RECTIFIERS
logo
YENYO TECHNOLOGY Co., L...
PL3518GP YENYO-PL3518GP Datasheet
651Kb / 2P
   Glass Passivated Auto Rectifier
logo
Taiwan Semiconductor Co...
1N4001SG TSC-1N4001SG_14 Datasheet
181Kb / 4P
   Glass Passivated Rectifiers
1N5400G TSC-1N5400G_14 Datasheet
199Kb / 4P
   Glass Passivated Rectifiers
logo
Galaxy Semi-Conductor H...
SF21G BILIN-SF21G Datasheet
111Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG Datasheet
34Kb / 2P
   GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com