Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD3503N Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # PD3503N
Description  GLASS PASSIVATED AUTO RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

PD3503N Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  PD3503N Datasheet HTML 1Page - HY ELECTRONIC CORP. PD3503N Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
● Low forward volage drop
● High current capability
● High reliability
● High surge current capability
MECHANICAL
● Case: OFC Heat Sink
● Encap:Epoxy Sealed Rated UL94V-0
● Weight: 7.05gram
P
Black
N
Brown
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ unless otherwise specified.
Single phase,half wave,60HZ,resistive or inductive load .
For capacitive load,deraate current by 20%
Maximum Peak Repetitive Reverse Voltage @Irrm=10uA
V
Maximum RMS Voltage
V
Maximum DC Blocking Voltage (TA=25℃)
V
Peak Forward Surage Current 8.3ms single half sine-wave
superimposed on rated load (JEDEC method)
A
Maximum Inst. Forward Voltage Drop,
IF at 80Amp
V
Operating Temperature Range
Storage Temperature Range
REV. 1, 06-Arp-2012
VF
IR
10
200
140
200
IFSM
FORWARD CURRENT -35 Amperes
UNIT
PD3504P(N)
PD3506P(N)
SYMBOL
MARKING
PD3502P(N)
3502
PD3502P(N) thru PD3506P(N)
400
600
280
3504
3506
VRRM
VRMS
GLASS PASSIVATED AUTO RECTIFIERS
REVERSE VOLTAGE -200 to 600Volts
Ring color
500
CHARACTERISTICS
Maximum Average Forward Current IO@TC=150℃
60HZ,resistive or inductive load
Maximum DC Reverse Current (VB)@TJ=25℃
At Rated DC Bolcking Voltage (VB)@TJ=175℃
420
400
600
uA
-40to+175
VB
I(AV)
A
35
450
1.1
-40to+175
TJ
TSTG
PRESS-FIT
.500(12.70)
.506(12.85)
.409(10.4)
.417(10.6)
.042(10.7)
.044(11.1)
.049(1.25)
.053(1.35)
Φ
Φ
Φ
Φ
Φ
Φ
Φ
Φ


Similar Part No. - PD3503N

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
PD3535 OSRAM-PD3535 Datasheet
212Kb / 11P
   4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
PD3535 OSRAM-PD3535 Datasheet
937Kb / 14P
   Lead (Pb) Free Product - RoHS Compliant
PD3536 OSRAM-PD3536 Datasheet
212Kb / 11P
   4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
PD3536 OSRAM-PD3536 Datasheet
937Kb / 14P
   Lead (Pb) Free Product - RoHS Compliant
PD3537 OSRAM-PD3537 Datasheet
212Kb / 11P
   4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
More results

Similar Description - PD3503N

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
PD3502P HY-PD3502P_17 Datasheet
141Kb / 3P
   GLASS PASSIVATED AUTO RECTIFIERS
PD5018P HY-PD5018P_17 Datasheet
140Kb / 3P
   GLASS PASSIVATED AUTO RECTIFIERS
PD5002P HY-PD5002P Datasheet
41Kb / 2P
   GLASS PASSIVATED AUTO RECTIFIERS
PD3518P HY-PD3518P_17 Datasheet
140Kb / 3P
   GLASS PASSIVATED AUTO RECTIFIERS
PD5002P HY-PD5002P_17 Datasheet
140Kb / 3P
   GLASS PASSIVATED AUTO RECTIFIERS
logo
YENYO TECHNOLOGY Co., L...
PL3518GP YENYO-PL3518GP Datasheet
651Kb / 2P
   Glass Passivated Auto Rectifier
logo
Taiwan Semiconductor Co...
1N4001SG TSC-1N4001SG_14 Datasheet
181Kb / 4P
   Glass Passivated Rectifiers
1N5400G TSC-1N5400G_14 Datasheet
199Kb / 4P
   Glass Passivated Rectifiers
logo
Galaxy Semi-Conductor H...
SF21G BILIN-SF21G Datasheet
111Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG Datasheet
34Kb / 2P
   GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com