Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBT110S Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # SBT110S
Description  SURFACE MOUNT BARRIER BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SBT110S Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  SBT110S Datasheet HTML 1Page - HY ELECTRONIC CORP. SBT110S Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
Flame Retardant Epoxy Molding Compound.
Exceeds environmental standards of MIL-S-19500/228
Low power loss, high efficiency.
Low forward voltage,high efficiency.
High surge capacity.
Super fast recovery times,high voltage.
Epitaxial chip construction.
Lead free in comply with EU RoHS 2002/95/EC directives.
MECHANICAL DATA
Polarity:Symbol molded on body
Mounting position :Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
Maximum Average Forward Current
@TC=50
I(AV)
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 1.0A DC
VF
Maximum DC Reverse Current
@TJ=25
at Rated DC Bolcking Voltage
@TJ=125
Typical Junction Capacitance Per Element (Note1)
CJ
Typical Thermal Resistance (Note3)
RθJA
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
REV. 1, 08-Nov-2012
1A
SURFACE MOUNT SCHOTTKY BARRIER
BRIDGE RECTIFIERS
REVERSE VOLTAGE - 100 Volts
FORWARD CURRENT -1.0 Ampere
V
V
V
100
70
100
SBT110S
Dimensions in inches and (millimeters)
UNIT
SBT110S
IFSM
30
A
V
0.85
IR
0.5
50
mA
/W
pF
85
85
-55 to +150
-55 to +150
NOTES:1.Measured at1.0MHz and applied reverse voltage of 4.0V DC.
BTS
.008(0.2)
.030(0.75)
.018(0.45)
.106(2.7)
.09(2.3)
.197(5.0)
.181(4.6)
.063(1.6)
.047(1.2)
C0.5
.014(.35)
.006(.15)
.071(1.8)
.055(1.4)
-
+
~ ~


Similar Part No. - SBT110S

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
SBT110S HY-SBT110S Datasheet
415Kb / 3P
   Surface Mount Schottky Barrier Bridge Rectifiers
SBT110S HY-SBT110S_V01 Datasheet
415Kb / 3P
   Surface Mount Schottky Barrier Bridge Rectifiers
More results

Similar Description - SBT110S

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
SBT210S HY-SBT210S_17 Datasheet
127Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIERS
SBT110S HY-SBT110S_17 Datasheet
124Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIERS
SBT210S HY-SBT210S_V01 Datasheet
411Kb / 3P
   Surface Mount Schottky Barrier Bridge Rectifiers
SB12S HY-SB12S_V01 Datasheet
407Kb / 3P
   Surface Mount Schottky Barrier Bridge Rectifiers
logo
PACELEADER INDUSTRIAL
KB22S PACELEADER-KB22S Datasheet
294Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
SBT14S HY-SBT14S_V01 Datasheet
415Kb / 3P
   Surface Mount Schottky Barrier Bridge Rectifiers
SBT110S HY-SBT110S_V01 Datasheet
415Kb / 3P
   Surface Mount Schottky Barrier Bridge Rectifiers
SABS36 HY-SABS36 Datasheet
305Kb / 3P
   Surface Mount Schottky Barrier Bridge Rectifiers
SBT210S HY-SBT210S Datasheet
49Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIERS
SB2S HY-SB2S Datasheet
407Kb / 3P
   Surface Mount Schottky Barrier Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com