Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3173 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C3173
Description  4C 14 SOLID BC HALAR OAS FLEX Fire Alarm/Life Safety Cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C3173 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C3173 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: C3173
Date:
10/29/2007
Revision Level:
1
4C 14 SOLID BC HALAR OAS FLEX
Fire Alarm/Life Safety Cable
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
#14 AWG Solid Bare Copper
0.018” Wall Halar
0.020” Wall FLEXGUARD* - Red
0.064” nom.
CAROL (R) 14 AWG - - C3173 - - TYPE FPLP E86522-S (UL) - - MADE IN USA (DATE CODE &
SEQUENTIAL FOOTAGE 1000’ TO 0’)
4C @ 4.00” LHL with mylar wrap, AL / PE & # 22 7/30 TC DW
0.249” nom.
0.100” nom.
0.289" +/- 0.014"
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
SHIELD RESISTANCE:
75C
300V
2.5 Ohms/1000 ft nom
6.2 Ohms/1000 ft nom
National Electrical Code
Article 760
UL Standard 1424
Type FPLP
1
2
3
4
Black
Red
Brown
Blue
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.
*FLEXGUARD is a trademark of General Cable Corporation for polymer alloy insulation and jackets.


Similar Part No. - C3173

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C317320C102D1G5CA KEMET-C317320C102D1G5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C317320C102D1R5CA KEMET-C317320C102D1R5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C317320C102D1U5CA KEMET-C317320C102D1U5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C317320C102D2G5CA KEMET-C317320C102D2G5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C317320C102D2R5CA KEMET-C317320C102D2R5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
More results

Similar Description - C3173

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C3170 GENERAL-C3170 Datasheet
74Kb / 1P
   4C 18 SOLID BC HALAR OAS FLEX Fire Alarm/Life Safety Cable
C3171 GENERAL-C3171 Datasheet
74Kb / 1P
   4C 16 SOLID BC HALAR OAS FLEX Fire Alarm/Life Safety Cable
C3175 GENERAL-C3175 Datasheet
74Kb / 1P
   4C 12 SOLID BC HALAR OAS FLEX Fire Alarm/Life Safety Cable
C3172 GENERAL-C3172 Datasheet
73Kb / 1P
   2C 14 SOLID BC HALAR OAS FLEX Fire Alarm/Life Safety Cable
C3245 GENERAL-C3245 Datasheet
73Kb / 1P
   4C 14 SOLID BC HALAR PVC Fire Alarm/Life Safety Cable
E3604S GENERAL-E3604S Datasheet
74Kb / 1P
   4C 18 SOLID BC FLEX OAS FLEX Fire Alarm/Life Safety Cable
C3167 GENERAL-C3167 Datasheet
73Kb / 1P
   2C 18 SOLID BC HALAR OAS FLEX Fire Alarm/Life Safety Cable
E3614S GENERAL-E3614S Datasheet
74Kb / 1P
   4C 16 SOLID BC FLEX OAS FLEX Fire Alarm/Life Safety Cable
E3634S GENERAL-E3634S Datasheet
74Kb / 1P
   4C 12 SOLID BC FLEX OAS FLEX Fire Alarm/Life Safety Cable
C3174 GENERAL-C3174 Datasheet
73Kb / 1P
   2C 12 SOLID BC HALAR OAS FLEX Fire Alarm/Life Safety Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com