Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRM-10 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # IRM-10
Description  10W Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

IRM-10 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  IRM-10 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. IRM-10 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
DC VOLTAGE
RATED CURRENT
CURRENT RANGE
RATED PO WER
OUTPUT
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME
HOLD UP TIME (Typ.)
VOLTAGE RANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPU T
INRUSH CURRENT (Typ.)
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
WORKING HUMIDITY
WORKING TEMP.
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVER VOLTAGE
AC CURRENT (Typ.)
600ms, 20ms/ 230VAC
1000ms, 20ms/115VAC at full load
30ms/230VAC
8ms/115VAC at full load
85 ~ 264VAC
120 ~ 370VDC
47 ~ 440Hz
78%
74%
82%
13.8 ~ 16.2V
82%
17.25 ~ 20.25V
82%
27.6 ~ 32.4V
0.25A/115VAC
0.15A/230VAC
COLD START 10A/115VAC
20A/230VAC
115%~150% rated output power
5.75 ~ 6.75V
3.8 ~ 4.95V
Protection type : Hiccup mode, recovers automatically after fault condition is removed
I/P-O/P:3KVAC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
20 ~ 90% RH non-condensing
-30 ~ +70℃ (Refer to "Derating Curve")
-40 ~ +85
, 10 ~ 95% RH
±
℃)
0.03%/
(0 ~ 50
10 ~ 500Hz, 5G 10min./1cycle, period for 60min. each along X, Y, Z axes
Khrs min.
MIL-HDBK-217F (25
)
45.5*25.4*21.5mm (L*W*H)
Kg; pcs/Kg/CUFT
File Name:IRM-10-SPEC 2013-03-11
±0.3%
±0.5%
±0.3%
±0.5%
±0.3%
±0.5%
±0.3%
±0.5%
±0.3%
±0.5%
200mVp-p
200mVp-p
240mVp-p
300mVp-p
480mVp-p
5V
3.3V
12V
15V
24V
2A
2.5A
0.85A
0.67A
0.42A
0 ~ 2A
0 ~ 2.5A
0 ~ 0.85A
0 ~ 0.67A
0 ~ 0.42A
10W
8.25W
10.2W
10.05W
10.08W
IRM-10-5
IRM-10-12
IRM-10-15
IRM-10-2 4
IRM-10-3.3
SAFETY STANDARDS
10W Output Switching Power Supply
I R M - 1 0 series
 
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
              
  
                       
           
                         
 
ENVIRONMENT
SAFE TY &
EMC
(Note 4)
PROTECTION
Protection type : Shut off o/p voltage, clamping by zener diode
Compliance to EN55022 (CISPR22) Class B, EN61000-3-2,-3
Compliance to EN61000-4-2,3,4,5,6,8,11, EN55024, heavy industry level, criteria A
UL60950-1, TUV EN60950-1 approved
     
 
       
    
 
   
    
 
  
±2.0%
±2.0%
±2.0%
±2.0%
±2.0%
EMC IMMUNITY
EMC EMISSION
LEAKAGE CURRENT
< 0.75mA/240VAC
Bauar
Sicher heit
egel
ge
ma
t gepr uf t
od
b e
www.
ID 200000 0000
tuv .com
w ac
g
o s


Similar Part No. - IRM-10

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
IRM-10 DIWELL-IRM-10 Datasheet
155Kb / 2P
   10W Output Switching IRM-10 series Power Supply
2013-07-09
More results

Similar Description - IRM-10

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PM-10 MEANWELL-PM-10 Datasheet
246Kb / 2P
   10W Output Switching Power Supply
PM-10 MEANWELL-PM-10_10 Datasheet
249Kb / 2P
   10W Output Switching Power Supply
NFM-10 MEANWELL-NFM-10 Datasheet
260Kb / 2P
   10W Output Switching Power Supply
NFM-10 MEANWELL-NFM-10_09 Datasheet
262Kb / 2P
   10W Output Switching Power Supply
NFM-10 MEANWELL-NFM-10_12 Datasheet
277Kb / 2P
   10W Output Switching Power Supply
PM-10 MEANWELL-PM-10_12 Datasheet
263Kb / 2P
   10W Output Switching Power Supply
logo
DIWELL Electronics Co.,...
IRM-10 DIWELL-IRM-10 Datasheet
155Kb / 2P
   10W Output Switching IRM-10 series Power Supply
2013-07-09
logo
Mean Well Enterprises C...
MDR-10 MEANWELL-MDR-10 Datasheet
234Kb / 2P
   10W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-S10 ALTECH-PS-S10 Datasheet
563Kb / 2P
   10W Single Output Industrial DIN Rail Power Supply
logo
MicroPower Direct, LLC
MPM-10SV MPD-MPM-10SV Datasheet
825Kb / 4P
   10W Output Power
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com