Selected language     English  ▼


W005G_06 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. W005G_06
Description  Glass Passivated Single-Phase Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

   
 1 page
background image
Vishay General Semiconductor
W005G thru W10G
Document Number 88769
11-Oct-06
www.vishay.com
1
Glass Passivated Single-Phase Bridge Rectifier
FEATURES
• UL Recognition, file number E54214
• Ideal for printed circuit boards
• Typical IR less than 0.1 µA
• High case dielectric strength
• High surge current capability
• Solder Dip 260 °C, 40 seconds
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
General purpose use in ac-to-dc bridge full wave
rectification for Power Supply, Adapter,
Charger,
Lighting
Ballaster
on
Consumers
and
Home
Appliances applications.
MECHANICAL DATA
Case: WOG
Epoxy meets UL 94V-0 flammability rating
Terminals:
Silver
plated
leads,
solderable
per
J-STD-002B and JESD22-B102D
E4 suffix for commercial grade
Polarity: As marked on body
Case Style WOG
MAJOR RATINGS AND CHARACTERISTICS
IF(AV)
1.5 A
VRRM
50 V to 1000 V
IFSM
50 A
IR
5 µA
VF
1.0 V
Tj max.
150 °C
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL W005G
W01G
W02G
W04G
W06G
W08G
W10G
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current at
0.375" (9.5 mm) lead length at TA = 25 °C
IF(AV)
1.5
A
Peak forward surge current single sine-wave
superimposed on rated load
IFSM
50
A
Rating for fusing (t < 8.3 ms)
I2t
10
A2sec
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl