Selected language     English  ▼


W005G_06 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. W005G_06
Description  Glass Passivated Single-Phase Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

   
 2 page
background image
www.vishay.com
2
Document Number 88769
11-Oct-06
Vishay General Semiconductor
W005G thru W10G
Note:
(1) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5 mm) lead length P.C.B. mounting.
P.C.B size 0.22 x 0.22" (5.5 x 5.5 mm)
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST
CONDITIONS
SYMBOL
W005G
W01G
W02G
W04G
W06G
W08G
W10G
UNIT
Maximum instantaneous forward
voltage drop per diode
at 1.0 A
VF
1.0
V
Maximum DC reverse current at rated
DC blocking voltage per diode
TA = 25 °C
TA = 125 °C
IR
5.0
500
µA
Typical junction capacitance per diode at 4.0 V, 1 MHz
CJ
14
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
W005G
W01G
W02G
W04G
W06G
W08G
W10G
UNIT
Typical thermal resistance (1)
RθJA
RθJL
36
11
°C/W
ORDERING INFORMATION
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
W06G-E4/51
1.12
51
100
Plastic Bag
Figure 1. Derating Curve Output Rectified Current
20
40
60
80
100
120
140
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
150
Capacitive Load
5.0
10
20
=
I(pk)
I(AV)
P.C.B.
0.375"
(9.5 mm)
60 Hz
Resistive or
Inductive Load
Copper Pads
0.22 x 0.22"
(5.5 x 5.5 mm)
Ambient Temperature (°C)
Figure 2. Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
1
0
10
40
50
60
30
20
10
100
1.0 Cycle
Number of Cycles at 60 Hz
TA = 25 °C
Single Sine-Wave




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl