Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EQCO62T20 Datasheet(PDF) 2 Page - EqcoLogic

Part # EQCO62T20
Description  EqcoLogic Transceivers for CoaXPress Camera Solutions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EQCOLOGIC [EqcoLogic]
Direct Link  http://www.eqcologic.com
Logo EQCOLOGIC - EqcoLogic

EQCO62T20 Datasheet(HTML) 2 Page - EqcoLogic

  EQCO62T20 Datasheet HTML 1Page - EqcoLogic EQCO62T20 Datasheet HTML 2Page - EqcoLogic  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Specifications
CoaXPress Interface
Downlink Data Throughput
1.25 – 6.25 Gbps (EQCO62x20) / 1.25 – 3.125 Gbps (EQCO31x20)
Uplink Data Throughput
20 Mbps
Power Over Coax
Up to 13 W
Characteristics
Power supply
Single 1.2 V supply
Power Consumption
70 mW per chip
Temperature Range
-40 - +85 ˚C
Package
16 pin QFN 4 mm, Pb-free and RoHS compliant
Performance
Performance Specifications
Sales Contact:
Peter Helfet: phone +32 2 629 1301
Email: phelfet@eqcologic.com
Sales Contact:
Peter Helfet: phone +32 2 629 1301
Email: phelfet@eqcologic.com
Sales Contact:
Peter Helfet: phone +32 2 629 1301
Email: phelfet@eqcologic.com
Sales Contact:
Zeph Freeman: phone +1 -972-345-3477
Email: zfreeman@eqcologic.com
EqcoLogic NV/SA
Brussels Business Base
Ransbeekstraat 230
1120 Brussels, Belgium


Similar Part No. - EQCO62T20

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EQCO62T20.3 MICROCHIP-EQCO62T20.3 Datasheet
1Mb / 32P
   EQCO62T20.3 6.25 Gbps Asymmetric Coax Driver
07/14/15
EQCO62T20.3-TRAY MICROCHIP-EQCO62T20.3-TRAY Datasheet
1Mb / 32P
   EQCO62T20.3 6.25 Gbps Asymmetric Coax Driver
07/14/15
More results

Similar Description - EQCO62T20

ManufacturerPart #DatasheetDescription
logo
EqcoLogic
EQCO-FW7501 EQCOLOGIC-EQCO-FW7501 Datasheet
475Kb / 3P
   EqcoLogic 1394b dongles for long-haul over Coaxial Cable
logo
List of Unclassifed Man...
SDUFD2AB-4096 ETC2-SDUFD2AB-4096 Datasheet
1,005Kb / 2P
   Solutions for Storage
logo
Molex Electronics Ltd.
987650-9341 MOLEX-987650-9341 Datasheet
536Kb / 7P
   Accelerate state-of-the-art camera module developments with feature-packed camera socket solutions for serial and parallel data applications
2012.07
logo
EqcoLogic
EQCO-SDI30-7501 EQCOLOGIC-EQCO-SDI30-7501 Datasheet
543Kb / 2P
   EqcoLogic HD-SDI Repeaters for long-haul digital HD-CCTV
logo
List of Unclassifed Man...
SP22GS-10K ETC2-SP22GS-10K Datasheet
146Kb / 2P
   Solutions for Industrial Automation
logo
Toshiba Semiconductor
TA8313F TOSHIBA-TA8313F Datasheet
103Kb / 3P
   LED DRIVER FOR CAMERA
logo
Rohm
BD86852MUF-C ROHM-BD86852MUF-C Datasheet
2Mb / 46P
   PMIC for Automotive Camera
logo
Toshiba Semiconductor
TA8304F TOSHIBA-TA8304F Datasheet
133Kb / 4P
   MOTOR DRIVER FOR CAMERA
TA8303F TOSHIBA-TA8303F Datasheet
134Kb / 4P
   MOTOR DRIVER FOR CAMERA
TA8312F TOSHIBA-TA8312F Datasheet
110Kb / 3P
   MOTOR DRIVER FOR CAMERA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com