Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL460_1.2 Datasheet(PDF) 11 Page - AverLogic Technologies Inc

Part # AL460_1.2
Description  Full HD FIFO Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL460_1.2 Datasheet(HTML) 11 Page - AverLogic Technologies Inc

Back Button AL460_1.2 Datasheet HTML 6Page - AverLogic Technologies Inc AL460_1.2 Datasheet HTML 7Page - AverLogic Technologies Inc AL460_1.2 Datasheet HTML 8Page - AverLogic Technologies Inc AL460_1.2 Datasheet HTML 9Page - AverLogic Technologies Inc AL460_1.2 Datasheet HTML 10Page - AverLogic Technologies Inc AL460_1.2 Datasheet HTML 11Page - AverLogic Technologies Inc AL460_1.2 Datasheet HTML 12Page - AverLogic Technologies Inc AL460_1.2 Datasheet HTML 13Page - AverLogic Technologies Inc AL460_1.2 Datasheet HTML 14Page - AverLogic Technologies Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AL460 HD FIFO Datasheet
©2007~2010 by AverLogic Technologies, Corp.
V1.2
11/14
* Operating condition: WCLK = RCLK = 150 MHz; Data toggle rate = 20 MHz
IDD33
Operating Current
62
mA
IDD25
Operating Current
125
mA
IDD25M
Operating Current
55
mA
* Operating condition: WCLK = RCLK = 75 MHz; Data toggle rate = 20 MHz
ISB33
Standby Current
4
mA
ISB25
Standby Current
80
mA
ISB25M
Standby Current
25
mA
* Standby condition: WCLK = RCLK = 0 MHz
VOH
Hi-level Output Voltage
VD33-0.4
V
VOL
Lo-level Output Voltage
0.4
V
ILI
Input Leakage Current (No pull-up or
pull-down)
-10
+10
μA
ILO
Output Leakage Current (No pull-up or
pull-down)
-10
+10
μA
RL
Input Pull-up/Pull-down Resistance
60
K
Ω


Similar Part No. - AL460_1.2

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL460A-13-EVB-A0 AVERLOGIC-AL460A-13-EVB-A0 Datasheet
2Mb / 2P
   High Speed Memory Buffer for HD Video Applications
AL460A-13-PBF AVERLOGIC-AL460A-13-PBF Datasheet
2Mb / 2P
   High Speed Memory Buffer for HD Video Applications
AL460A-7-EVB-A0 AVERLOGIC-AL460A-7-EVB-A0 Datasheet
2Mb / 2P
   High Speed Memory Buffer for HD Video Applications
AL460A-7-EVB-A2 AVERLOGIC-AL460A-7-EVB-A2 Datasheet
2Mb / 2P
   High Speed Memory Buffer for HD Video Applications
AL460A-7-PBF AVERLOGIC-AL460A-7-PBF Datasheet
2Mb / 2P
   High Speed Memory Buffer for HD Video Applications
More results

Similar Description - AL460_1.2

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL462 AVERLOGIC-AL462 Datasheet
3Mb / 38P
   Ultra HD FIFO Memory
logo
LUXPIA
LF4460 LUXPIA-LF4460 Datasheet
1Mb / 32P
   Video Memory / FIFO
logo
Mitsubishi Electric Sem...
M66850J MITSUBISHI-M66850J Datasheet
118Kb / 15P
   SRAM TYPE FIFO MEMORY
logo
List of Unclassifed Man...
VT7203 ETC-VT7203 Datasheet
431Kb / 8P
   2,048 X 9 FIFO MEMORY
logo
AverLogic Technologies ...
AL422B AVERLOGIC-AL422B_V01 Datasheet
1Mb / 20P
   3M-Bits FIFO Field Memory
logo
List of Unclassifed Man...
VT7202 ETC-VT7202 Datasheet
431Kb / 8P
   1,024 X 9 FIFO MEMORY
AL422 ETC1-AL422 Datasheet
254Kb / 20P
   AL422 3M-Bits FIFO Field Memory
logo
3PEAK INC.
TPF147 3PEAK-TPF147 Datasheet
1Mb / 13P
   TPF147 Selectable One HD/Full-HD Video Filter
logo
Fairchild Semiconductor
3341 FAIRCHILD-3341 Datasheet
174Kb / 3P
   64 x 4 FIFO Serial Memory
logo
Renesas Technology Corp
M66252P RENESAS-M66252P Datasheet
2Mb / 12P
   1152*8-BIT LINE MEMORY(FIFO)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com