Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL460 Datasheet(PDF) 8 Page - AverLogic Technologies Inc

Part # AL460
Description  Full HD FIFO Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL460 Datasheet(HTML) 8 Page - AverLogic Technologies Inc

Back Button AL460 Datasheet HTML 4Page - AverLogic Technologies Inc AL460 Datasheet HTML 5Page - AverLogic Technologies Inc AL460 Datasheet HTML 6Page - AverLogic Technologies Inc AL460 Datasheet HTML 7Page - AverLogic Technologies Inc AL460 Datasheet HTML 8Page - AverLogic Technologies Inc AL460 Datasheet HTML 9Page - AverLogic Technologies Inc AL460 Datasheet HTML 10Page - AverLogic Technologies Inc AL460 Datasheet HTML 11Page - AverLogic Technologies Inc AL460 Datasheet HTML 12Page - AverLogic Technologies Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AL460 HD FIFO Datasheet
©2007~2010 by AverLogic Technologies, Corp.
V1.2
8/14
20, 22, 24, 45, 59~63, 73,
75, 77, 79, 81, 83, 85, 87,
89, 91, 93, 95, 97, 100,
101, 108, 116
Miscellaneous Signals
Pin name
Pin number
I/O
type
Description
RSTN
32
I
Global reset (active Low)
PLRTY
33
I
Select active polarity of the control signals including
WEN, REN, WRST, RRST, IE, OE, ROEN and ROINV
(total of 8 signals)
PLRTY = VD33, active low.
PLRTY = GND, active high.
Note: during memory operation, the pin must be
permanently connected to VD33 or GND. If PLRTY level
is changed during memory operation, memory data is not
guaranteed.
XIN
67
I
Crystal input
XOUT
68
O
Crystal output
CSEL[1:0]
65, 66
I
Crystal input frequency select pins
“00” - 11.059200 MHz
“01” - 20.000000 MHz
“10” - 24.576000 MHz
“11” – 14.318180 MHz
* Minimum crystal frequency accuracy:
±100 ppm
VREF
72
AI
Reference voltage input
* Please refer to “External decoupling circuit” application
note for details
VREF2
25
AI
Reference voltage input 2
* Please refer to “External decoupling circuit” application
note for details
TFEN
96
I
Two frame mode enable:
“0” – Standard FIFO Mode
“1” – Two Frame Mode
TEST
1
I
Test pin (pull-down for normal operation)
SCAN
2
I
Scan mode Enable (pull-down for normal operation)
NC
26~31, 64, 69
-
No connect


Similar Part No. - AL460

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL460 AVERLOGIC-AL460 Datasheet
2Mb / 2P
   High Speed Memory Buffer for HD Video Applications
AL460A-13-EVB-A0 AVERLOGIC-AL460A-13-EVB-A0 Datasheet
2Mb / 2P
   High Speed Memory Buffer for HD Video Applications
AL460A-13-PBF AVERLOGIC-AL460A-13-PBF Datasheet
2Mb / 2P
   High Speed Memory Buffer for HD Video Applications
AL460A-7-EVB-A0 AVERLOGIC-AL460A-7-EVB-A0 Datasheet
2Mb / 2P
   High Speed Memory Buffer for HD Video Applications
AL460A-7-EVB-A2 AVERLOGIC-AL460A-7-EVB-A2 Datasheet
2Mb / 2P
   High Speed Memory Buffer for HD Video Applications
More results

Similar Description - AL460

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL462 AVERLOGIC-AL462 Datasheet
3Mb / 38P
   Ultra HD FIFO Memory
logo
LUXPIA
LF4460 LUXPIA-LF4460 Datasheet
1Mb / 32P
   Video Memory / FIFO
logo
Mitsubishi Electric Sem...
M66850J MITSUBISHI-M66850J Datasheet
118Kb / 15P
   SRAM TYPE FIFO MEMORY
logo
List of Unclassifed Man...
VT7203 ETC-VT7203 Datasheet
431Kb / 8P
   2,048 X 9 FIFO MEMORY
logo
AverLogic Technologies ...
AL422B AVERLOGIC-AL422B_V01 Datasheet
1Mb / 20P
   3M-Bits FIFO Field Memory
logo
List of Unclassifed Man...
VT7202 ETC-VT7202 Datasheet
431Kb / 8P
   1,024 X 9 FIFO MEMORY
AL422 ETC1-AL422 Datasheet
254Kb / 20P
   AL422 3M-Bits FIFO Field Memory
logo
3PEAK INC.
TPF147 3PEAK-TPF147 Datasheet
1Mb / 13P
   TPF147 Selectable One HD/Full-HD Video Filter
logo
Fairchild Semiconductor
3341 FAIRCHILD-3341 Datasheet
174Kb / 3P
   64 x 4 FIFO Serial Memory
logo
Renesas Technology Corp
M66252P RENESAS-M66252P Datasheet
2Mb / 12P
   1152*8-BIT LINE MEMORY(FIFO)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com