Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3290LF Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3290LF
Description  CABLE ASSEMBLY RG188A/U MCX PLUG TO MCX PLUG(LEAD FREE)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3290LF Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3290LF Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MCX PLUG
RG188A/U
MCX PLUG
PE3290LF-XX
CABLE ASSEMBLY, RG188A/U, MCX PLUG
TO MCX PLUG (LEAD FREE)
50 OHM
50 OHM
50 OHM
MCX PLUG
MCX PLUG
SCALE N/A
DWG TITLE
CAD FILE
147
FSCM NO. 53919
REV. A
DES.
NOTES:
1. UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL.
2. ALL SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE AT ANY TIME.
021308
SIZE A
3. DIMENSIONS ARE IN INCHES.
Standard Lengths
-12
-24
-36
-48
-60
-XXX
12''
24"
36"
48"
60"
Custom Length in inches
COMPONENTS
IMPEDANCE
4. LENGTH TOLERANCE IS ± 1.5% OR ± 3/8, WHICHEVER IS GREATER.


Similar Part No. - PE3290LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3290 PASTERNACK-PE3290 Datasheet
240Kb / 1P
   CABLE ASSEBLY RG188A/U MCX PLUG TO MCX PLUG
More results

Similar Description - PE3290LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3299LF PASTERNACK-PE3299LF Datasheet
227Kb / 1P
   CABLE ASSEMBLY RG188A/U MCX PLUG RIGHT ANGLE TO MCX PLUG RIGHT ANGLE(LEAD FREE)
PE3290 PASTERNACK-PE3290 Datasheet
240Kb / 1P
   CABLE ASSEBLY RG188A/U MCX PLUG TO MCX PLUG
PE3297LF PASTERNACK-PE3297LF Datasheet
157Kb / 1P
   CABLE ASSEMBLY RG316/U MCX PLUG TO MCX PLUG TO MCX PLUG(LEAD FREE SOLDER)
PE3311LF PASTERNACK-PE3311LF Datasheet
254Kb / 1P
   CABLE ASSEMBLY RG196A/U MCX PLUG RIGHT ANGLE TO MCX PLUG(LEAD FREE)
PE3316LF PASTERNACK-PE3316LF Datasheet
227Kb / 1P
   CABLE ASSEMBLY RG316/U MCX PLUG RIGHT ANGLE TO MCX PLUG(LEAD FREE)
PE3299 PASTERNACK-PE3299 Datasheet
247Kb / 1P
   CABLE ASSEMBLY, RG188A/U, MCX PLUG RIGHT ANGLE TO MCX PLUG RIGHT ANGLE
PE3309LF PASTERNACK-PE3309LF Datasheet
255Kb / 1P
   CABLE ASSEBLY RG188A/U MCX PLUG RIGHT ANGLE TO MCX PLUG
PE3295 PASTERNACK-PE3295 Datasheet
238Kb / 1P
   CABLE ASSEMBLY RG174/U MCX PLUG TO MCX PLUG TO MCX PLUG
PE3293 PASTERNACK-PE3293 Datasheet
239Kb / 1P
   CABLE ASSEMBLY, RG196A/U, MCX PLUG TO MCX PLUG
PE3293LF PASTERNACK-PE3293LF Datasheet
228Kb / 1P
   CABLE ASSEMBLY RG196A/U MCX PLUG TO MCX PLUG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com