Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W2H15C1038AT Datasheet(PDF) 2 Page - AVX Corporation

Part # W2H15C1038AT
Description  High Current Feedthry Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

W2H15C1038AT Datasheet(HTML) 2 Page - AVX Corporation

  W2H15C1038AT Datasheet HTML 1Page - AVX Corporation W2H15C1038AT Datasheet HTML 2Page - AVX Corporation W2H15C1038AT Datasheet HTML 3Page - AVX Corporation W2H15C1038AT Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
6
High Current Feedthru Capacitors
W2H/W3H Series
ELECTRICAL PARAMETERS
Insulation Resistance
1000 mOhms Minimum
DC Resistance
<150 mOhms
Operating Temperature
-55C to +125C
CAPACITOR VALUES
Part Number
Size
Dielectric
Capacitance
Tolerance
Voltage
Current
W2H13C 104 8AT
0805
X7R
100,000pF
+50%, -20%
25V
2A
W2H15C 473 8AT
0805
X7R
47,000pF
+50%, -20%
50V
2A
W2H15C 223 8AT
0805
X7R
22,000pF
+50%, -20%
50V
1A
W2H15C 103 8AT
0805
X7R
10,000pF
+50%, -20%
50V
1A
W2H15C 102 8AT
0805
X7R
1,000pF
+50%, -20%
50V
1A
W2H11A 471 8AT
0805
NP0
470pF
+50%, -20%
100V
0.5A
W2H11A 221 8AT
0805
NP0
220pF
+50%, -20%
100V
0.5A
W2H11A 101 8AT
0805
NP0
100pF
+50%, -20%
100V
0.5A
W2H11A 470 8AT
0805
NP0
47pF
+50%, -20%
100V
0.5A
W2H11A 220 8AT
0805
NP0
22pF
+50%, -20%
100V
0.5A
W3H13C 104 8AT
0612
X7R
100,000pF
+50%, -20%
25V
up to 5A
W3H15C 473 8AT
0612
X7R
47,000pF
+50%, -20%
50V
up to 5A
W3H15C 223 8AT
0612
X7R
22,000pF
+50%, -20%
50V
up to 4A
W3H15C 103 8AT
0612
X7R
10,000pF
+50%, -20%
50V
up to 3A
W3H11A 471 8AT
0612
NP0
470pF
+50%, -20%
100V
up to 4A
W3H11A 221 8AT
0612
NP0
220pF
+50%, -20%
100V
up to 4A
W3H11A 101 8AT
0612
NP0
100pF
+50%, -20%
100V
up to 4A
W3H11A 470 8AT
0612
NP0
47pF
+50%, -20%
100V
up to 3A
W3H11A 220 8AT
0612
NP0
22pF
+50%, -20%
100V
up to 3A


Similar Part No. - W2H15C1038AT

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
W2H15C1038AT AVX-W2H15C1038AT Datasheet
196Kb / 4P
   High Current Feedthru Capacitors
W2H15C1038AT AVX-W2H15C1038AT Datasheet
196Kb / 4P
   h Current Feedthru Capacitors
More results

Similar Description - W2H15C1038AT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UNL4W30K-F ETC2-UNL4W30K-F Datasheet
436Kb / 4P
   ElectroFilm High Current Capacitors
logo
AVX Corporation
W2H AVX-W2H_13 Datasheet
196Kb / 4P
   High Current Feedthru Capacitors
logo
Cornell Dubilier Electr...
UNL4W30K-F CDE-UNL4W30K-F Datasheet
436Kb / 4P
   ElectroFilm High Current Capacitors
logo
AVX Corporation
W2H13C1048AT AVX-W2H13C1048AT Datasheet
196Kb / 4P
   High Current Feedthru Capacitors
logo
Cornell Dubilier Electr...
DPFF2S12J-F CDE-DPFF2S12J-F Datasheet
133Kb / 3P
   High AC Current Polypropylene Film Capacitors
logo
Vishay Siliconix
120ATC VISHAY-120ATC_12 Datasheet
204Kb / 7P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 13-Dec-12
120ATC VISHAY-120ATC Datasheet
266Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 28-Oct-05
120ATC VISHAY-120ATC_08 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
logo
Cornell Dubilier Electr...
935C CDE-935C Datasheet
231Kb / 5P
   High Current Capacitors for Switching Power Supplies
logo
Vishay Siliconix
120ATC VISHAY-120ATC_V01 Datasheet
196Kb / 7P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com