Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3127 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # W3127
Description  ISM 433MHz Helical Antenna
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W3127 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  W3127 Datasheet HTML 1Page - Pulse A Technitrol Company W3127 Datasheet HTML 2Page - Pulse A Technitrol Company W3127 Datasheet HTML 3Page - Pulse A Technitrol Company W3127 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2007. All Rights Reserved.
Pulse Finland Oy
Takatie 6
90440
Kempele, Finland
Tel: +358 207 935 500
Fax: +358 207 935 501
www.pulseeng.com/antennas
W3127 Datasheet version 1.2. ISM 433MHz Helical Antenna. (04/08).
ISM 433MHz Helical Antenna
Ground cleared under antenna, clearance area 8.50x40.00 mm. Pulse Part Number: W3127
Feed contact
Tuning component
(fine tuning)
Tuning component
(raw tuning)
Matching component
Feed line 50 Ω
Ground via hole
Ground Clearance Area (8.50 x 40.00 mm)
all metallization should be removed from
all PWB layers
40 mm
25.00
4.60
4.00
ø 5.00
35.35
Helix
2
1
Scale 3:1
0 Ω
12 nH
6.8 nH
Terminal Configuration
PWB Layout
Terminal Configuration and Antenna Dimensions
Feed contact
Tuning component
(fine tuning)
Tuning component
(raw tuning)
Matching component
Feed line 50 Ω
Ground via hole
Ground Clearance Area (8.50 x 40.00 mm)
all metallization should be removed from
all PWB layers
40 mm
25.00
4.60
4.00
ø 5.00
35.35
Helix
2
1
Scale 3:1
0 Ω
12 nH
6.8 nH
AntennaFeatures
No.
Terminal
Name
Terminal
Dimensions
1
Feed
terminal
Wirediameter
0.8mm
2
Support
Diameter2.5mm,
length2.6mm
MatchingcircuitneedstoplacedonPCBclosetoantennafeedterminal.
Matchingcomponentvaluesdependondeviceconstruction;size,surroundingmechanics,materialsetc..


Similar Part No. - W3127

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3127 PULSE-W3127_14 Datasheet
1Mb / 4P
   ISM 433MHz Helical Antenna
More results

Similar Description - W3127

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3127 PULSE-W3127_14 Datasheet
1Mb / 4P
   ISM 433MHz Helical Antenna
W3126 PULSE-W3126 Datasheet
966Kb / 4P
   ISM 315MHz Helical Antenna
W3113 PULSE-W3113 Datasheet
729Kb / 3P
   ISM 900MHz Helical SMD-Antenna
W3112A PULSE-W3112A Datasheet
545Kb / 3P
   ISM 900MHz Helical SMD-Antenna
logo
Taoglas antenna solutio...
TI100111 TAOGLAS-TI100111 Datasheet
136Kb / 5P
   433MHz ISM Band Terminal Antenna
logo
List of Unclassifed Man...
TI100422 ETC2-TI100422 Datasheet
374Kb / 6P
   433MHz ISM Band Helical Antenna Omni-directional, with a peak gain of 0dBi
FXP240070100A ETC2-FXP240070100A Datasheet
368Kb / 5P
   433MHz ISM Band Flex Circuit Antenna
logo
Pulse A Technitrol Comp...
W3100X PULSE-W3100X Datasheet
2Mb / 31P
   ISM 169/433/868/915/2450MHz Helical Antenna
logo
List of Unclassifed Man...
FW.43.B.SMA-.M ETC2-FW.43.B.SMA-.M Datasheet
3Mb / 11P
   External ISM Band 433MHz
TRW-4432-433 ETC2-TRW-4432-433 Datasheet
351Kb / 6P
   433MHz ISM Transceiver Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com