Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3538M0150 Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # W3538M0150
Description  Penta-Band Stand Alone PWB Antenna
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W3538M0150 Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  W3538M0150 Datasheet HTML 1Page - Pulse A Technitrol Company W3538M0150 Datasheet HTML 2Page - Pulse A Technitrol Company W3538M0150 Datasheet HTML 3Page - Pulse A Technitrol Company W3538M0150 Datasheet HTML 4Page - Pulse A Technitrol Company W3538M0150 Datasheet HTML 5Page - Pulse A Technitrol Company W3538M0150 Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
W3538 Datasheet version 1.0 Penta-Band stand alone PWB antenna. (04/10)
© 2010. All Rights Reserved.
Penta-Band Stand Alone PWB Antenna
Pulse Part Number: W3538
Pulse Finland Oy
Takatie 6
90440 Kempele, Finland
Tel. +358 207 935 500
Fax:+358 207 935 501
Pulse Antennas USA
12220 World Trade Drive
San Diego, CA 92128, USA
Tel. +1 858 674 8100
Fax +1 858 385 8003
Pulse GmbH & Co. KG
Postfach 1255
71071 Herrenberg
Germany
Tel. +49 (0) 7032 7806 0
Fax + 49 (0) 7032 7806 12
Pulse (Suzhou) Wireless Products Co., Ltd
No.99 Huo Ju Road (No.29 Building, 4th phase)
Suzhou New District Science & Technology Industrial Park,
Jiangsu Province, Suzhou 215009, P.R. CHINA
Tel. +86 512 6807 9998
Fax +86 512 6809 8023
Cable and Connector Configuration
Antennafeedcable:1.13mmODwithHiroseconnector(U.FLseries,MHFcompatible),1.13ODwithMMCX
rightanglejack(male),0.81mmODwithMurataGSCconnector,0.81mmODwithSunridgeMCDconnector
HiroseU.FL
connector
MurataGSC
connector
MMCXright
anglejack
(male)
Sunridge
MCD
connector
Cablelengths:150,200and300mm


Similar Part No. - W3538M0150

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3538M0150 PULSE-W3538M0150 Datasheet
1Mb / 19P
   824-960/1710-2170MHz 2G/3G Pentaband PCB antenna with coax feed
More results

Similar Description - W3538M0150

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3538 PULSE-W3538_14 Datasheet
1Mb / 6P
   Penta-Band Stand Alone PWB Antenna
logo
ATMEL Corporation
ATA5278 ATMEL-ATA5278_07 Datasheet
603Kb / 34P
   Stand-alone Antenna Driver
ATA5277 ATMEL-ATA5277 Datasheet
330Kb / 20P
   STAND-ALONE ANTENNA DRIVER
ATA5278 ATMEL-ATA5278_06 Datasheet
602Kb / 34P
   Stand-alone Antenna Driver
ATA5278 ATMEL-ATA5278 Datasheet
484Kb / 33P
   STAND-ALONE ANTENNA DRIVER
logo
Molex Electronics Ltd.
PS-105263-002 MOLEX-PS-105263-002 Datasheet
585Kb / 6P
   Cellular 6 band stand alone antenna (106.7mm*13.0mm)
2014-02-10
logo
Pulse A Technitrol Comp...
W1910 PULSE-W1910 Datasheet
642Kb / 4P
   Penta Band Stubby Antenna
logo
List of Unclassifed Man...
PC104070165C ETC2-PC104070165C Datasheet
1Mb / 10P
   Penta-Band PCB Antenna
logo
Pulse A Technitrol Comp...
W3502 PULSE-W3502 Datasheet
425Kb / 4P
   Internal Quad Band PWB Antenna
W3501 PULSE-W3501 Datasheet
1Mb / 8P
   Internal Quad Band PWB Antenna
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com