Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJA1086 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TJA1086
Description  FlexRay active star coupler
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1086 Datasheet(HTML) 2 Page - NXP Semiconductors

  TJA1086 Datasheet HTML 1Page - NXP Semiconductors TJA1086 Datasheet HTML 2Page - NXP Semiconductors TJA1086 Datasheet HTML 3Page - NXP Semiconductors TJA1086 Datasheet HTML 4Page - NXP Semiconductors TJA1086 Datasheet HTML 5Page - NXP Semiconductors TJA1086 Datasheet HTML 6Page - NXP Semiconductors TJA1086 Datasheet HTML 7Page - NXP Semiconductors TJA1086 Datasheet HTML 8Page - NXP Semiconductors TJA1086 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
TJA1086
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 18 April 2013
2 of 62
NXP Semiconductors
TJA1086
FlexRay active star coupler
Local wake-up via pin LWU
Wake-up source recognition
configurable per branch
Enhanced supply voltage monitoring on VIO, VCC, VBUF and VBAT
Auto I/O level adaptation to host controller supply voltage VIO
Can be used in 14 V, 24 V and 48 V powered systems
Enhanced bus error detection - detects short-circuit conditions on the bus
Instant transmitter shut-down interface (BGE pin)
Selective branch shut-down (partial networking)
2.3 Robustness
Bus pins protected against
8 kV ESD pulses according to HBM and 6 kV ESD
pulses according to IEC61000-4-2
All pins protected against
1000 V ESD according to CDM
All pins protected against
200 V ESD according to MM
No reverse currents from the digital input pins to VIO or VCC when the TJA1086 is not
powered up
Bus pins short-circuit proof to battery voltage (14 V, 24 V or 48 V) and ground
Overtemperature detection and protection
Bus pins protected against transients in automotive environment (according to ISO
7637 class C)
2.4 Active star functional classes
Active star - communication controller interface
Active star - bus guardian interface
Active star - voltage regulator control
Active star - logic level adaptation
Active star - host interface
Active star - increased voltage amplitude transmitter
3.
Ordering information
Table 1.
Ordering information
Type number
Package
Name
Description
Version
TJA1086HN
HVQFN44
plastic thermal enhanced very thin quad flat package; no leads; 44 terminals;
body 9
 9  0.85 mm
SOT1113-1


Similar Part No. - TJA1086

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1086G NXP-TJA1086G Datasheet
403Kb / 64P
   FlexRay active star coupler
Rev. 1-13 July 2017
TJA1086GHN NXP-TJA1086GHN Datasheet
403Kb / 64P
   FlexRay active star coupler
Rev. 1-13 July 2017
More results

Similar Description - TJA1086

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1085G NXP-TJA1085G Datasheet
851Kb / 63P
   FlexRay active star coupler
Rev. 1-28 February 2017
TJA1085 NXP-TJA1085 Datasheet
963Kb / 61P
   FlexRay active star coupler
Rev. 1-23 October 2012
TJA1086G NXP-TJA1086G Datasheet
403Kb / 64P
   FlexRay active star coupler
Rev. 1-13 July 2017
logo
ELMOS Semiconductor AG
E910.56 ELMOS-E910.56 Datasheet
194Kb / 2P
   FlexRay??Star Coupler
logo
OPLINK Communications I...
SWTC OPLINK-SWTC Datasheet
354Kb / 2P
   Windband Tree/star Coupler
logo
NXP Semiconductors
TJA1080 PHILIPS-TJA1080 Datasheet
209Kb / 44P
   FlexRay transceiver
Rev. 01-20 July 2006
TJA1080A NXP-TJA1080A Datasheet
232Kb / 50P
   FlexRay transceiver
Rev. 02-26 August 2008
logo
Infineon Technologies A...
TLE9222 INFINEON-TLE9222_17 Datasheet
1Mb / 43P
   FlexRay Transceiver
Rev. 1.2 2017-10-17
logo
OPLINK Communications I...
DWTC-S0157 OPLINK-DWTC-S0157 Datasheet
205Kb / 2P
   Dual Windows, Single Mode Windband Tree/star Coupler
SWTC314P OPLINK-SWTC314P Datasheet
171Kb / 2P
   Single Window Single Mode Wideband Tree/Star Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com