Electronic Components Datasheet Search |
|
30.335 Datasheet(PDF) 1 Page - Altech corporation |
|
30.335 Datasheet(HTML) 1 Page - Altech corporation |
|
1 / 1 page Altech Corp.® • 35 Royal Road • Flemington NJ 08822-6000 • Phone (908) 806-9400 • Fax (908) 806-9490 144 PLUGGABLE PRINTED CIRCUIT Metric Pin Spacinga Tubular Screw Clamp Plug For plug-in applications where infrequent wire-to-board connections are made and a very cost effective pluggable terminal block is needed. Multipole assemblies are offered in modular interlocking design up to 12 poles or single mold construction up to 16 poles. While modular construction reduces and simplifies inventory, the single mold design provides maximum strength. • Modular or Single Mold Design • Wire Protector Standard • Housing Material: Polyamide 6.6 • Standard Color: Gray AK130 Ratings Wire Range Current Voltage 0.5-1.5mm2 10A 250V 22-14 AWG 10A 300V 22-14 AWG 10A 300V Length L Type Cat. No. mm (in.) Std. Pk. AK132/2wp 30.322 10.00 ( .39) 100 AK132/3wp 30.323 15.00 ( .59) 100 AK132/4wp 30.324 20.00 ( .79) 50 AK132/5wp 30.325 25.00 ( .99) 50 AK132/6wp 30.326 30.00 (1.18) 50 AK132/7wp 30.327 35.00 (1.38) 30 AK132/8wp 30.328 40.00 (1.58) 30 AK132/9wp 30.329 45.00 (1.77) 30 AK132/10wp 30.330 50.00 (1.97) 30 AK132/11wp 30.331 55.00 (2.17) 20 AK132/12wp 30.332 60.00 (2.36) 20 AK132/13wp 30.333 65.00 (2.56) 20 AK132/14wp 30.334 70.00 (2.76) 20 AK132/15wp 30.335 75.00 (2.95) 20 AK132/16wp 30.336 80.00 (3.15) 15 IEC/VDE (File No. E101811) (File No. LR68503) Ordering Information No. of Poles Plug, mm Pole Spacing 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Length L Type Cat. No. mm (in.) Std. Pk. AK130/2wp 30.302 10.00 ( .39) 100 AK130/3wp 30.303 15.00 ( .59) 100 AK130/4wp 30.304 20.00 ( .79) 50 AK130/5wp 30.305 25.00 ( .99) 50 AK130/6wp 30.306 30.00 (1.18) 50 AK130/7wp 30.307 35.00 (1.38) 30 AK130/8wp 30.308 40.00 (1.58) 30 AK130/9wp 30.309 45.00 (1.77) 30 AK130/10wp 30.310 50.00 (1.97) 30 AK130/11wp 30.311 55.00 (2.17) 20 AK130/12wp 30.312 60.00 (2.36) 20 aBlocks with US (Inch) pin spacing begin on page 110. Single Mold Plug Pole Spacing 5mm (.197) Stripping Length 6mm (.236) Screw Hole Diameter 3.5mm (.138) Use with STL130, STL132, STL140 Headers Modular Plug Pole Spacing 5mm (.197) Stripping Length 6mm (.236) Screw Hole Diameter 3.5mm (.138) Use with STL130, STL132, STL140 Headers AK132 Wire Range Current Voltage 0.5-1.5mm2 10A 250V 22-14 AWG 10A 300V 22-14 AWG 10A 300V Dimensions mm in. mm in. 0.70 0.028 9.30 0.366 2.70 0.106 10.80 0.425 5.00 0.197 13.50 0.531 L 0.7mm 2.7mm 5mm STL(Z)130 STL(Z)132 STL(Z)130 STL(Z)132 9.3mm ® ® ® 13.5mm ® 9.3mm ® ® 13.5mm ® ® 2.7mm 5mm L PREVIOUS HOME NEXT FIND IT |
Similar Part No. - 30.335 |
|
Similar Description - 30.335 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |