Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9615 Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part # 9615
Description  RF amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

9615 Datasheet(HTML) 2 Page - Johanson Technology Inc.

  9615 Datasheet HTML 1Page - Johanson Technology Inc. 9615 Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RoHS
a
Pb
RoHS
a
Pb
7.5 to 18.0
8.5 to 25.0
7.5 to 18.0
8.5 to 25.0
2.5 to 10.0
1.0 to 5.0
0.5 to 2.5
5.0 to 15.0
5.0 to 15.0
2.5 to 10.0
1.0 to 5.0
0.5 to 2.5
1.5 to 4.5
2.5 to 10.0
4.0 to 18.0
6.0 to 35.0
7.0 to 40.0
5.0 to 25.0
9610
9611
9612
9613
9614
9615
9616
9610SL
9611SL
9612SL
9613SL
9614SL
9615SL
9616SL
9810
9811
9812
9813
9814
9815
9816
9810SL
9811SL
9812SL
9813SL
9814SL
9815SL
9816SL
1.5 to 4.5
2.5 to 10.0
4.0 to 18.0
6.0 to 35.0
7.0 to 40.0
5.0 to 25.0
10.5 to 50.0
>1000
>1000
>700
>200
>200
>200
>200
>1000
>1000
>700
>200
>200
>200
>200
9620
9621
9622
9626
9628
9629
9620SL
9621SL
9622SL
9626SL
9628SL
9629SL
>1000
>1000
>1000
>300
>750
>500
9820
9821
9822
9826
9828
9829
9820SL
9821SL
9822SL
9826SL
9828SL
9829SL
>1000
>1000
>1000
>300
>750
>500
.020±.002
.180±.010
ROTOR
.16
.16
.09
.004±.001
.025 SQUARE
DRIVE TUNING
SL
.025 SQUARE
DRIVE TUNING
.180±.010
.004±.001
ROTOR
.020±.002
45°
60°
.140
.085±.015
.085±.015
45°
ROTOR
Johanson Manufacturing Corporation
301 Rockaway Valley Road, Boonton, New Jersey 07005
Phone 973.334.2676
Fax 973.334.2954
STAY TUNED
www.johansonmfg.com
.270±.010
.030 SQUARE
DRIVE TUNING
.040±.002
60°
.100±.015
.005±.001
.150±.015
.220
R
60°
.030 SQUARE
DRIVE TUNING
.270±.010
60°
.040±.002
R
ROTOR
.11
.26
.26
.005±.001
SL
Sep 07
UPDATED 09/07


Similar Part No. - 9615

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9615 BELDEN-9615 Datasheet
163Kb / 2P
   RS232, #24-10c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
05-05-2023
logo
Knowles Electronics
9615 KNOWLES-9615 Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
Heyco.
9615 HEYCO-9615 Datasheet
118Kb / 1P
   LDPE Sheet Metal Plugs
logo
Belden Inc.
9615-060100 BELDEN-9615-060100 Datasheet
163Kb / 2P
   RS232, #24-10c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
05-05-2023
9615-0601000 BELDEN-9615-0601000 Datasheet
163Kb / 2P
   RS232, #24-10c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
05-05-2023
More results

Similar Description - 9615

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
BXMP1010 SPECTRUM-BXMP1010 Datasheet
42Kb / 1P
   RF AMPLIFIER
QB-166 SPECTRUM-QB-166 Datasheet
42Kb / 1P
   RF AMPLIFIER
logo
Communications & Power ...
4CX5000A CPI-4CX5000A Datasheet
96Kb / 1P
   RF amplifier
logo
Spectrum Microwave, Inc...
QBH-204 SPECTRUM-QBH-204 Datasheet
62Kb / 1P
   RF AMPLIFIER
QBH-223 SPECTRUM-QBH-223 Datasheet
57Kb / 1P
   RF AMPLIFIER
QBH-817 SPECTRUM-QBH-817 Datasheet
58Kb / 1P
   RF AMPLIFIER
QBH-842 SPECTRUM-QBH-842 Datasheet
59Kb / 1P
   RF AMPLIFIER
logo
Communications & Power ...
8560AS CPI-8560AS Datasheet
92Kb / 1P
   RF amplifier
logo
Spectrum Microwave, Inc...
QBH-5169 SPECTRUM-QBH-5169 Datasheet
62Kb / 1P
   RF AMPLIFIER
QBH-5403 SPECTRUM-QBH-5403 Datasheet
40Kb / 1P
   RF AMPLIFIER
QBH-5866 SPECTRUM-QBH-5866 Datasheet
47Kb / 1P
   RF AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com