Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY253G Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # TNY253G
Description  Energy Efficient, Low Power Off-line Switchers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY253G Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button TNY253G Datasheet HTML 4Page - Power Integrations, Inc. TNY253G Datasheet HTML 5Page - Power Integrations, Inc. TNY253G Datasheet HTML 6Page - Power Integrations, Inc. TNY253G Datasheet HTML 7Page - Power Integrations, Inc. TNY253G Datasheet HTML 8Page - Power Integrations, Inc. TNY253G Datasheet HTML 9Page - Power Integrations, Inc. TNY253G Datasheet HTML 10Page - Power Integrations, Inc. TNY253G Datasheet HTML 11Page - Power Integrations, Inc. TNY253G Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Rev E
02/12
TNY253/254/255
8
achieve the appropriate value. R3 is a base current limiting
resistor. When the drop across R4 exceeds the V
BE of transistor
Q1, it turns on and takes over the control of the loop by driving
the optocoupler LED. R6 drops an additional voltage to keep
the control loop in operation down to zero volts on the output.
With the output shorted, the drop across R4 and R6 (~ 1.5 V) is
sufficient to keep the Q1 and LED circuit active. Resistors R7
and R9 limit the forward current that could be drawn through
VR1 by Q1 under output short-circuit conditions, due to the
voltage drop across R6 and R4.
AC Adapter
Many consumer electronic products utilize low power 50/60 Hz
transformer based AC adapters. The TinySwitch can cost ef-
fectively replace these linear adapters with a solution that is
lighter, smaller and more energy efficient . Figure 12 shows a
9 V, 0.5 W AC adapter circuit using the TNY253. This circuit
operates from a 115 VAC input. To save cost, this circuit runs
without any feedback, in discontinuous conduction mode to
deliver constant power output relatively independent of in-
put voltage. The output voltage is determined by the voltage
drop across Zener diode VR1. The primary inductance of the
transformer is chosen to deliver a power that is in excess of the
required output power by at least 50% to allow for component
tolerances and to maintain some current through the Zener VR1
at full load. At no load, all of the power is delivered to the Zener
which should be rated and heat sinked accordingly. In spite of
a constant power consumption from the mains input, this solu-
tion is still significantly more efficient than linear adapters up
to output power levels of approximately 1 W.
The AC input is rectified by diodes D1 and D2. D2 is used to
reduce conducted EMI by only allowing noise onto the neutral
line during diode conduction. The rectified AC is then filtered
by capacitors C1 and C2 to generate a high-voltage DC bus,
which is applied to the series combination of the primary wind-
ing of T1 and the high-voltage MOSFET inside the TNY253.
The resistor R2 along with capacitors C1 and C2 form a π-filter
which is sufficient for meeting EMI conducted emissions at
these power levels. C5 is a Y capacitor which is used to reduce
common mode EMI. Due to the 700 V rating of the TinySwitch
MOSFET, a simple capacitive snubber (C4) is adequate to limit
the leakage inductance spike in 115 VAC applications, at low
power levels. The secondary winding is rectified and filtered
by D3 and C6.
Key Application Considerations
For the most up to date information visit our Web site
at: www.powerint.com
Design
Output Power Range
The power levels shown in the TinySwitch Selection Guide
(Table 1) are approximate, recommended output power ranges
that will provide a cost optimum design and are based on
following assumptions:
1. The minimum DC input voltage is 90 V or higher for 85 VAC
input or 240 V or higher for 230 VAC input or 115 VAC
input with a voltage doubler.
2. The TinySwitch is not thermally limited - the source
pins are soldered to sufficient copper area to keep the die
temperature at or below 100 °C. This limitation does not
usually apply to TNY253 and TNY254.
The maximum power capability of a TinySwitch depends on
the thermal environment, transformer core size and design
(continuous or discontinuous), efficiency required, minimum
specified input voltage, input storage capacitance, output volt-
age, output diode forward drop, etc., and can be different from
the values shown in the selection guide.
Audible Noise
At loads other than maximum load, the cycle skipping mode
operation used in TinySwitch can generate audio frequency
components in the transformer. This can cause the transformer
to produce audio noise. Transformer audible noise can be
reduced by utilizing appropriate transformer construction
techniques and decreasing the peak flux density. For more
information on audio suppression techniques, please check
the Application Notes section on our Web site at
www.powerint.com.
Ceramic capacitors that use dielectrics such as Z5U, when used
in clamp and snubber circuits, can also generate audio noise
due to electrostriction and piezo-electric effects. If this is the
case, replacing them with a capacitor having a different type
of dielectric is the simplest solution. Polyester film capacitor
is a good alternative.
Short-Circuit Current
The TinySwitch does not have an auto-restart feature. As a
result, TinySwitch will continue to deliver power to the load
during output short-circuit conditions. In the worst case, peak
short-circuit current is equal to the primary current limit (I
LIMIT)
multiplied by the turns ratio of the transformer (N
p/Ns). In
a typical design the average current is 25 to 50% lower than
this peak value. At the power levels of TinySwitch this is


Similar Part No. - TNY253G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY253G POWERINT-TNY253G Datasheet
498Kb / 20P
   TinySwitch Family Energy Efficient, Low Power Off-line Switchers
TNY253G POWERINT-TNY253G Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253G POWERINT-TNY253G Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253G POWERINT-TNY253G Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253G POWERINT-TNY253G Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
More results

Similar Description - TNY253G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY253GN-TL POWERINT-TNY253GN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY254GN POWERINT-TNY254GN Datasheet
1Mb / 19P
   Energy Efficient, Low Power Off-line Switchers
TNY254GN-TL POWERINT-TNY254GN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253PN POWERINT-TNY253PN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255PN POWERINT-TNY255PN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255GN POWERINT-TNY255GN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255GN-TL POWERINT-TNY255GN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY254PN POWERINT-TNY254PN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253 POWERINT-TNY253_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
August 2016
TNY253 POWERINT-TNY253 Datasheet
498Kb / 20P
   TinySwitch Family Energy Efficient, Low Power Off-line Switchers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com