Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY268P Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # TNY268P
Description  Enhanced, Energy Effi cient, Low Power Off-line Switcher
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY268P Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button TNY268P Datasheet HTML 6Page - Power Integrations, Inc. TNY268P Datasheet HTML 7Page - Power Integrations, Inc. TNY268P Datasheet HTML 8Page - Power Integrations, Inc. TNY268P Datasheet HTML 9Page - Power Integrations, Inc. TNY268P Datasheet HTML 10Page - Power Integrations, Inc. TNY268P Datasheet HTML 11Page - Power Integrations, Inc. TNY268P Datasheet HTML 12Page - Power Integrations, Inc. TNY268P Datasheet HTML 13Page - Power Integrations, Inc. TNY268P Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Rev. H 02/09
10
TNY263-268
www.powerint.com
Key Application Considerations
TinySwitch-II vs. TinySwitch
Table 2 compares the features and performance differences
between the TNY254 device of the TinySwitch-II family with
the TinySwitch-II family of devices. Many of the new features
eliminate the need for or reduce the cost of circuit components.
Other features simplify the design and enhance performance.
Design
Output Power
Table 1 (front page) shows the practical continuous output
power levels that can be obtained under the following
conditions:
Table 2.
Comparison Between TinySwitch and TinySwitch-II.
*Not available.
** See typical performance curves.
The minimum DC input voltage is 90 V or higher for
85 VAC input, or 240 V or higher for 230 VAC input or
115 VAC input with a voltage doubler. This corresponds to
a filter capacitor of 3
μF/W for universal input and 1 μF/W
for 230 VAC or 115 VAC with doubler input.
A secondary output of 5 V with a Schottky rectifier diode.
Assumed efficiency of 77% (TNY267 & TNY268), 75%
(TNY265 & TNY266) and 73% (TNY263 & TNY264).
The parts are board mounted with SOURCE pins soldered
to sufficient area of copper to keep the die temperature at
or below 100
°C.
In addition to the thermal environment (sealed enclosure,
ventilated, open frame, etc.), the maximum power capability of
TinySwitch-II in a given application depends on transformer
1.
2.
3.
4.
TinySwitch-II vs. TinySwitch
Function
TinySwitch
TNY254
TinySwitch-II
TNY263-268
TinySwitch-II
Advantages
Switching Frequency and
Tolerance
Temperature Variation
(0-100
°C)**
44 kHz ±10% (at 25
°C)
+8%
132 kHz ±6% (at 25
°C)
+2%)
Smaller transformer for low cost
Ease of design
Manufacturability
Optimum design for lower cost
Active Frequency Jitter
N/A*
±4 kHz
Lower EMI minimizing filter
component costs
Transformer Audible Noise
Reduction
N/A*
Yes–built into controller
Practically eliminates audible noise with ordinary dip
varnished transformer – no special
construction or gluing required
Line UV Detect
N/A*
Single resistor
programmable
Prevents power on/off glitches
Current Limit Tolerance
Temperature Variation
(0-100
°C)**
±11% (at 25
°C)
-8%
±7% (at 25
°C)
0%)
Increases power capability and
simplifies design for high volume
manufacturing
Auto-Restart
N/A*
6% effective on-time
Limits output short-circuit current to less than full
load current
No output diode size penalty
Protects load in open loop fault conditions
No additional components required
BYPASS Pin Zener Clamp
N/A*
Internally clamped to 6.3 V
Allows TinySwitch-II to be powered from a low
voltage bias winding to improve efficiency and to
reduce on-chip power dissipation
DRAIN Creepage at Package
0.037 in. / 0.94 mm
0.137 in. / 3.48 mm
Greater immunity to arcing as a result of dust,
debris or other contaminants build-up


Similar Part No. - TNY268P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY268P POWERINT-TNY268P Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY268P POWERINT-TNY268P Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY268P POWERINT-TNY268P Datasheet
375Kb / 20P
   15W PC Standby power supply
TNY268P POWERINT-TNY268P Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY268P POWERINT-TNY268P Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
More results

Similar Description - TNY268P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY263PN POWERINT-TNY263PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY267PN POWERINT-TNY267PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK364DN POWERINT-LNK364DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK363DN POWERINT-LNK363DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362PG POWERINT-LNK362PG Datasheet
793Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362 POWERINT-LNK362 Datasheet
739Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
TNY277PG POWERINT-TNY277PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274_09 Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY275PG POWERINT-TNY275PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com