Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F269SPC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74F269SPC
Description  8-Bit Bidirectional Binary Counter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F269SPC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74F269SPC Datasheet HTML 1Page - Fairchild Semiconductor 74F269SPC Datasheet HTML 2Page - Fairchild Semiconductor 74F269SPC Datasheet HTML 3Page - Fairchild Semiconductor 74F269SPC Datasheet HTML 4Page - Fairchild Semiconductor 74F269SPC Datasheet HTML 5Page - Fairchild Semiconductor 74F269SPC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2000 Fairchild Semiconductor Corporation
DS009510
www.fairchildsemi.com
April 1988
Revised September 2000
74F269
8-Bit Bidirectional Binary Counter
General Description
The 74F269 is a fully synchronous 8-stage up/down
counter featuring a preset capability for programmable
operation, carry lookahead for easy cascading and a U/D
input to control the direction of counting. All state changes,
whether in counting or parallel loading, are initiated by the
rising edge of the clock.
Features
s Synchronous counting and loading
s Built-in lookahead carry capability
s Count frequency 100 MHz
s Supply current 113 mA typ
s 300 mil slimline package
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbols
IEEE/IEC
Connection Diagram
Function Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
 = Transition LOW-to-HIGH
Order Number
Package Number
Package Description
74F269SC
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74F269SPC
N24C
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
PE
CEP
CET
U/D
CP
Function
L
XXX
 Parallel Load All
Flip-Flops
HH
X
X
 Hold
HX
H
X
 Hold (TC Held HIGH)
HL
L
H
 Count Up
H
LLL
 Count Down


Similar Part No. - 74F269SPC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F269SPC FAIRCHILD-74F269SPC Datasheet
69Kb / 6P
   8-Bit Bidirectional Binary Counter
74F269SPC FAIRCHILD-74F269SPC Datasheet
145Kb / 9P
   8-Bit Bidirectional Binary Counter
More results

Similar Description - 74F269SPC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F269 FAIRCHILD-74F269_07 Datasheet
145Kb / 9P
   8-Bit Bidirectional Binary Counter
logo
NXP Semiconductors
74F269 NXP-74F269 Datasheet
177Kb / 19P
   8-bit bidirectional binary counter
Rev. 05-25 March 2010
74F269 PHILIPS-74F269 Datasheet
118Kb / 14P
   8-bit bidirectional binary counter
1996 Jan 05
logo
Fairchild Semiconductor
74F269 FAIRCHILD-74F269 Datasheet
69Kb / 6P
   8-Bit Bidirectional Binary Counter
logo
Motorola, Inc
MC74F269 MOTOROLA-MC74F269 Datasheet
156Kb / 5P
   8-BIT BIDIRECTIONAL BINARY COUNTER
logo
NXP Semiconductors
74F1779 PHILIPS-74F1779 Datasheet
110Kb / 12P
   8-bit bidirectional binary counter -State
1989 Apr 06
logo
Motorola, Inc
MC74F579 MOTOROLA-MC74F579 Datasheet
136Kb / 4P
   8-BIT BIDIRECTIONAL BINARY COUNTER (3-STATE)
logo
NXP Semiconductors
74F779 PHILIPS-74F779 Datasheet
100Kb / 12P
   8-bit bidirectional binary counter 3-State
1989 Sep 20
74F579 PHILIPS-74F579 Datasheet
112Kb / 14P
   8-bit bidirectional binary counter 3-State
1992 May 04
logo
National Semiconductor ...
54F579 NSC-54F579 Datasheet
197Kb / 8P
   8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com