Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF204 Datasheet(PDF) 2 Page - XP Power Limited

Part # WF204
Description  DC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

WF204 Datasheet(HTML) 2 Page - XP Power Limited

  WF204 Datasheet HTML 1Page - XP Power Limited WF204 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
08-Apr-08
-20
-10
0
10
20
30
40
50
60
70
80
90
100
20
40
60
80
100
Ambient Temperature (ºC)
0
WF Series
Mechanical Details
Models and Ratings
Input
Voltage
Output
Voltage
Output
Current
Efficiency
Model
Number(1)
No Load
Full Load
9-18 VDC
3.3 VDC
5.00 A
30 mA
1.86 A
74%
WF100
5.0 VDC
5.00 A
30 mA
2.67 A
78%
WF101
12.0 VDC
2.50 A
30 mA
3.05 A
82%
WF102
15.0 VDC
2.00 A
30 mA
3.05 A
82%
WF103
±5.0 VDC
±2.50 A
35 mA
2.67 A
78%
WF104
±12.0 VDC
±1.25 A
35 mA
3.05 A
82%
WF105
±15.0 VDC
±1.00 A
35 mA
3.05 A
82%
WF106
5.0/±12.0 VDC
3.50/±0.31 A
35 mA
2.64 A
79%
WF107
5.0/±15.0 VDC
3.50/±0.25 A
35 mA
2.64 A
79%
WF108
18-36 VDC
3.3 VDC
5.00 A
30 mA
0.92 A
75%
WF200
5.0 VDC
5.00 A
30 mA
1.34 A
79%
WF201
12.0 VDC
2.50 A
30 mA
1.52 A
82%
WF202
15.0 VDC
2.00 A
30 mA
1.52 A
82%
WF203
±5.0 VDC
±2.50 A
30 mA
1.34 A
79%
WF204
±12.0 VDC
±1.25 A
30 mA
1.47 A
85%
WF205
±15.0 VDC
±1.00 A
30 mA
1.47 A
85%
WF206
5.0/±12.0 VDC
3.50/±0.31 A
30 mA
1.32 A
80%
WF207
5.0/±15.0 VDC
3.50/±0.25 A
30 mA
1.32 A
80%
WF208
36-72 VDC
3.3 VDC
5.00 A
20 mA
0.46 A
75%
WF300
5.0 VDC
5.00 A
20 mA
0.66 A
79%
WF301
12.0 VDC
2.50 A
20 mA
0.76 A
82%
WF302
15.0 VDC
2.00 A
20 mA
0.76 A
82%
WF303
±5.0 VDC
±2.50 A
25 mA
0.66 A
79%
WF304
±12.0 VDC
±1.25 A
25 mA
0.73 A
85%
WF305
±15.0 VDC
±1.00 A
25 mA
0.73 A
85%
WF306
5.0/±12.0 VDC
3.50/±0.31 A
25 mA
0.65 A
80%
WF307
5.0/±15.0 VDC
3.50/±0.25 A
25 mA
0.65 A
80%
WF308
Notes
1. For optional UL60950-1 approved product, add suffix ‘ U’ to model number.
External Output Trimming
Notes
1. Maximum total power from all outputs is limited to 25 W but no output should be allowed to
exceed its maximum current.
2. Minimum current on each output is required to maintain specified regulation.
8
7
6
5
4
3
2
1
0.04 (1.02)
DIA
2.00 (50.8)
0.90
(22.9)
0.20
(5.1)
0.40
(10.2)
1.80
(45.7)
2.00
(50.8)
0.40
(10.16)
0.22
(5.6)
min
0.40
(10.16)
0.40
(10.16)
0.40
(10.16)
BOTTOM VIEW
TRIPLE OUTPUT LOADING TABLE(1)
Output
Pin No.
Voltage
Current
Minimum(2)
Maximum
7
+5
0.50 A
3.50 A
8 & 5
+12 or -12
0.10 A
0.31 A
8 & 5
+15 or -15
0.10 A
0.25 A
PIN CONNECTIONS
Pin
Single Output
Dual Output
Triple Output
1
Remote On/Off
Remote On/Off
Remote On/Off
2
No pin
No pin
No pin
3
-V input
-V input
-V input
4
+V input
+V input
+V input
5
Output trim
Output trim
-Output
6
-Output
-Output
Common
7
+Output
Common
+5V Output
8
No pin
+Output
+Output
All dimensions are in inches (mm)
Weight:
0.15 lbs (66 g) approx.
Case Material:
Black coated copper with non-conductive base.
TRIM
DOWN
TRIM
UP/DOWN
10K
TRIM UP
PIN 6
PIN 7
PIN 5
Output may optionally be externally
trimmed (±10%) with a fixed
resistor 10K or external trimpot
as shown
Application Notes
Derating Curve


Similar Part No. - WF204

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF204 ETC1-WF204 Datasheet
55Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WF204 XPPOWER-WF204 Datasheet
86Kb / 2P
   DC-DC Power Supplies
logo
WALSIN TECHNOLOGY CORPO...
WF204R7_XBL WALSIN-WF204R7_XBL Datasheet
213Kb / 7P
   Reduced size of final equipment
WF204R7_XTL WALSIN-WF204R7_XTL Datasheet
213Kb / 7P
   Reduced size of final equipment
WF204R7_YBL WALSIN-WF204R7_YBL Datasheet
213Kb / 7P
   Reduced size of final equipment
More results

Similar Description - WF204

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com