Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27538 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27538
Description  2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27538 Datasheet(HTML) 1 Page - Texas Instruments

  UCC27538 Datasheet HTML 1Page - Texas Instruments UCC27538 Datasheet HTML 2Page - Texas Instruments UCC27538 Datasheet HTML 3Page - Texas Instruments UCC27538 Datasheet HTML 4Page - Texas Instruments UCC27538 Datasheet HTML 5Page - Texas Instruments UCC27538 Datasheet HTML 6Page - Texas Instruments UCC27538 Datasheet HTML 7Page - Texas Instruments UCC27538 Datasheet HTML 8Page - Texas Instruments UCC27538 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1
2
3
6
5
4
IN
EN
GND
OUTL
OUTH
1
2
3
5
4
IN+
VDD
IN-
OUT
1
2
3
5
4
GND
IN-
EN
1
2
3
5
4
IN+
EN
1
2
3
6
5
4
IN1
OUTL
IN2
OUTH
GND
GND
GND
VDD
VDD
VDD
VDD
OUT
OUT
UCC27531
UCC27533
UCC27536
UCC27537
UCC27538
UCC27531
UCC27533, UCC27536
UCC27537, UCC27538
www.ti.com
SLUSBA7D – DECEMBER 2012 – REVISED APRIL 2013
2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
Check for Samples: UCC27531 , UCC27533, UCC27536 , UCC27537, UCC27538
1
FEATURES
APPLICATIONS
Low Cost Gate Driver (offering optimal
Switch-Mode Power Supplies
solution for driving FET and IGBTs)
DC-to-DC Converters
Superior Replacement to Discrete Transistor
Solar Inverters, Motor Control, UPS
Pair Drive (providing easy interface with
HEV and EV Chargers
controller)
Home Appliances
TTL and CMOS Compatible Input Logic
Renewable Energy Power Conversion
Threshold, (independent of supply voltage)
SiC FET Converters
Split Output Options Allow for Tuning of Turn-
On and Turn-Off Currents
DESCRIPTION
Inverting and Non-Inverting Input
The UCC2753x family of devices are single-channel,
Configurations
high-speed, gate drivers capable of effectively driving
Enable with Fixed TTL Compatible Threshold
MOSFET and IGBT power switches by up to 2.5-A
source and 5-A sink (asymmetrical drive) peak
High 2.5-A Source and 2.5-A or 5-A Sink Peak
current. Strong sink capability in asymmetrical drive
Drive Currents at 18-V VDD
boosts immunity against parasitic Miller turn-on effect.
Wide VDD Range From 10 V up to 35 V
The UCC2753x device can also feature a split-output
Input and Enable Pins Capable of
configuration where the gate-drive current is sourced
Withstanding up to -5-V DC Below Ground
through OUTH pin and sunk through OUTL pin. This
pin arrangement allows the user to apply independent
Output Held Low When Inputs are Floating or
turn-on and turn-off resistors to the OUTH and OUTL
During VDD UVLO
pins respectively and easily control the switching slew
Fast Propagation Delays (17-ns typical)
rates.
Fast Rise and Fall Times
The
driver
has
rail-to-rail
drive
capability
and
(15-ns and 7-ns typical with 1800-pF Load)
extremely small propagation delay typically 17 ns.
Under Voltage Lockout (UVLO)
The input threshold of UCC2753xDBV is based on
Used as a High-Side or Low-Side Driver (if
TTL and CMOS compatible low-voltage logic, which
designed with proper bias and signal isolation)
is fixed and independent of VDD supply voltage. The
Low Cost, Space Saving 5-Pin or 6-Pin DBV
1-V typical hysteresis offers excellent noise immunity.
(SOT-23) Package Options
The driver has EN pin with fixed TTL compatible
UCC27536 and UCC27537 Pin-to-Pin
threshold. EN is internally pulled up; pulling EN low
compatible to TPS2828 and TPS2829
disables driver, while leaving it open provides normal
operation. The EN pin can be used as an additional
Operating Temperature Range of -40°C to
input with the same performance as the IN, IN+, IN1,
140°C
and IN2 pins.
UCC2753x (top view)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCC27538

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27538 TI-UCC27538 Datasheet
1Mb / 37P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27538 TI1-UCC27538 Datasheet
1Mb / 45P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27538DBVR TI-UCC27538DBVR Datasheet
1Mb / 37P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27538DBVR TI1-UCC27538DBVR Datasheet
1Mb / 45P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27538DBVT TI-UCC27538DBVT Datasheet
1Mb / 37P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
More results

Similar Description - UCC27538

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27531 TI1-UCC27531 Datasheet
450Kb / 23P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27532-Q1 TI-UCC27532-Q1_15 Datasheet
916Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531 TI1-UCC27531_15 Datasheet
1Mb / 45P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27537DBVR TI-UCC27537DBVR Datasheet
1Mb / 37P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531-Q1 TI1-UCC27531-Q1 Datasheet
994Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27532 TI-UCC27532 Datasheet
989Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531-Q1 TI1-UCC27531-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   UCC27531-Q1 2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
ISO5852S-Q1 TI1-ISO5852S-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver
logo
Vishay Siliconix
VOW3120 VISHAY-VOW3120_V01 Datasheet
198Kb / 12P
   Widebody 2.5 A IGBT and MOSFET Driver
01-Jan-2022
logo
Texas Instruments
ISO5452-Q1 TI1-ISO5452-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com