Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXMA2102UMX Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FXMA2102UMX
Description  Dual Supply, 2-Bit Voltage Translator / Buffer / Repeater / Isolator for I2C Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXMA2102UMX Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FXMA2102UMX Datasheet HTML 6Page - Fairchild Semiconductor FXMA2102UMX Datasheet HTML 7Page - Fairchild Semiconductor FXMA2102UMX Datasheet HTML 8Page - Fairchild Semiconductor FXMA2102UMX Datasheet HTML 9Page - Fairchild Semiconductor FXMA2102UMX Datasheet HTML 10Page - Fairchild Semiconductor FXMA2102UMX Datasheet HTML 11Page - Fairchild Semiconductor FXMA2102UMX Datasheet HTML 12Page - Fairchild Semiconductor FXMA2102UMX Datasheet HTML 13Page - Fairchild Semiconductor FXMA2102UMX Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXMA2102 • Rev. 1.0.5
10
Dynamic Output Electrical Characteristics
Output Rise / Fall Time
Output load: CL = 50 pF, RPU = 2.2 k
Ω, push / pull driver, and TA = -40°C to +85°C.
Symbol
Parameter
VCCO
(10)
Unit
4.5 to 5.5 V 3.0 to 3.6 V
2.3 to 2.7 V
1.65 to 1.95 V
Typ.
Typ.
Typ.
Typ.
trise
Output Rise Time; A Port, B
Port
(11)
3
4
5
7
ns
tfall
Output Fall Time; A Port, B Port
(12)
1
1
1
1
ns
Notes:
9.
Output rise and fall times guaranteed by design simulation and characterization; not production tested.
10. VCCO is the VCC associated with the output side.
11. See Figure 12.
12. See Figure 13.
Maximum Data Rate
(13)
Output load: CL = 50 pF, RPU = 2.2 k
Ω, push / pull driver, and TA = -40°C to +85°C.
VCCA
Direction
VCCB
Unit
4.5 to 5.5 V
3.0 to 3.6 V
2.3 to 2.7 V
1.65 to 1.95 V
Min.
Min.
Min.
Min.
4.5 V to 5.5 V
A to B
50
50
40
30
MHz
B to A
50
50
40
40
3.0 V to 3.6 V
A to B
50
50
40
19
MHz
B to A
50
50
40
40
2.3 V to 2.7 V
A to B
40
40
30
19
MHz
B to A
40
40
30
30
1.65 V to 1.95 V
A to B
40
40
30
19
MHz
B to A
30
30
19
19
Note:
13. F-toggle guaranteed by design simulation; not production tested.


Similar Part No. - FXMA2102UMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FXMA2102UMX ONSEMI-FXMA2102UMX Datasheet
483Kb / 17P
   Dual Supply, 2-Bit VoltageTranslator / Buffer Repeater
November-2018, Rev. 3
More results

Similar Description - FXMA2102UMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXMAR2102 FAIRCHILD-FXMAR2102 Datasheet
679Kb / 16P
   Dual-Supply, 2-Bit Voltage Translator / Isolator for I2C Applications
logo
Shenzhen Huazhimei Semi...
HM5302 HMSEMI-HM5302 Datasheet
1Mb / 16P
   Dual-Supply, 2-Bit Voltage Translator / Isolator for I2C Applications
logo
ON Semiconductor
FXMA2104 ONSEMI-FXMA2104 Datasheet
814Kb / 17P
   Dual-Supply, 4-Bit Voltage Translator / Buffer / Repeater / Isolator
July 2012 Rev. 1.0.1
logo
Fairchild Semiconductor
FXMA2104 FAIRCHILD-FXMA2104 Datasheet
1Mb / 15P
   Dual-Supply, 4-Bit Voltage Translator / Buffer / Repeater
logo
ON Semiconductor
FXMAR2102 ONSEMI-FXMAR2102 Datasheet
444Kb / 18P
   Dual-Supply, 2-Bit Voltage Translator / Isolator
July 2014 Rev. 1.0.3
logo
Shenzhen Huazhimei Semi...
HM5304T HMSEMI-HM5304T Datasheet
1Mb / 18P
   Dual-Supply, 4-Bit Voltage Translator / Isolator for
logo
ON Semiconductor
FXMAR2104 ONSEMI-FXMAR2104 Datasheet
793Kb / 17P
   Dual-Supply, 4-Bit Voltage Translator / Isolator
July 2012 Rev. 1.0.1
FXMA2102 ONSEMI-FXMA2102 Datasheet
483Kb / 17P
   Dual Supply, 2-Bit VoltageTranslator / Buffer Repeater
November-2018, Rev. 3
logo
Fairchild Semiconductor
FXMAR2104 FAIRCHILD-FXMAR2104 Datasheet
1Mb / 15P
   Dual-Supply, 4-Bit Voltage Translator / Isolator for Open-Drain
logo
ON Semiconductor
FXLA102 ONSEMI-FXLA102 Datasheet
623Kb / 17P
   Low-Voltage Dual-Supply 2-Bit Voltage Translator
October-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com