Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7315-20 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7315-20
Description  20 dB Fixed Attenuator, N Female To 7/16 DIN Female Directional Rated To 50 Watts Up To 7.5 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7315-20 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7315-20 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7315-20 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7315-20 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
20 dB Fixed Attenuator, N Female To 7/16 DIN Female Directional Rated To 50 Watts Up To 7.5 GHz
Configuration
Design
Fixed, Directional Attenuator
Connector 1
N Female
Connector 2
7/16 DIN Female
Body Material and Plating
Aluminum Heatsink, Black Anodized
Electrical Specifications
Frequency Range, GHz
DC to 7.5
Impedance, Ohms
50
Attenuation Value, dB
20
Maximum Input Power, Watts
50
Maximum VSWR
1.45:1
Frequency 1
Range, GHz
DC to 6
VSWR
1.3:1
Attenuation Accuracy, dB
0.75
Frequency 2
Range, GHz
6 to 7.5
VSWR
1.45:1
Attenuation Accuracy, dB
0.75
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +125
Size
Length, in [mm]
4.01 [101.85]
Width, in [mm]
3 [76.2]
Height, in [mm]
3 [76.2]
.
Weight, lbs [g]
1.796 [814.65]
Connector 1
Type
N Female
Contact Material and Plating
Brass, Gold
Hex Size, In.
11/16
Body Material and Plating
Stainless Steel, Passivated
20 dB Fixed Attenuator, N Female To 7/16 DIN Female
Directional Rated To 50 Watts Up To 7.5 GHz
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 20 dB Fixed Attenuator, N Female To 7/16 DIN Female Directional Rated To 50 Watts Up To
7.5 GHz PE7315-20
PE7315-20
PE7315-20 REV NC


Similar Part No. - PE7315-20

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7315-10 PASTERNACK-PE7315-10 Datasheet
349Kb / 3P
   10 dB Fixed Attenuator, N Female To 7/16 DIN Female Directional Rated To 50 Watts Up To 7.5 GHz
PE7315-3 PASTERNACK-PE7315-3 Datasheet
350Kb / 3P
   3 dB Fixed Attenuator, N Female To 7/16 DIN Female Directional Rated To 50 Watts Up To 7.5 GHz
PE7315-30 PASTERNACK-PE7315-30 Datasheet
349Kb / 3P
   30 dB Fixed Attenuator, N Female To 7/16 DIN Female Directional Rated To 50 Watts Up To 7.5 GHz
PE7315-40 PASTERNACK-PE7315-40 Datasheet
350Kb / 3P
   40 dB Fixed Attenuator, N Female To 7/16 DIN Female Directional Rated To 50 Watts Up To 7.5 GHz
PE7315-50 PASTERNACK-PE7315-50 Datasheet
349Kb / 3P
   50 dB Fixed Attenuator, N Female To 7/16 DIN Female Directional Rated To 50 Watts Up To 7.5 GHz
More results

Similar Description - PE7315-20

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7316-20 PASTERNACK-PE7316-20 Datasheet
350Kb / 3P
   20 dB Fixed Attenuator, 7/16 DIN Female To N Female Directional Rated To 50 Watts Up To 7.5 GHz
PE7313-20 PASTERNACK-PE7313-20 Datasheet
350Kb / 3P
   20 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Female Directional Rated To 50 Watts Up To 7.5 GHz
PE7315-50 PASTERNACK-PE7315-50 Datasheet
349Kb / 3P
   50 dB Fixed Attenuator, N Female To 7/16 DIN Female Directional Rated To 50 Watts Up To 7.5 GHz
PE7316-50 PASTERNACK-PE7316-50 Datasheet
350Kb / 3P
   50 dB Fixed Attenuator, 7/16 DIN Female To N Female Directional Rated To 50 Watts Up To 7.5 GHz
PE7313-50 PASTERNACK-PE7313-50 Datasheet
349Kb / 3P
   50 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Female Directional Rated To 50 Watts Up To 7.5 GHz
PE7316-6 PASTERNACK-PE7316-6 Datasheet
350Kb / 3P
   6 dB Fixed Attenuator, 7/16 DIN Female To N Female Directional Rated To 50 Watts Up To 7.5 GHz
PE7316-3 PASTERNACK-PE7316-3 Datasheet
350Kb / 3P
   3 dB Fixed Attenuator, 7/16 DIN Female To N Female Directional Rated To 50 Watts Up To 7.5 GHz
PE7315-40 PASTERNACK-PE7315-40 Datasheet
350Kb / 3P
   40 dB Fixed Attenuator, N Female To 7/16 DIN Female Directional Rated To 50 Watts Up To 7.5 GHz
PE7316-40 PASTERNACK-PE7316-40 Datasheet
350Kb / 3P
   40 dB Fixed Attenuator, 7/16 DIN Female To N Female Directional Rated To 50 Watts Up To 7.5 GHz
PE7315-6 PASTERNACK-PE7315-6 Datasheet
350Kb / 3P
   6 dB Fixed Attenuator, N Female To 7/16 DIN Female Directional Rated To 50 Watts Up To 7.5 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com