Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7366-20 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7366-20
Description  20 dB Fixed Attenuator, N Male To 7/16 DIN Female Rated To 25 Watts Up To 7.5 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7366-20 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7366-20 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7366-20 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7366-20 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Connector 2
Type
7/16 DIN Female
Contact Material and Plating
Brass, Silver
Outer Conductor Material and Plating
Brass, Silver
Hex Size, In.
11/16
Body Material and Plating
Brass, Silver
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL:
http://www.pasternack.com/20db-fixed-n-male-7-16-female-25-watts-attenuator-pe7366-20-p.aspx
20 dB Fixed Attenuator, N Male To 7/16 DIN Female Rated To 25 Watts Up To 7.5 GHz from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
20 dB Fixed Attenuator, N Male To 7/16 DIN
Female Rated To 25 Watts Up To 7.5 GHz
PE7366-20
PE7366-20 REV NC


Similar Part No. - PE7366-20

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7366-10 PASTERNACK-PE7366-10 Datasheet
327Kb / 3P
   10 dB Fixed Attenuator, N Male To 7/16 DIN Female Rated To 25 Watts Up To 7.5 GHz
PE7366-3 PASTERNACK-PE7366-3 Datasheet
327Kb / 3P
   3 dB Fixed Attenuator, N Male To 7/16 DIN Female Rated To 25 Watts Up To 7.5 GHz
PE7366-30 PASTERNACK-PE7366-30 Datasheet
327Kb / 3P
   30 dB Fixed Attenuator, N Male To 7/16 DIN Female Rated To 25 Watts Up To 7.5 GHz
PE7366-40 PASTERNACK-PE7366-40 Datasheet
328Kb / 3P
   40 dB Fixed Attenuator, N Male To 7/16 DIN Female Rated To 25 Watts Up To 7.5 GHz
PE7366-50 PASTERNACK-PE7366-50 Datasheet
327Kb / 3P
   50 dB Fixed Attenuator, N Male To 7/16 DIN Female Rated To 25 Watts Up To 6 GHz
More results

Similar Description - PE7366-20

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7379-20 PASTERNACK-PE7379-20 Datasheet
327Kb / 3P
   20 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Rated To 25 Watts Up To 7.5 GHz
PE7369-20 PASTERNACK-PE7369-20 Datasheet
329Kb / 3P
   20 dB Fixed Attenuator, N Female To 7/16 DIN Female Rated To 25 Watts Up To 7.5 GHz
PE7370-20 PASTERNACK-PE7370-20 Datasheet
329Kb / 3P
   20 dB Fixed Attenuator, N Female To 7/16 DIN Female Rated To 25 Watts Up To 7.5 GHz
PE7380-20 PASTERNACK-PE7380-20 Datasheet
328Kb / 3P
   20 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Female Rated To 25 Watts Up To 7.5 GHz
PE7360-20 PASTERNACK-PE7360-20 Datasheet
885Kb / 3P
   20 dB Fixed Attenuator, SMA Female To 7/16 DIN Male Rated To 25 Watts Up To 7.5 GHz
PE7374-20 PASTERNACK-PE7374-20 Datasheet
328Kb / 3P
   20 dB Fixed Attenuator, TNC Male To 7/16 DIN Female Rated To 25 Watts Up To 7.5 GHz
PE7355-20 PASTERNACK-PE7355-20 Datasheet
326Kb / 3P
   20 dB Fixed Attenuator, SMA Male To 7/16 DIN Female Rated To 25 Watts Up To 7.5 GHz
PE7377-20 PASTERNACK-PE7377-20 Datasheet
880Kb / 3P
   20 dB Fixed Attenuator, TNC Female To 7/16 DIN Male Rated To 25 Watts Up To 7.5 GHz
PE7366-40 PASTERNACK-PE7366-40 Datasheet
328Kb / 3P
   40 dB Fixed Attenuator, N Male To 7/16 DIN Female Rated To 25 Watts Up To 7.5 GHz
PE7366-6 PASTERNACK-PE7366-6 Datasheet
327Kb / 3P
   6 dB Fixed Attenuator, N Male To 7/16 DIN Female Rated To 25 Watts Up To 7.5 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com