Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS-2000-5331-1 Datasheet(PDF) 10 Page - 3M Electronics

Part # GS-2000-5331-1
Description  Identification of the substance/mixture and of the company/undertaking
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

GS-2000-5331-1 Datasheet(HTML) 10 Page - 3M Electronics

Back Button GS-2000-5331-1 Datasheet HTML 6Page - 3M Electronics GS-2000-5331-1 Datasheet HTML 7Page - 3M Electronics GS-2000-5331-1 Datasheet HTML 8Page - 3M Electronics GS-2000-5331-1 Datasheet HTML 9Page - 3M Electronics GS-2000-5331-1 Datasheet HTML 10Page - 3M Electronics GS-2000-5331-1 Datasheet HTML 11Page - 3M Electronics GS-2000-5331-1 Datasheet HTML 12Page - 3M Electronics GS-2000-5331-1 Datasheet HTML 13Page - 3M Electronics GS-2000-5331-1 Datasheet HTML 14Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
3M Scotch-Weld TL70 Anaerobic Threadlocker
__________________________________________________________________________________________
Page: 10 of 17
sufficient for classification
2-Hydroxypropyl methacrylate
No data available
Methacrylic acid, monoester with
propane-1,2-diol
No data available
Acrylic acid
In Vitro
Some positive data exist,
but the data are not
sufficient for classification
Not classified
α,α-Dimethylbenzyl hydroperoxide
In vivo
Not mutagenic
Not classified
α,α-Dimethylbenzyl hydroperoxide
In Vitro
Some positive data exist,
but the data are not
sufficient for classification
Not classified
1,2-Benzisothiazol-3(2H)-one 1,1-
dioxide
No data available
2'-Phenylacetohydrazide
No data available
Cumene
In Vitro
Not mutagenic
Not classified
Cumene
In vivo
Not mutagenic
Not classified
N,N-Dimethyl-p-toluidine
No data available
Optical brightener
No data available
Carcinogenicity
Name
Route
Species
Value
UN GHS
Classification
Overall product
No test data available.
Not classified based
on component data
2,2'-Ethylenedioxydiethyl
dimethacrylate
Dermal
Not carcinogenic
Not classified
2-Hydroxypropyl methacrylate
No data available
Methacrylic acid, monoester with
propane-1,2-diol
No data available
Acrylic acid
Ingestion
Not carcinogenic
Not classified
Acrylic acid
Dermal
Some positive data
exist, but the data are
not sufficient for
classification
Not classified
α,α-Dimethylbenzyl
hydroperoxide
No data available
1,2-Benzisothiazol-3(2H)-one
1,1-dioxide
No data available
2'-Phenylacetohydrazide
No data available
Cumene
No data available
N,N-Dimethyl-p-toluidine
No data available
Optical brightener
No data available
Reproductive Toxicity
Reproductive and/or Developmental Effects
Name
Route
Value
Species
Test
result
Exposure
Duration
UN GHS
Classification
Overall product
No test data
available.
Not classified
based on
component data
2,2'-
Ethylenedioxydieth
yl dimethacrylate
Ingestion
Not toxic to
reproduction
and/or
development
NOAEL 1
mg/kg/day


Similar Part No. - GS-2000-5331-1

ManufacturerPart #DatasheetDescription
logo
FCI connector
GS-20-094 FCI-CONNECTOR-GS-20-094 Datasheet
925Kb / 23P
   ZipLine Connector System
GS-20-129 FCI-CONNECTOR-GS-20-129 Datasheet
850Kb / 9P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
More results

Similar Description - GS-2000-5331-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-2648 TEC-408-2648 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
logo
Shenzhen Huazhimei Semi...
HM9300 HMSEMI-HM9300 Datasheet
244Kb / 2P
   The package and pin of the chip
logo
PHOENIX CONTACT
2764975 PHOENIX-2764975 Datasheet
151Kb / 9P
   Date of manufacture and material and part identification embossed on the housing (recyclability)
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
   the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
TE Connectivity Ltd
ENG_CD_0413-204-2005_- TEC-ENG_CD_0413-204-2005_- Datasheet
31Kb / 1P
   The Deutscgg Company
logo
SparkFun Electronics
BOK-11499 SPARKFUN-BOK-11499 Datasheet
122Kb / 2P
   Robotics: Discover the Science and Technology of the Future
6??1??7
logo
STMicroelectronics
AN2021 STMICROELECTRONICS-AN2021 Datasheet
880Kb / 39P
   The ST10F272B and ST10F272E are members of the STMicroelectronics
logo
List of Unclassifed Man...
88950303 ETC2-88950303 Datasheet
117Kb / 2P
   The LED continuously signals the presence of voltage at the output and, when flashing, triggering of the self-protection
logo
Zilog, Inc.
Z8ENCORE000ZAC ZILOG-Z8ENCORE000ZAC Datasheet
814Kb / 6P
   The voltage and current requirements of the Z8 Encore
logo
List of Unclassifed Man...
88950304 ETC2-88950304 Datasheet
117Kb / 2P
   The LED continuously signals the presence of voltage at the output and, when flashing, triggering of the self-protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com