Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F378PC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74F378PC
Description  Parallel D-Type Register with Enable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F378PC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74F378PC Datasheet HTML 1Page - Fairchild Semiconductor 74F378PC Datasheet HTML 2Page - Fairchild Semiconductor 74F378PC Datasheet HTML 3Page - Fairchild Semiconductor 74F378PC Datasheet HTML 4Page - Fairchild Semiconductor 74F378PC Datasheet HTML 5Page - Fairchild Semiconductor 74F378PC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
fMAX
Maximum Input Frequency
80
100
70
80
MHz
tPLH
Propagation Delay
3.0
5.5
7.5
3.0
10.0
3.0
8.5
ns
tPHL
CP to Qn
3.5
6.0
8.5
3.5
10.5
3.5
9.5
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
Min
Max
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
4.0
5.0
4.0
ns
tS(L)
Dn to CP
4.0
5.0
4.0
tH(H)
Hold Time, HIGH or LOW
0
2.0
0
tH(L)
Dn to CP
0
2.0
0
tS(H)
Setup Time, HIGH or LOW
6.0
4.5
6.0
ns
tS(L)
E to CP
10.0
13.0
10.0
tH(H)
Hold Time, HIGH or LOW
0
0
0
tH(L)
E to CP
00
0
tW(H)
CP Pulse Width
4.0
5.0
4.0
ns
tW(L)
HIGH or LOW
6.0
7.5
6.0


Similar Part No. - 74F378PC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F378PC NSC-74F378PC Datasheet
166Kb / 8P
   Parallel D Register with Enable
More results

Similar Description - 74F378PC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC378 MOTOROLA-MC74AC378 Datasheet
186Kb / 7P
   PARALLEL D REGISTER WITH ENABLE
logo
National Semiconductor ...
54AC378 NSC-54AC378 Datasheet
175Kb / 8P
   Parallel D Register with Enable
54F378DM NSC-54F378DM Datasheet
166Kb / 8P
   Parallel D Register with Enable
logo
STMicroelectronics
T74LS378 STMICROELECTRONICS-T74LS378 Datasheet
344Kb / 4P
   Hex Parallel D register with enable
logo
Texas Instruments
54F378 TI1-54F378 Datasheet
416Kb / 10P
[Old version datasheet]   54F378 74F378 Parallel D Register with Enable
logo
National Semiconductor ...
54LS379 NSC-54LS379 Datasheet
154Kb / 6P
   Quad Parallel Register with Enable
logo
Fairchild Semiconductor
74F379 FAIRCHILD-74F379 Datasheet
56Kb / 6P
   Quad Parallel Register with Enable
logo
STMicroelectronics
T74LS379 STMICROELECTRONICS-T74LS379 Datasheet
325Kb / 4P
   Quad parallel register with enable
logo
Fairchild Semiconductor
74F379 FAIRCHILD-74F379_00 Datasheet
78Kb / 7P
   Quad Parallel Register with Enable
logo
National Semiconductor ...
54F379DM NSC-54F379DM Datasheet
166Kb / 8P
   Quad Parallel Register with Enable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com