Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F399SJ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74F399SJ
Description  Quad 2-Port Register
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F399SJ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F399SJ Datasheet HTML 1Page - Fairchild Semiconductor 74F399SJ Datasheet HTML 2Page - Fairchild Semiconductor 74F399SJ Datasheet HTML 3Page - Fairchild Semiconductor 74F399SJ Datasheet HTML 4Page - Fairchild Semiconductor 74F399SJ Datasheet HTML 5Page - Fairchild Semiconductor 74F399SJ Datasheet HTML 6Page - Fairchild Semiconductor 74F399SJ Datasheet HTML 7Page - Fairchild Semiconductor 74F399SJ Datasheet HTML 8Page - Fairchild Semiconductor 74F399SJ Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Logic Symbols
74F398
74F399
IEEE/IEC
74F398
74F399
Unit Loading/Fan Out
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
S
Common Select Input
1.0/1.0
20
µA/−0.6 mA
CP
Clock Pulse Input (Active Rising Edge)
1.0/1.0
20
µA/−0.6 mA
I0a–I0d
Data Inputs from Source 0
1.0/1.0
20
µA/−0.6 mA
I1a–I1d
Data Inputs from Source 1
1.0/1.0
20
µA/−0.6 mA
Qa–Qd
Register True Outputs
50/33.3
−1 mA/20 mA
Qa–Qd
Register Complementary Outputs (74F398)
50/33.3
−1 mA/20 mA


Similar Part No. - 74F399SJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F399SJ NSC-74F399SJ Datasheet
178Kb / 10P
   Quad 2-Port Register
logo
Fairchild Semiconductor
74F399SJ FAIRCHILD-74F399SJ Datasheet
77Kb / 7P
   Quad 2-Port Register
More results

Similar Description - 74F399SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC399 FAIRCHILD-74AC399_00 Datasheet
102Kb / 9P
   Quad 2-Port Register
logo
Motorola, Inc
SN54LS398 MOTOROLA-SN54LS398 Datasheet
209Kb / 6P
   QUAD 2-PORT REGISTER
logo
National Semiconductor ...
54F398DM NSC-54F398DM Datasheet
178Kb / 10P
   Quad 2-Port Register
logo
Motorola, Inc
MC74AC398 MOTOROLA-MC74AC398 Datasheet
392Kb / 8P
   Quad 2-Port Register
logo
Fairchild Semiconductor
74F399 FAIRCHILD-74F399 Datasheet
77Kb / 7P
   Quad 2-Port Register
74AC399 FAIRCHILD-74AC399 Datasheet
87Kb / 8P
   Quad 2-Port Register
logo
National Semiconductor ...
54ACT399 NSC-54ACT399 Datasheet
137Kb / 6P
   Quad 2-Port Register
logo
Motorola, Inc
MC5474F398 MOTOROLA-MC5474F398 Datasheet
81Kb / 3P
   QUAD 2-PORT REGISTER
logo
National Semiconductor ...
54LS298 NSC-54LS298 Datasheet
84Kb / 3P
   QUAD 2-PORT REGISTER MULTIPLEXER WITH STORAGE
logo
Fairchild Semiconductor
DM74LS298 FAIRCHILD-DM74LS298 Datasheet
43Kb / 4P
   Quad 2-Port Register Multiplexer with Storage
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com