Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC2A6010 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MOC2A6010
Description  OPTOISOLATOR 2 AMP ZERO CROSS TRIAC OUTPUT 600 VOLTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC2A6010 Datasheet(HTML) 2 Page - Motorola, Inc

  MOC2A6010 Datasheet HTML 1Page - Motorola, Inc MOC2A6010 Datasheet HTML 2Page - Motorola, Inc MOC2A6010 Datasheet HTML 3Page - Motorola, Inc MOC2A6010 Datasheet HTML 4Page - Motorola, Inc MOC2A6010 Datasheet HTML 5Page - Motorola, Inc MOC2A6010 Datasheet HTML 6Page - Motorola, Inc MOC2A6010 Datasheet HTML 7Page - Motorola, Inc MOC2A6010 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MOC2A60-10 MOC2A60-5
2
Motorola Optoelectronics Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
INPUT LED
Forward Voltage (IF = 10 mA)
VF
1.00
1.17
1.50
V
Reverse Leakage Current (VR = 6.0 V)
IR
1.0
100
µA
Capacitance
C
18
pF
OUTPUT TRIAC
Off–State Leakage, Either Direction
(IF = 0, VDRM = 600 V)
IDRM
0.25
10
µA
Critical Rate of Rise of Off–State Voltage (Static)
Vin = 400 vac(pk)) (1)(2)
dv/dt(s)
400
V/
µs
Holding Current, Either Direction (IF = 0, VD = 12 V, IT = 200 mA)
IH
10
mA
COUPLED
LED Trigger Current Required to Latch Output
MOC2A60–10
Either Direction (Main Terminal Voltage = 2.0 V)(3)(4)
MOC2A60–5
IFT(on)
IFT(on)
7.0
3.5
10
5.0
mA
mA
On–State Voltage, Either Direction (IF = Rated IFT(on), ITM = 2.0 A)
VTM
0.96
1.3
V
Inhibit Voltage, Either Direction (IF = Rated IFT(on))(5)
(Main Terminal Voltage above which device will not trigger)
VINH
8.0
10
V
Commutating dv/dt (Rated VDRM, IT = 30 mA – 2.0 A(rms),
TA = – 40 ± 100°C, f = 60 Hz)(2)
dv/dt (c)
5.0
V/
µS
Common–mode Input–Output dv/dt(2)
dv/dt(cm)
40,000
V/
µS
Input–Output Capacitance (V = 0, f = 1.0 MHz)
CISO
1.3
pF
Isolation Resistance (VI–O = 500 V)
RISO
1012
1014
1. Per EIA/NARM standard RS–443, with VP = 200 V, which is the instantaneous peak of the maximum operating voltage.
2. Additional dv/dt information, including test methods, can be found in Motorola applications note AN1048/D, Figure 43.
3. All devices are guaranteed to trigger at an IF value less than or equal to the max IFT. Therefore, the recommended operating IF lies between
3. the device’s maximum IFT(on) limit and the Maximum Rating of 50 mA.
4. Current–limiting resistor required in series with LED.
5. Also known as “Zero Voltage Turn–On.”
1.40
0.80
–40
–20
20
40
80
120
100
80
60
40
20
0
Figure 1. Maximum Allowable Forward LED
Current versus Ambient Temperature
TA, AMBIENT TEMPERATURE (°C)
Figure 2. LED Forward Voltage
versus LED Forward Current
2.00
1.80
1.60
1.00
1
IF, FORWARD CURRENT (mA)
10
100
1000
0
60
100
1.20
TYPICAL CHARACTERISTICS
TA = – 40°C
25
°C
100
°C
PULSE OR DC
PULSE ONLY


Similar Part No. - MOC2A6010

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC2A60-10 MOTOROLA-MOC2A60-10 Datasheet
123Kb / 8P
   2 Amp Zero Cross Triac Output
MOC2A60-5 MOTOROLA-MOC2A60-5 Datasheet
123Kb / 8P
   2 Amp Zero Cross Triac Output
More results

Similar Description - MOC2A6010

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOCZ500 MOTOROLA-MOCZ500 Datasheet
222Kb / 8P
   OPTOISOLATOR ZERO CROSS TRIAC OUTPUT
MOC2A60-10 MOTOROLA-MOC2A60-10 Datasheet
123Kb / 8P
   2 Amp Zero Cross Triac Output
MOC2R6010 MOTOROLA-MOC2R6010 Datasheet
228Kb / 8P
   OPTOISOLATOR 2 AMPS RANDOM-PHASE TRIAC OUTPUT 600 VOLTS
logo
NTE Electronics
NTE3049 NTE-NTE3049 Datasheet
21Kb / 2P
   Optoisolator Zero Crossing TRIAC Driver
NTE3097 NTE-NTE3097 Datasheet
22Kb / 2P
   Optoisolator Zero Crossing TRIAC Driver
NTE3047 NTE-NTE3047 Datasheet
21Kb / 2P
   Optoisolator TRIAC Driver Output
NTE3048 NTE-NTE3048 Datasheet
20Kb / 2P
   Optoisolator TRIAC Driver Output
logo
Sharp Corporation
PR29MF21NSZ SHARP-PR29MF21NSZ_04 Datasheet
318Kb / 15P
   Zero Cross type DIP 8pin Triac output SSR
PR21HD22NSZ SHARP-PR21HD22NSZ Datasheet
250Kb / 13P
   IT(rms) 1.5A, Low trigger current Zero Cross type Zero Cross type Triac output SSR
PR36MF51NSZF SHARP-PR36MF51NSZF Datasheet
253Kb / 14P
   Non-Zero Cross type DIP 8pin Triac output SSR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com