Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL001-70BEZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADXL001-70BEZ-R7
Description  High Performance, Wide Bandwidth Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL001-70BEZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADXL001-70BEZ-R7 Datasheet HTML 2Page - Analog Devices ADXL001-70BEZ-R7 Datasheet HTML 3Page - Analog Devices ADXL001-70BEZ-R7 Datasheet HTML 4Page - Analog Devices ADXL001-70BEZ-R7 Datasheet HTML 5Page - Analog Devices ADXL001-70BEZ-R7 Datasheet HTML 6Page - Analog Devices ADXL001-70BEZ-R7 Datasheet HTML 7Page - Analog Devices ADXL001-70BEZ-R7 Datasheet HTML 8Page - Analog Devices ADXL001-70BEZ-R7 Datasheet HTML 9Page - Analog Devices ADXL001-70BEZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADXL001
Rev. A | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Acceleration (Any Axis, Unpowered and
Powered)
4000 g
Supply Voltage, VS
−0.3 V to +7.0 V
Output Short-Circuit Duration (VOUT to GND)
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−55°C to +125°C
Soldering Temperature (Soldering, 10 sec)
245°C
Drops onto hard surfaces can cause shocks of greater than
4000 g and can exceed the absolute maximum rating of the
device. Exercise care during handling to avoid damage.
ESD CAUTION
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.


Similar Part No. - ADXL001-70BEZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL001-70 AD-ADXL001-70 Datasheet
410Kb / 10P
   High Performance Wide Bandwidth Accelerometer
Rev. PrA
More results

Similar Description - ADXL001-70BEZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL001 AD-ADXL001 Datasheet
410Kb / 10P
   High Performance Wide Bandwidth Accelerometer
Rev. PrA
ADXL1005 AD-ADXL1005 Datasheet
494Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
ADXL1003 AD-ADXL1003 Datasheet
512Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
ADXL1004 AD-ADXL1004 Datasheet
442Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
logo
List of Unclassifed Man...
CXL02TG3 ETC2-CXL02TG3 Datasheet
391Kb / 2P
   HIGH PERFORMANCE ACCELEROMETER
logo
SYNERGY MICROWAVE CORPO...
KBK-746S SYNERGY-KBK-746S Datasheet
372Kb / 3P
   wide bandwidth
logo
M.S. Kennedy Corporatio...
MSK738 MSK-MSK738_15 Datasheet
421Kb / 5P
   Wide Bandwidth
logo
Micross Components
HMC361 MICROSS-HMC361 Datasheet
836Kb / 9P
   Wide Bandwidth
HMC363 MICROSS-HMC363 Datasheet
847Kb / 9P
   Wide Bandwidth
logo
M.S. Kennedy Corporatio...
MSK600 MSK-MSK600 Datasheet
188Kb / 6P
   WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com