Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADXL001-500Z Datasheet(PDF) 4 Page - Analog Devices

Part # EVAL-ADXL001-500Z
Description  High Performance, Wide Bandwidth Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADXL001-500Z Datasheet(HTML) 4 Page - Analog Devices

  EVAL-ADXL001-500Z Datasheet HTML 1Page - Analog Devices EVAL-ADXL001-500Z Datasheet HTML 2Page - Analog Devices EVAL-ADXL001-500Z Datasheet HTML 3Page - Analog Devices EVAL-ADXL001-500Z Datasheet HTML 4Page - Analog Devices EVAL-ADXL001-500Z Datasheet HTML 5Page - Analog Devices EVAL-ADXL001-500Z Datasheet HTML 6Page - Analog Devices EVAL-ADXL001-500Z Datasheet HTML 7Page - Analog Devices EVAL-ADXL001-500Z Datasheet HTML 8Page - Analog Devices EVAL-ADXL001-500Z Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADXL001
Rev. A | Page 4 of 16
SPECIFICATIONS FOR 5 V OPERATION
TA = -40°C to +125°C, VS = 5 V ± 5% dc, acceleration = 0 g, unless otherwise noted.
Table 2.
ADXL001-70
ADXL001-250
ADXL001-500
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SENSOR
Nonlinearity
0.2
2
0.2
2
0.2
2
%
Cross-Axis Sensitivity
Includes package
alignment
2
2
2
%
Resonant Frequency
22
22
22
kHz
Quality Factor
2.5
2.5
2.5
SENSITIVITY
Full-Scale Range
IOUT ≤ ±100 μA
−70
+70
−250
+250
−500
+500
g
Sensitivity
100 Hz
24.2
6.7
3.3
mV/g
OFFSET
Ratiometric
Zero-g Output
2.00
2.5
3.00
2.00
2.5
3.00
2.00
2.5
3.00
V
NOISE
Noise
10 Hz to 400 Hz
55
60
70
mg rms
Noise Density
10 Hz to 400 Hz
2.15
2.35
2.76
mg/√Hz
FREQUENCY RESPONSE
−3 dB Frequency
32
32
32
kHz
−3 dB Frequency Drift
Over Temperature
2
2
2
%
SELF-TEST
Output Voltage Change
1435
445
217
mV
Logic Input High
3.3
3.3
3.3
V
Logic Input Low
0.66
0.66
0.66
V
Input Resistance
To ground
30
50
30
50
30
50
OUTPUT AMPLIFIER
Output Swing
IOUT = ±100 μA
0.2
VS − 0.2
0.2
VS − 0.2
0.2
VS − 0.2
V
Capacitive Load
1000
1000
1000
pF
PSRR (CFSR)
DC to 1 MHz
0.9
0.9
0.9
V/V
POWER SUPPLY (VS)
Functional Range
3.135
6
3.135
6
3.135
6
V
ISUPPLY
4.5
9
4.5
9
4.5
9
mA
Turn-On Time
10
10
10
ms


Similar Part No. - EVAL-ADXL001-500Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADXL1001Z AD-EVAL-ADXL1001Z Datasheet
752Kb / 14P
   Low Noise, High Frequency MEMS Accelerometers
EVAL-ADXL1001Z AD-EVAL-ADXL1001Z Datasheet
196Kb / 7P
   Evaluation Board User Guide
Rev. 0
EVAL-ADXL1002Z AD-EVAL-ADXL1002Z Datasheet
752Kb / 14P
   Low Noise, High Frequency MEMS Accelerometers
EVAL-ADXL1002Z AD-EVAL-ADXL1002Z Datasheet
196Kb / 7P
   Evaluation Board User Guide
Rev. 0
EVAL-ADXL1003Z AD-EVAL-ADXL1003Z Datasheet
512Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
More results

Similar Description - EVAL-ADXL001-500Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL001 AD-ADXL001 Datasheet
410Kb / 10P
   High Performance Wide Bandwidth Accelerometer
Rev. PrA
ADXL1005 AD-ADXL1005 Datasheet
494Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
ADXL1003 AD-ADXL1003 Datasheet
512Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
ADXL1004 AD-ADXL1004 Datasheet
442Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
logo
List of Unclassifed Man...
CXL02TG3 ETC2-CXL02TG3 Datasheet
391Kb / 2P
   HIGH PERFORMANCE ACCELEROMETER
logo
SYNERGY MICROWAVE CORPO...
KBK-746S SYNERGY-KBK-746S Datasheet
372Kb / 3P
   wide bandwidth
logo
M.S. Kennedy Corporatio...
MSK738 MSK-MSK738_15 Datasheet
421Kb / 5P
   Wide Bandwidth
logo
Micross Components
HMC361 MICROSS-HMC361 Datasheet
836Kb / 9P
   Wide Bandwidth
HMC363 MICROSS-HMC363 Datasheet
847Kb / 9P
   Wide Bandwidth
logo
M.S. Kennedy Corporatio...
MSK600 MSK-MSK600 Datasheet
188Kb / 6P
   WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com