Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC2R6010 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MOC2R6010
Description  OPTOISOLATOR 2 AMPS RANDOM-PHASE TRIAC OUTPUT 600 VOLTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC2R6010 Datasheet(HTML) 7 Page - Motorola, Inc

  MOC2R6010 Datasheet HTML 1Page - Motorola, Inc MOC2R6010 Datasheet HTML 2Page - Motorola, Inc MOC2R6010 Datasheet HTML 3Page - Motorola, Inc MOC2R6010 Datasheet HTML 4Page - Motorola, Inc MOC2R6010 Datasheet HTML 5Page - Motorola, Inc MOC2R6010 Datasheet HTML 6Page - Motorola, Inc MOC2R6010 Datasheet HTML 7Page - Motorola, Inc MOC2R6010 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MOC2R60-10 MOC2R60-15
7
Motorola Optoelectronics Device Data
PACKAGE DIMENSIONS
CASE 417–02
PLASTIC
STANDARD HEAT TAB
ISSUE C
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
STYLE 2:
PIN 2. LED CATHODE
3. LED ANODE
7. TRIAC MT
9. TRIAC MT
2
9
7
3
–A–
L
V
G
4 PL
D
N
K
P
S
–T–
SEATING
PLANE
–B–
M
A
M
0.13 (0.005)
B M
T
H
J
E
C
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.965
1.005
24.51
25.53
B
0.416
0.436
10.57
11.07
C
0.170
0.190
4.32
4.83
D
0.025
0.035
0.64
0.89
E
0.040
0.060
1.02
1.52
G
0.400 BSC
10.16 BSC
H
0.040
0.060
1.02
1.52
J
0.012
0.018
0.30
0.46
K
0.134
0.154
3.40
3.91
L
0.200 BSC
5.08 BSC
N
0.190
0.210
4.83
5.33
P
0.023
0.043
0.58
1.09
S
0.695
0.715
17.65
18.16
V
0.100 BSC
2.54 BSC
CASE 417A–02
PLASTIC
FLUSH MOUNT HEAT TAB
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
STYLE 1:
PIN 2. LED CATHODE
3. LED ANODE
7. TRIAC MT
9. TRIAC MT
2
9
7
3
–A–
L
V
G
4 PL
D
N
K
P
S
–T–
SEATING
PLANE
–B–
M
A
M
0.13 (0.005)
B M
T
H
J
E
C
U
W
Y
Q
R
RADIUS
Z
X
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.965
1.005
24.51
25.53
B
0.416
0.436
10.57
11.07
C
0.170
0.190
4.32
4.83
D
0.025
0.035
0.64
0.89
E
0.040
0.060
1.02
1.52
G
0.400 BSC
10.16 BSC
H
0.040
0.060
1.02
1.52
J
0.012
0.018
0.30
0.46
K
0.134
0.154
3.40
3.91
L
0.200 BSC
5.08 BSC
N
0.190
0.210
4.83
5.33
P
0.023
0.043
0.58
1.09
Q
0.057
0.067
1.45
1.70
R
0.734
0.754
18.64
19.15
S
0.840
0.870
21.34
22.10
U
0.593
0.613
15.06
15.57
V
0.100 BSC
2.54 BSC
W
0.074
0.094
1.88
2.39
X
0.265
0.295
6.73
7.49
Y
0.079
0.089
2.01
2.26
Z
0.026
0.036
0.66
0.91
ORDER “F” SUFFIX
HEAT TAB OPTION
(EX: MOC2R60–10F)


Similar Part No. - MOC2R6010

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC205 MOTOROLA-MOC205 Datasheet
118Kb / 4P
   SMALL OUTLINE OPTOISOLATORS TRANSISTOR OUTPUT
logo
Fairchild Semiconductor
MOC205 FAIRCHILD-MOC205 Datasheet
520Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC205-M FAIRCHILD-MOC205-M Datasheet
520Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC205-M FAIRCHILD-MOC205-M Datasheet
518Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC205M FAIRCHILD-MOC205M Datasheet
2Mb / 10P
   Small Outline Optocouplers Transistor Output
More results

Similar Description - MOC2R6010

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC2A6010 MOTOROLA-MOC2A6010 Datasheet
203Kb / 8P
   OPTOISOLATOR 2 AMP ZERO CROSS TRIAC OUTPUT 600 VOLTS
logo
NTE Electronics
NTE3047 NTE-NTE3047 Datasheet
21Kb / 2P
   Optoisolator TRIAC Driver Output
NTE3048 NTE-NTE3048 Datasheet
20Kb / 2P
   Optoisolator TRIAC Driver Output
logo
Motorola, Inc
MOCZ500 MOTOROLA-MOCZ500 Datasheet
222Kb / 8P
   OPTOISOLATOR ZERO CROSS TRIAC OUTPUT
logo
List of Unclassifed Man...
Q301X ETC2-Q301X Datasheet
890Kb / 14P
   RANDOM-PHASE TRIAC OPTOCOUPLER
logo
Solid State Optronic
TD3022 SSOUSA-TD3022 Datasheet
263Kb / 4P
   Random-Phase Triac Driver
logo
List of Unclassifed Man...
Q301X ETC1-Q301X Datasheet
890Kb / 14P
   RANDOM-PHASE TRIAC OPTOCOUPLER
logo
Solid State Optronic
TDM3023 SSOUSA-TDM3023 Datasheet
221Kb / 4P
   Random-Phase Triac Driver
logo
Guangdong Youtai Semico...
MOC3022SM UMW-MOC3022SM Datasheet
1Mb / 6P
   Random Phase Triac Driven Optocoupler
logo
Central Semiconductor C...
2N6071 CENTRAL-2N6071 Datasheet
81Kb / 2P
   SENSITIVE GATE TRIAC 4.0 AMPS, 200 THRU 600 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com