Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F569 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # 74F569
Description  4-Bit Bidirectional Counter with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F569 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  74F569 Datasheet HTML 1Page - Fairchild Semiconductor 74F569 Datasheet HTML 2Page - Fairchild Semiconductor 74F569 Datasheet HTML 3Page - Fairchild Semiconductor 74F569 Datasheet HTML 4Page - Fairchild Semiconductor 74F569 Datasheet HTML 5Page - Fairchild Semiconductor 74F569 Datasheet HTML 6Page - Fairchild Semiconductor 74F569 Datasheet HTML 7Page - Fairchild Semiconductor 74F569 Datasheet HTML 8Page - Fairchild Semiconductor 74F569 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
AC Operating Requirements
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
MinMax
MinMax
tS(H)
Setup Time, HIGH or LOW
4.0
4.5
ns
tS(L)
Pn to CP
4.0
4.5
tH(H)
Hold Time, HIGH or LOW
3.0
3.5
tH(L)
Pn to CP
3.0
3.5
tS(H)
Setup Time, HIGH or LOW
7.0
8.0
ns
tS(L)
CEP or CET to CP
5.0
6.5
tH(H)
Hold Time, HIGH or LOW
0
0
tH(L)
CEP or CET to CP
0.5
0.5
tS(H)
Setup Time, HIGH or LOW
8.0
9.0
ns
tS(L)
PE to CP
8.0
9.0
tH(H)
Hold Time, HIGH or LOW
0.0
1.0
tH(L)
PE to CP
00
tS(H)
Setup Time, HIGH or LOW
11.0
12.5
ns
tS(L)
U/D to CP
7.0
8.5
tH(H)
Hold Time, HIGH or LOW
0
0
ns
tH(L)
U/D to CP
00
tS(H)
Setup Time, HIGH or LOW
10.5
11.0
ns
tS(L)
SR to CP
8.5
9.5
tH(H)
Hold Time, HIGH or LOW
0
0
tH(L)
SR to CP
00
tW(H)
CP Pulse Width,
4.0
4.5
ns
tW(L)
HIGH or LOW
7.0
8.0
tW(L)
MR Pulse Width, LOW
4.5
6.0
ns
tREC
MR Recovery Time
6.0
8.0
ns


Similar Part No. - 74F569

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F569 PHILIPS-74F569 Datasheet
130Kb / 14P
   4-bit bidirectional binary synchronous counter 3-State
1996 Jan 05
More results

Similar Description - 74F569

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F779 FAIRCHILD-74F779 Datasheet
74Kb / 7P
   8-Bit Bidirectional Binary Counter with 3-STATE Outputs
74F579 FAIRCHILD-74F579_00 Datasheet
84Kb / 8P
   8-Bit Bidirectional Binary Counter with 3-STATE Outputs
74F579 FAIRCHILD-74F579 Datasheet
71Kb / 7P
   8-Bit Bidirectional Binary Counter with 3-STATE Outputs
logo
Motorola, Inc
MC5474F569 MOTOROLA-MC5474F569 Datasheet
187Kb / 6P
   4-BIT BIDIRECTIONAL COUNTERS (WITH 3-STATE OUTPUTS)
logo
NXP Semiconductors
74F569 PHILIPS-74F569 Datasheet
130Kb / 14P
   4-bit bidirectional binary synchronous counter 3-State
1996 Jan 05
logo
National Semiconductor ...
54F579 NSC-54F579 Datasheet
197Kb / 8P
   8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
54F779 NSC-54F779 Datasheet
176Kb / 8P
   8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
logo
Motorola, Inc
MC74F579 MOTOROLA-MC74F579 Datasheet
136Kb / 4P
   8-BIT BIDIRECTIONAL BINARY COUNTER (3-STATE)
logo
NXP Semiconductors
74F579 PHILIPS-74F579 Datasheet
112Kb / 14P
   8-bit bidirectional binary counter 3-State
1992 May 04
74F779 PHILIPS-74F779 Datasheet
100Kb / 12P
   8-bit bidirectional binary counter 3-State
1989 Sep 20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com