Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3011 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MOC3011
Description  6-Pin DIP Random-Phase Optoisolators Triac Driver Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC3011 Datasheet(HTML) 2 Page - Motorola, Inc

  MOC3011 Datasheet HTML 1Page - Motorola, Inc MOC3011 Datasheet HTML 2Page - Motorola, Inc MOC3011 Datasheet HTML 3Page - Motorola, Inc MOC3011 Datasheet HTML 4Page - Motorola, Inc MOC3011 Datasheet HTML 5Page - Motorola, Inc MOC3011 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MOC3010 MOC3011 MOC3012
2
Motorola Optoelectronics Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
INPUT LED
Reverse Leakage Current
(VR = 3 V)
IR
0.05
100
µA
Forward Voltage
(IF = 10 mA)
VF
1.15
1.5
Volts
OUTPUT DETECTOR (IF = 0 unless otherwise noted)
Peak Blocking Current, Either Direction
(Rated VDRM(1))
IDRM
10
100
nA
Peak On–State Voltage, Either Direction
(ITM = 100 mA Peak)
VTM
1.8
3
Volts
Critical Rate of Rise of Off–State Voltage (Figure 7, Note 2)
dv/dt
10
V/
µs
COUPLED
LED Trigger Current, Current Required to Latch Output
(Main Terminal Voltage = 3 V(3))
MOC3010
MOC3011
MOC3012
IFT
8
5
3
15
10
5
mA
Holding Current, Either Direction
IH
100
µA
1. Test voltage must be applied within dv/dt rating.
2. This is static dv/dt. See Figure 7 for test circuit. Commutating dv/dt is a function of the load–driving thyristor(s) only.
3. All devices are guaranteed to trigger at an IF value less than or equal to max IFT. Therefore, recommended operating IF lies between max
3. IFT (15 mA for MOC3010, 10 mA for MOC3011, 5 mA for MOC3012) and absolute max IF (60 mA).
–800
TYPICAL ELECTRICAL CHARACTERISTICS
TA = 25°C
Figure 1. LED Forward Voltage versus Forward Current
2
1.8
1.6
1.4
1.2
1
1
10
100
1000
IF, LED FORWARD CURRENT (mA)
PULSE ONLY
PULSE OR DC
85
°C
25
°C
Figure 2. On–State Characteristics
–3
VTM, ON–STATE VOLTAGE (VOLTS)
–400
0
+400
+800
–2
–1
0
1
2
3
TA = –40°C


Similar Part No. - MOC3011

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MOC3011 QT-MOC3011 Datasheet
420Kb / 5P
   NON-ZERO-CROSSING TRIACS
logo
ISOCOM COMPONENTS
MOC3011 ISOCOM-MOC3011 Datasheet
54Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
Texas Instruments
MOC3011 TI-MOC3011 Datasheet
96Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
logo
Fairchild Semiconductor
MOC3011 FAIRCHILD-MOC3011 Datasheet
185Kb / 7P
   6-Pin DIP Random-Phoase Optoisolators Triac Driver Output (250 Volts Peak)
2000
MOC3011M FAIRCHILD-MOC3011M Datasheet
111Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
More results

Similar Description - MOC3011

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3021 FAIRCHILD-MOC3021 Datasheet
176Kb / 7P
   6-Pin DIP Random-phase Optoisolators Triac Driver Output
logo
Motorola, Inc
MOC3020 MOTOROLA-MOC3020 Datasheet
299Kb / 6P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output
MOC3051 MOTOROLA-MOC3051 Datasheet
329Kb / 8P
   6-Pin DIP Random-Phase Optoisolators Triac Drivers
logo
Fairchild Semiconductor
MOC3010M FAIRCHILD-MOC3010M_05 Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M_09 Datasheet
275Kb / 11P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3010-M FAIRCHILD-MOC3010-M Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3022-M FAIRCHILD-MOC3022-M Datasheet
527Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M Datasheet
111Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
logo
ON Semiconductor
MOC3010M ONSEMI-MOC3010M Datasheet
348Kb / 12P
   6-Pin DIP Random-Phase Triac Driver Output Optocoupler
May, 2018 ??Rev. 1
logo
Everlight Electronics C...
EL301X_0808 EVERLIGHT-EL301X_0808 Datasheet
316Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com