Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F675ASPC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74F675ASPC
Description  16-Bit Serial-In, Serial/Parallel-Out Shift Register
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F675ASPC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F675ASPC Datasheet HTML 1Page - Fairchild Semiconductor 74F675ASPC Datasheet HTML 2Page - Fairchild Semiconductor 74F675ASPC Datasheet HTML 3Page - Fairchild Semiconductor 74F675ASPC Datasheet HTML 4Page - Fairchild Semiconductor 74F675ASPC Datasheet HTML 5Page - Fairchild Semiconductor 74F675ASPC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Functional Description
The 16-Bit shift register operates in one of four modes, as
determined by the signals applied to the Chip Select (CS),
Read/Write (R/W) and Store Clock Pulse (STCP) input.
State changes are indicated by the falling edge of the Shift
Clock Pulse (SHCP). In the Shift Right mode, data enters
D0 from the Serial Input (SI) pin and exits from Q15 via the
Serial Data Output (SO) pin. In the Parallel Load mode,
data from the storage register outputs enter the shift regis-
ter and serial shifting is inhibited.
The storage register is in the Hold mode when either CS or
R/W is HIGH. With CS and R/W both LOW, the storage
register is parallel loaded from the shift register on the ris-
ing edge of STCP.
To prevent false clocking of the shift register, SHCP should
be in the LOW state during a LOW-to-HIGH transition of
CS. To prevent false clocking of the storage register, STCP
should be LOW during a HIGH-to-LOW transition of CS if
R/W is LOW, and should also be LOW during a HIGH-to-
LOW transition of R/W if CS is LOW.
Shift Register Operations Table
Storage Register Operations Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
 = HIGH-to-LOW Transition
 = LOW-to-HIGH Transition
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
SI
Serial Data Input
1.0/1.0
20
µA/−0.6 mA
CS
Chip Select Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
SHCP
Shift Clock Pulse Input (Active Falling Edge)
1.0/1.0
20
µA/−0.6 mA
STCP
Store Clock Pulse Input (Active Rising Edge)
1.0/1.0
20
µA/−0.6 mA
R/W
Read/Write Input
1.0/1.0
20
µA/−0.6 mA
SO
Serial Data Output
50/33.3
−1 mA/20 mA
Q0–Q15
Parallel Data Outputs
50/33.3
−1 mA/20 mA
Control Inputs
Operating
CS
R/W
SHCP STCP
Mode
H
X
X
X
Hold
LL

X
Shift Right
LH

L
Shift Right
LH

H
Parallel Load,
No Shifting
Inputs
Operating
CS
R/W
STCP
Mode
HX
X
Hold
LH
X
Hold
LL

Parallel Load


Similar Part No. - 74F675ASPC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F675ASPC FAIRCHILD-74F675ASPC Datasheet
76Kb / 6P
   16-Bit Serial-In, Serial/Parallel-Out Shift Register
More results

Similar Description - 74F675ASPC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F676 FAIRCHILD-74F676_02 Datasheet
68Kb / 6P
   16-Bit Serial/Parallel-In, Serial-Out Shift Register
logo
National Semiconductor ...
54F676DM NSC-54F676DM Datasheet
181Kb / 10P
   16-Bit Serial/Parallel-In, Serial-Out Shift Register
logo
Fairchild Semiconductor
74F675A FAIRCHILD-74F675A_00 Datasheet
76Kb / 6P
   16-Bit Serial-In, Serial/Parallel-Out Shift Register
74F673A FAIRCHILD-74F673A Datasheet
65Kb / 7P
   16-Bit Serial-In, Serial/Parallel-Out Shift Register
74F676 FAIRCHILD-74F676 Datasheet
57Kb / 6P
   16-Bit Serial/Parallel-In, Serial-Out Shift Register
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
NXP Semiconductors
74F676 PHILIPS-74F676 Datasheet
87Kb / 10P
   16-bit serial/parallel-in, serial-out shift register 3-State
1989 Apr 18
74F674 PHILIPS-74F674 Datasheet
49Kb / 5P
   16-bit serial/parallel-in, serial-out shift register 3-State
1989 Feb 05 1 853
logo
Texas Instruments
54F676 TI1-54F676 Datasheet
431Kb / 12P
[Old version datasheet]   54F676 74F676 16-Bit Serial/Parallel-In, Serial-Out Shift Register
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
   Serial-In, Parallel-Out Shift Register
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com