Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE200A Datasheet(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # 1.5KE200A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

1.5KE200A Datasheet(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  1.5KE200A Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. 1.5KE200A Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. 1.5KE200A Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. 1.5KE200A Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1.5KE6.8 THRU 1.5KE440CA
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPESSOR
Breakdown Voltage:6.8-440 Volts
Pesk Pulse Power:1500 Watts
FEATURE
MECHANICAL DATA
DO-201AD
0.210 (5.3)
0.190(4.8)
DIA.
0.042 (1.07)
0.038 (0.96)
DIA.
Dimensions in inches and (millimeters)
1500w peak pulse power capability
Excellent clamping capability
Low incremental surge resistance
Fast response time:typically less than 1.0ps from 0v to
VBR for unidirectional and 5.0ns ror bidirectional types.
High temperature soldering guaranteed:
265 C/10S/9.5mm lead length at 5 lbs tension
0.375(9.5)
0.265(7.2)
1.0(25.4)
MIN.
1.0 (25.4)
MIN.
Case: JEDEC DO-201AD molded plastic body over
passivated junction
Terminals: Plated axial leads, solderable per MIL-STD 750
method 2026
Polarity: Color band denotes cathode except for
bidirectional types
Mounting Position: Any
Weight: 0.04 ounce,1.10 grams
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For bidirectional use C or CA suffix for types 1.5KE6.8 thru types 1.5KE440 (e.g. 1.5KE6.8CA,1.5KE440CA).
Electrical characteristics apply in both directions.
C
Peak power dissipation
(Note 1)
Peak pulse reverse current
(Note 1, Fig.1)
Steady state power dissapation (Note 2)
Peak forward surge current
(Note 3)
Maximum instantaneous forward voltage at 100A
for unidirectional only
(Note 4)
Operating junction and storage temperature range
PPPM
IPPM
PM(AV)
IFSM
TSTG,TJ
3.5/5.0
SYMBOLS
UNITS
VALUE
Minimum 1500
See Table 1
5.0
200
-55 to + 175
VF
Watts
Amps
Watts
Amps
Volts
Notes:
1.10/1000
µs waveform non-repetitive current pulse,per Fig.3 and derated above Ta=25 C per Fig.2
2.TL=75 C,lead lengths 9.5mm,Mounted on copper pad atea of (20x20mm)Fig.5
3.Measured on 8.3ms single half sine-wave or equivalent square wave,duty cycle=4 pulses per minute maximum.
4.VF=3.5V max.for devices of V(BR)<200V,and VF=5.0V max.for devices of V(BR)>200V
MDD ELECTRONIC


Similar Part No. - 1.5KE200A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE200A TRSYS-1.5KE200A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
1.5KE200A SOCAY-1.5KE200A Datasheet
513Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Taiwan Semiconductor Co...
1.5KE200A TSC-1.5KE200A Datasheet
376Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Shanghai Leiditech Elec...
1.5KE200A LEIDITECH-1.5KE200A Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE200A DIODES-1.5KE200A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
More results

Similar Description - 1.5KE200A

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
1.5KE SHUNYE-1.5KE Datasheet
875Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPESSOR
1.5KE6.8 SY-1.5KE6.8 Datasheet
660Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPESSOR
1.5KE6.8 SHUNYE-1.5KE6.8 Datasheet
659Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPESSOR
logo
Microdiode Electronics ...
1.5KE6.8 CHENDA-1.5KE6.8 Datasheet
841Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPESSOR
logo
Transys Electronics
P4KE TRSYS-P4KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE TRSYS-P6KE Datasheet
211Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
5SMC6.8A CENTRAL-5SMC6.8A Datasheet
886Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
C4SMAFL8.5A CENTRAL-C4SMAFL8.5A Datasheet
1,002Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
1SMC5.0CA CENTRAL-1SMC5.0CA Datasheet
888Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
logo
MDE Semiconductor, Inc.
P6KE MDE-P6KE_13 Datasheet
143Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com