Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE6017 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6017
Description  Non-Shorting Dust Cap for N Male
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6017 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6017 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6017 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Non-Shorting Dust Cap for N Male
Configuration
Connector
N Male Non-Shorting
Chain Option
No Chain
Mechanical Specifications
Size
Length, in [mm]
0.75 [19.05]
Width, in [mm]
0.44 [11]
.
Connector
Type
N Male Non-Shorting
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Non-Shorting Dust Cap for N Male from Pasternack Enterprises has same day shipment for domestic and International orders.
Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Non-Shorting Dust Cap for N Male PE6017
URL: http://www.pasternack.com/50-ohm-n-male-non-shorting-cap-pe6017-p.aspx
PE6017
PE6017 REV
Non-Shorting Dust Cap for N Male


Similar Part No. - PE6017

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6011-50 PASTERNACK-PE6011-50 Datasheet
185Kb / 2P
   50 Ohm 0.5 Watts Brass TNC Male RF Load Up To 1,000 MHz
PE6011-75 PASTERNACK-PE6011-75 Datasheet
76Kb / 1P
   TNC MALE RESISTOR TERMINATION
PE6011-93 PASTERNACK-PE6011-93 Datasheet
76Kb / 1P
   TNC MALE RESISTOR TERMINNATION
PE6012 PASTERNACK-PE6012 Datasheet
459Kb / 2P
   Shorting BNC Male Dust Cap
PE6013 PASTERNACK-PE6013 Datasheet
240Kb / 2P
   Non-Shorting Dust Cap for BNC Male With 2.8 Inch Chain
More results

Similar Description - PE6017

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6024 PASTERNACK-PE6024 Datasheet
233Kb / 2P
   Non-Shorting Dust Cap for SMA Male
PE6113 PASTERNACK-PE6113 Datasheet
204Kb / 2P
   Non-Shorting Dust Cap for HN Male
PE6020 PASTERNACK-PE6020 Datasheet
233Kb / 2P
   Non-Shorting Dust Cap for SSMA Male
PE6109 PASTERNACK-PE6109 Datasheet
204Kb / 2P
   Non-Shorting Dust Cap for C Male
PE6014 PASTERNACK-PE6014 Datasheet
234Kb / 2P
   Non-Shorting Dust Cap for BNC Male
PE6144 PASTERNACK-PE6144 Datasheet
233Kb / 2P
   Non-Shorting Dust Cap for TNC Male
PE6240 PASTERNACK-PE6240 Datasheet
348Kb / 2P
   F Male Non-Shorting Dust Cap
PE6116 PASTERNACK-PE6116 Datasheet
229Kb / 2P
   Non-Shorting Dust Cap for N Female
PE6144 PASTERNACK-PE6144_16 Datasheet
415Kb / 3P
   TNC Male Non-Shorting Dust Cap
PE6240 PASTERNACK-PE6240_16 Datasheet
411Kb / 3P
   F Male Non-Shorting Dust Cap
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com