Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F899SC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74F899SC
Description  9-Bit Latchable Transceiver with Parity Generator/Checker
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F899SC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74F899SC Datasheet HTML 1Page - Fairchild Semiconductor 74F899SC Datasheet HTML 2Page - Fairchild Semiconductor 74F899SC Datasheet HTML 3Page - Fairchild Semiconductor 74F899SC Datasheet HTML 4Page - Fairchild Semiconductor 74F899SC Datasheet HTML 5Page - Fairchild Semiconductor 74F899SC Datasheet HTML 6Page - Fairchild Semiconductor 74F899SC Datasheet HTML 7Page - Fairchild Semiconductor 74F899SC Datasheet HTML 8Page - Fairchild Semiconductor 74F899SC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
www.fairchildsemi.com
Function Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Note 1: O/E
= ODD/EVEN
Functional Block Diagram
Inputs
Operation
GAB
GBA
SEL LEA LEB
H
H
X
X
X
Busses A and B are 3-STATE.
HL
L
L
H
Generates parity from B[0:7] based on O/E (Note 1). Generated parity
→ APAR.
Generated parity checked against BPAR and output as ERRB.
H
L
L
H
H
Generates parity from B[0:7] based on O/E. Generated parity
→ APAR. Generated
parity checked against BPAR and output as ERRB. Generated parity also fed back
through the A latch for generate/check as ERRA.
HL
L
X
L
Generates parity from B latch data based on O/E. Generated parity
→ APAR.
Generated parity checked against latched BPAR and output as ERRB.
HL
H
X
H
BPAR/B[0:7]
→ APAR/A0:7] Feed-through mode. Generated parity checked against
BPAR and output as ERRB.
H
L
H
H
H
BPAR/B[0:7]
→ APAR/A[0:7]
Feed-through mode. Generated parity checked against BPAR and output as ERRB.
Generated parity also fed back through the A latch for generate/check as ERRA.
L
H
L
H
L
Generates parity for A[0:7] based on O/E. Generated parity
→ BPAR. Generated parity
checked against APAR and output as ERRA.
L
H
L
H
H
Generates parity from A[0:7] based on O/E. Generated parity
→ BPAR. Generated
parity checked against APAR and output as ERRA. Generated parity also fed back
through the B latch for generate/check as ERRB.
L
H
L
L
X
Generates parity from A latch data based on O/E. Generated parity
→ BPAR.
Generated parity checked against latched APAR and output as ERRA.
LH
H
H
L
APAR/A[0:7]
→ BPAR/B[0:7]
Feed-through mode. Generated parity checked against APAR and output as ERRA.
L
H
H
H
H
APAR/A[0:7]
→ BPAR/B[0:7]
Feed-through mode. Generated parity checked against APAR and output as ERRA.
Generated parity also fed back through the B latch for generate/check as ERRB.


Similar Part No. - 74F899SC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F8960 PHILIPS-74F8960 Datasheet
194Kb / 11P
   Octal latched bidirectional Futurebus transceivers 3-State open-collector
December 19, 1990
74F8961 PHILIPS-74F8961 Datasheet
194Kb / 11P
   Octal latched bidirectional Futurebus transceivers 3-State open-collector
December 19, 1990
74F8962 PHILIPS-74F8962 Datasheet
97Kb / 10P
   9-Bit latched bidirectional Futurebus transceivers open-collector
March 11, 1993
74F8963 PHILIPS-74F8963 Datasheet
97Kb / 10P
   9-Bit latched bidirectional Futurebus transceivers open-collector
March 11, 1993
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
More results

Similar Description - 74F899SC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74AC899 NSC-74AC899 Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
National Semiconductor ...
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Texas Instruments
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
[Old version datasheet]   9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
logo
National Semiconductor ...
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
   9-Bit Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com