Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

55A1842-12 Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # 55A1842-12
Description  SPECIFICATION CONTROL DRAWING
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

55A1842-12 Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  55A1842-12 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
38
38
38
38
38
38
38
38
36
34
34
34
55A1842-26-*
55A1842-24-*
55A1842-22-*
55A1842-20-*
55A1842-18-*
55A1842-16-*
55A1842-14-*
55A1842-12-*
55A1842-10-*
55A1842- 8-*
55A1842- 6-*
55A1842- 4-*
TITLE
Page 1 of 1
REFERENCED DOCUMENTS SHALL BE OF THE ISSUE IN EFFECT ON DATE OF INVITATION FOR BID.
THIS SPECIFICATION SHEET TAKES PRECEDENCE OVER DOCUMENTS REFERENCED HEREIN.
DIMENSIONS ARE IN INCHES, AND UNLESS OTHERWISE DESIGNATED ARE NOMINAL.
This specification sheet forms a part of the latest issue of Raychem Specification 55A.
55A1842
COMPONENT WIRE - 55A0812
SHIELD - SILVER-COATED COPPER
JACKET - RADIATION-CROSSLINKED,
MODIFIED ETFE
CABLE RATINGS AND ADDITIONAL REQUIREMENTS
NOTE: Nominal values are for information only.
Nominal values are not requirements.
TEMPERATURE RATING: 200°C
Maximum continuous conductor temperature
VOLTAGE RATING: 600 volts (rms) at sea level
ACCELERATED AGING: 300 ± 3°C for 7 hours
BLOCKING: 200 ± 3°C for 6 hours
DIELECTRIC WITHSTAND: 1500 volts (rms), 60 Hz
FLAMMABILITY: Procedure 1,
3 seconds (maximum); 3 in. (maximum);
no flaming of facial tissue
JACKET COLOR: White preferred
JACKET ELONGATION AND TENSILE STRENGTH:
Elongation, 50% (minimum)
Tensile Strength, 5000 lbf/in² (minimum)
JACKET FLAWS:
Spark Test, 1000 volts (rms)
Impulse Dielectric Test, 6.0 kV (peak)
LIFE CYCLE: 230 ± 3°C for 500 hours
LOW TEMPERATURE-COLD BEND: -65 ± 2°C for 4 hours
SHIELD COVERAGE: 85% (minimum)
VOLTAGE WITHSTAND TEST(Post Environmental):
1000 volts (rms), 60 Hz, 1 minute
PARTNUMBER:
The "*" in the part numbers above shall be replaced
by color code designators with a slash separating
the component wire colors and a dash separating
the component wire colors from the jacket color.
Colors shown do not necessarily reflect the sequence of
manufacturing.
1/ Example: AWG 20, brown, red, orange and yellow
component wires; white jacket:
55A1842-20-1/2/3/4-9
PARTNUMBER
1/
OUTSIDEDIAMETER
(inches)
NOMINAL
MINIMUM
CABLE CONSTRUCTION DETAILS
CONDUCTOR
SIZE
(AWG)
SHIELD
SIZE
(AWG)
JACKET THICKNESS
(inches)
NOMINAL
MAXIMUM
MAXIMUM
WEIGHT
(lbs/1000 ft.)
26
24
22
20
18
16
14
12
10
8
6
4
14.7
18.0
22.5
30.0
42.2
51.4
74.0
104.
162.
305.
455.
743.
.150
.165
.179
.202
.237
.259
.308
.357
.430
.613
.753
.960
.130
.142
.154
.173
.202
.221
.262
.304
.365
.520
.637
.812
.006
.006
.006
.006
.006
.007
.007
.007
.008
.009
.012
.016
.008
.008
.008
.008
.008
.009
.009
.009
.010
.011
.014
.018
SPECIFICATION CONTROL DRAWING
FOUR CONDUCTOR CABLE, RADIATION-CROSSLINKED, MODIFIED ETFE INSULATED,
SHIELDED, JACKETED, NORMAL WEIGHT, 600 VOLT
02-26-04
Date
Revision
R Wire & Cable
501 Oakside Avenue
Redwood City, CA 94063-3800
Phone: 1-800-227-8816
Fax: 1-650-361-6297
1/ COLORS AND COLOR CODE DESIGNATORS SHALL BE IN ACCORDANCE WITH MIL-STD-681. HOWEVER, DUE TO LENGTH LIMITATIONS OF THE RAYCHEM PART NUMBER,
AN ALTERNATIVE COLOR CODE MAY REPLACE MIL-STD-681 COLOR CODE DESIGNATORS. (EXAMPLE: “901/902...” MAY BE REPLACED BY “Axxx”.) OTHER CODES AND
SUFFIXES MAY BE ADDED TO THE PART NUMBER, AS NECESSARY, TO CAPTURE ANY ADDITIONAL REQUIREMENTS IMPOSED BY THE PURCHASE ORDER.
Tyco Electronics also reserves the right to make changes in materials or processing, which do not affect compliance with any specification, without notification to Buyer.
Users should evaluate the suitability of this product for their application. Specifications are subject to change without notice.
B


Similar Part No. - 55A1842-12

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
55A1822-10 MACOM-55A1822-10 Datasheet
44Kb / 1P
   TWO CONDUCTOR CABLE, SHIELDED, JACKETED, 600 VOLT
55A1822-12 MACOM-55A1822-12 Datasheet
44Kb / 1P
   TWO CONDUCTOR CABLE, SHIELDED, JACKETED, 600 VOLT
55A1822-14 MACOM-55A1822-14 Datasheet
44Kb / 1P
   TWO CONDUCTOR CABLE, SHIELDED, JACKETED, 600 VOLT
55A1822-16 MACOM-55A1822-16 Datasheet
44Kb / 1P
   TWO CONDUCTOR CABLE, SHIELDED, JACKETED, 600 VOLT
55A1822-18 MACOM-55A1822-18 Datasheet
44Kb / 1P
   TWO CONDUCTOR CABLE, SHIELDED, JACKETED, 600 VOLT
More results

Similar Description - 55A1842-12

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
007967-000 MACOM-007967-000 Datasheet
46Kb / 2P
   Specification Control Drawing
222K152-25 MACOM-222K152-25 Datasheet
54Kb / 2P
   Specification Control Drawing
004241-000 MACOM-004241-000 Datasheet
114Kb / 1P
   SPECIFICATION CONTROL DRAWING
202K142-25-0 MACOM-202K142-25-0 Datasheet
58Kb / 2P
   Specification Control Drawing
202K132-25 MACOM-202K132-25 Datasheet
58Kb / 2P
   Specification Control Drawing
logo
List of Unclassifed Man...
SLT-3X ETC-SLT-3X Datasheet
36Kb / 1P
   SPECIFICATION CONTROL DRAWING
202K163-25 ETC2-202K163-25 Datasheet
58Kb / 2P
   specification control drawing
logo
Tyco Electronics
202K142-25 MACOM-202K142-25 Datasheet
58Kb / 2P
   Specification Control Drawing
022477-000 MACOM-022477-000 Datasheet
46Kb / 2P
   Specification Control Drawing
CS250 MACOM-CS250 Datasheet
100Kb / 1P
   SPECIFICATION CONTROL DRAWING
S03-05-R-100 MACOM-S03-05-R-100 Datasheet
97Kb / 1P
   SPECIFICATION CONTROL DRAWING
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com