Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4084-2ARMZ-RL Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4084-2ARMZ-RL
Description  30 V, Low Noise, Rail-to-Rail I/O, Low Power Operational Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4084-2ARMZ-RL Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4084-2ARMZ-RL Datasheet HTML 4Page - Analog Devices ADA4084-2ARMZ-RL Datasheet HTML 5Page - Analog Devices ADA4084-2ARMZ-RL Datasheet HTML 6Page - Analog Devices ADA4084-2ARMZ-RL Datasheet HTML 7Page - Analog Devices ADA4084-2ARMZ-RL Datasheet HTML 8Page - Analog Devices ADA4084-2ARMZ-RL Datasheet HTML 9Page - Analog Devices ADA4084-2ARMZ-RL Datasheet HTML 10Page - Analog Devices ADA4084-2ARMZ-RL Datasheet HTML 11Page - Analog Devices ADA4084-2ARMZ-RL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADA4084-2
Data Sheet
Rev. C | Page 8 of 28
–50
–100
–150
–200
–250
–40
125
TEMPERATURE (°C)
–25
–10
5
20
35
50
65
80
95
110
ADA4084-2
VSY = ±1.5V
VCM = 0V
RL = ∞
IB+
IB
Figure 9. Input Bias Current vs. Temperature
600
–600
–1.5
–1.0
1.0
–0.5
0.5
0
1.5
VCM (V)
–400
–200
0
200
400
TA = +85°C
TA = +25°C
TA = +125°C
TA = –40°C
ADA4084-2
VSY = ±1.5V
Figure 10. Input Bias Current vs. VCM and Temperature
1000
100
10
1
0.001
0.01
0.1
1
10
LOAD CURRENT (mA)
ADA4084-2
VSY = ±1.5V
TA = 25°C
(V+) –VOH
Figure 11. Dropout Voltage vs. Source Current
1000
100
10
1
0.001
0.01
0.1
1
10
LOAD CURRENT (mA)
ADA4084-2
VSY = ±1.5V
TA = 25°C
VOL – (V–)
Figure 12. Dropout Voltage vs. Sink Current
120
–40
270
–90
0.1
100k
FREQUENCY (kHz)
–45
0
45
90
135
180
225
–20
20
0
40
60
80
100
1
10
100
1k
10k
ADA4084-2
VSY = ±1.5V
TA = 25°C
RL = 10kΩ
Figure 13. Open-Loop Gain and Phase vs. Frequency
60
–20
10
100M
FREQUENCY (Hz)
–10
0
10
20
30
40
50
100
1k
10k
100k
10M
1M
AV = +100
AV = +10
AV = +1
ADA4084-2
VSY = ±1.5V
TA = 25°C
Figure 14. Closed-Loop Gain vs. Frequency


Similar Part No. - ADA4084-2ARMZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4084-2ARMZ-RL AD-ADA4084-2ARMZ-RL Datasheet
804Kb / 24P
   30 V, Low Noise, Rail-to-Rail
REV. A
ADA4084-2ARMZ-RL AD-ADA4084-2ARMZ-RL Datasheet
975Kb / 35P
   30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers
More results

Similar Description - ADA4084-2ARMZ-RL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA317 TI1-OPA317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA4317 TI1-OPA4317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
logo
Analog Devices
ADA4084-1 AD-ADA4084-1 Datasheet
975Kb / 35P
   30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers
logo
Texas Instruments
OPA317 TI-OPA317 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1 Datasheet
994Kb / 29P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
logo
Analog Devices
ADA4084-2 AD-ADA4084-2 Datasheet
804Kb / 24P
   30 V, Low Noise, Rail-to-Rail
REV. A
logo
SG Micro Corp
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
   Quad Rail-to-Rail I/O Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com