Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG-361 Datasheet(PDF) 4 Page - Analog Devices

Part # UG-361
Description  High Speed Evaluation Board for Full Duplex M-LVDS Transceivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-361 Datasheet(HTML) 4 Page - Analog Devices

  UG-361 Datasheet HTML 1Page - Analog Devices UG-361 Datasheet HTML 2Page - Analog Devices UG-361 Datasheet HTML 3Page - Analog Devices UG-361 Datasheet HTML 4Page - Analog Devices UG-361 Datasheet HTML 5Page - Analog Devices UG-361 Datasheet HTML 6Page - Analog Devices UG-361 Datasheet HTML 7Page - Analog Devices UG-361 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UG-361
Evaluation Board User Guide
Rev. 0 | Page 4 of 8
RE
J2
LK1
LK2
DE
J3
DI
J4
A
B
J6
AB
J5
J7
Z
Y
J8
RO
J1
RO
DE
DI
EVAL-ADN469xEFDEBZ
GND
GND
GND
GND
GND
GND
J9
VCC
RE
RE
J2
LK1
LK2
DE
J3
DI
J4
A
B
J6
AB
J5
J7
Z
Y
J8
RO
J1
RO
DE
DI
EVAL-ADN469xEFDEBZ
GND
GND
GND
GND
GND
GND
J9
VCC
RE
3.3V POWER
SUPPLY
SEE NOTE
NOTES
1. REPLACE 50Ω RESISTORS WITH 100Ω WHEN EVALUATING TWO BOARDS CONNECTED TOGETHER.
OSCILLOSCOPE
SIGNAL
GENERATOR
3.3V POWER
SUPPLY
Figure 4. EVAL-ADN469xEFDEBZ Two Board Point-to-Point Evaluation
RE
J2
LK1
LK2
DE
J3
DI
J4
A
B
J6
AB
J5
J7
Z
Y
J8
RO
J1
RO
DE
DI
EVAL-ADN469xEFDEBZ
GND
GND
GND
GND
GND
GND
J9
VCC
RE
NOTES
1. REMOVE 50Ω TERMINATION RESISTORS FROM EVALUATION BOARD.
2. MAXIMUM NUMBER OF NODES: 32.
3. RT IS EQUALTO THE CHARACTERISTIC IMPEDANCE OF THE CABLE USED.
RT
RT
RT
RT
MASTER
SLAVE
SLAVE
SLAVE
AY
Z
B
NODE N
AY
Z
B
NODE 2
TEST NODE
CONTROLLER
AY
Z
B
NODE 1
SEE NOTE 1
3.3V POWER
SUPPLY
Figure 5. EVAL-ADN469xEFDEBZ Application Evaluation Connected to Bus and Control Board
Table 2. Jumper Configuration
Link
Connection
Description
LK1
A
Connects RE to VCC (disables receiver output). Disconnect J2 input.
B
Connects RE to GND (enables receiver output). Disconnect J2 input.
None
Allows RE input on J2.
LK2
A
Connects DE to VCC (enables driver outputs). Disconnect J3 input.
B
Connects DE to GND (disables driver outputs). Disconnect J3 input.
None
Allows DE input on J3.


Similar Part No. - UG-361

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-317 AD-UG-317 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
logo
TDK Electronics
UG-325 TDK-UG-325 Datasheet
337Kb / 4P
   Analog Output MEMS Microphone Flex Evaluation Board User Guide
logo
Analog Devices
UG-326 AD-UG-326 Datasheet
101Kb / 2P
   EVAL-ADMP521Z-FLEX Bottom-Ported, Digital Output, MEMS Microphone Evaluation Board
REV. 0
UG-335 AD-UG-335 Datasheet
94Kb / 2P
   EVAL-ADMP521Z Bottom Port Digital Output MEMS Microphone Evaluation Board
REV. 0
logo
List of Unclassifed Man...
UG-349/U ETC2-UG-349/U Datasheet
443Kb / 12P
   Converter adapter list
More results

Similar Description - UG-361

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-390 AD-UG-390 Datasheet
307Kb / 8P
   High Speed Evaluation Board for Half-Duplex M-LVDS Transceivers
REV. 0
ADN4690E AD-ADN4690E_V01 Datasheet
485Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
ADN4691E AD-ADN4691E_V01 Datasheet
395Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
ADN4693E-1 AD-ADN4693E-1 Datasheet
949Kb / 17P
   3.3 V, 200 Mbps, Full-Duplex, High Speed M-LVDS Transceiver
Rev. 0
ADN4680E AD-ADN4680E Datasheet
2Mb / 21P
   250 Mbps, Half-Duplex, Quad M-LVDS Transceivers
logo
Texas Instruments
SN65MLVD040 TI1-SN65MLVD040 Datasheet
813Kb / 29P
[Old version datasheet]   4-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
SN65MLVD080 TI-SN65MLVD080_07 Datasheet
526Kb / 28P
[Old version datasheet]   8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
logo
Maxim Integrated Produc...
MAX14784E MAXIM-MAX14784E Datasheet
846Kb / 17P
   Full-Duplex, 짹35kV ESD-Protected, RS-485 Transceivers for High-Speed Communication
19-6863; Rev 2; 1/15
logo
Texas Instruments
SN65MLVD080 TI-SN65MLVD080 Datasheet
239Kb / 24P
[Old version datasheet]   8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
logo
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
   Multipoint-LVDS (M-LVDS) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com