Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN4693E Datasheet(PDF) 7 Page - Analog Devices

Part # ADN4693E
Description  High Speed Evaluation Board for Half-Duplex M-LVDS Transceivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4693E Datasheet(HTML) 7 Page - Analog Devices

  ADN4693E Datasheet HTML 1Page - Analog Devices ADN4693E Datasheet HTML 2Page - Analog Devices ADN4693E Datasheet HTML 3Page - Analog Devices ADN4693E Datasheet HTML 4Page - Analog Devices ADN4693E Datasheet HTML 5Page - Analog Devices ADN4693E Datasheet HTML 6Page - Analog Devices ADN4693E Datasheet HTML 7Page - Analog Devices ADN4693E Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Evaluation Board User Guide
UG-390
Rev. 0 | Page 7 of 8
ORDERING INFORMATION
BILL OF MATERIALS
Table 3.
Quantity
Reference
Designator
Description
Supplier/Part Number
2
C1, C2
Not placed/optional
N/A
1
C3
Capacitor, 100 nF, 0805
Multicomp/MCCA000274
1
C9
Capacitor, 10 µF, 0805
AVX/0805ZD106KAT2A
4
A, DE, TXD, Y
Test point, yellow
Vero Technologies/20-313140
4
B, RE, RO, Z
Test point, green
Vero Technologies/20-313138
6
GND (GND1 to GND7)
Test point, black (optional)
Vero Technologies/20-2137
6
J1 to J6
Connector, SMB jack
Multicomp/24-14-2-TGG
1
J9
Terminal block, 2 way
Lumberg/KRM 02
2
LK1, LK2
3-pin (1 × 3) 0.1" header and shorting block
Harwin/M20-9990346 & M7566-05
1
R1
Resistor, 0 Ω, 0805
Vishay Draloric/CRCW08050000Z0EA
1
RT
Resistor, 100 Ω, 0402
Vishay Draloric /CRCW0402100RFKEAHP
1
U1
8-lead SOIC (not placed)
Analog Devices/ADN4690E, ADN4691E, ADN4694E, or
ADN4696E
1
VCC
Test point, red
Vero Technologies/20-313137
RELATED LINKS
Resource
Description
ADN4690E
Product Page, 3.3 V, 100 Mbps, Half-Duplex, High Speed M-LVDS Transceiver with Type 1 Receiver
ADN4691E
Product Page, 3.3 V, 200 Mbps, Half-Duplex, High Speed M-LVDS Transceiver with Type 1 Receiver
ADN4694E
Product Page, 3.3 V, 100 Mbps, Half-Duplex, High Speed M-LVDS Transceiver with Type 2 Receiver
ADN4696E
Product Page, 3.3 V, 200 Mbps, Half-Duplex, High Speed M-LVDS Transceiver with Type 2 Receiver


Similar Part No. - ADN4693E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4693E AD-ADN4693E Datasheet
452Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex
REV. A
ADN4693E AD-ADN4693E Datasheet
364Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex
REV. A
ADN4693E AD-ADN4693E Datasheet
581Kb / 8P
   High Speed Evaluation Board for Full Duplex M-LVDS Transceivers
REV. 0
ADN4693E AD-ADN4693E Datasheet
593Kb / 12P
   LVDS and M-LVDS Circuit Implementation Guide
REV. 0
ADN4693E AD-ADN4693E Datasheet
485Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
More results

Similar Description - ADN4693E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-361 AD-UG-361 Datasheet
581Kb / 8P
   High Speed Evaluation Board for Full Duplex M-LVDS Transceivers
REV. 0
logo
Texas Instruments
SN65MLVD080 TI-SN65MLVD080_07 Datasheet
526Kb / 28P
[Old version datasheet]   8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
logo
Analog Devices
ADN4680E AD-ADN4680E Datasheet
2Mb / 21P
   250 Mbps, Half-Duplex, Quad M-LVDS Transceivers
logo
Texas Instruments
SN65MLVD040 TI1-SN65MLVD040 Datasheet
813Kb / 29P
[Old version datasheet]   4-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
SN65MLVD080 TI-SN65MLVD080 Datasheet
239Kb / 24P
[Old version datasheet]   8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
logo
Analog Devices
ADN4690E AD-ADN4690E_V01 Datasheet
485Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
ADN4691E AD-ADN4691E_V01 Datasheet
395Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
logo
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
   Multipoint-LVDS (M-LVDS) Transceivers
logo
Analog Devices
UG-127 AD-UG-127 Datasheet
452Kb / 8P
   Evaluation Board for High Speed Op Amps
REV. A
ADN4693E-1 AD-ADN4693E-1 Datasheet
949Kb / 17P
   3.3 V, 200 Mbps, Full-Duplex, High Speed M-LVDS Transceiver
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com