Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IHLP4040DZ-3R3M-01 Datasheet(PDF) 3 Page - Analog Devices

Part # IHLP4040DZ-3R3M-01
Description  20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

IHLP4040DZ-3R3M-01 Datasheet(HTML) 3 Page - Analog Devices

  IHLP4040DZ-3R3M-01 Datasheet HTML 1Page - Analog Devices IHLP4040DZ-3R3M-01 Datasheet HTML 2Page - Analog Devices IHLP4040DZ-3R3M-01 Datasheet HTML 3Page - Analog Devices IHLP4040DZ-3R3M-01 Datasheet HTML 4Page - Analog Devices IHLP4040DZ-3R3M-01 Datasheet HTML 5Page - Analog Devices IHLP4040DZ-3R3M-01 Datasheet HTML 6Page - Analog Devices IHLP4040DZ-3R3M-01 Datasheet HTML 7Page - Analog Devices IHLP4040DZ-3R3M-01 Datasheet HTML 8Page - Analog Devices IHLP4040DZ-3R3M-01 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADP2384
Rev. 0 | Page 3 of 24
SPECIFICATIONS
VPVIN = 12 V, TJ = −40°C to +125°C for minimum/maximum specifications, and TA = 25°C for typical specifications, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
PVIN
PVIN Voltage Range
VPVIN
4.5
20
V
Quiescent Current
IQ
No switching
2.1
2.9
3.6
mA
Shutdown Current
ISHDN
EN = GND
45
80
120
µA
PVIN Undervoltage Lockout Threshold
UVLO
PVIN rising
4.3
4.5
V
PVIN falling
3.5
3.8
V
FB
FB Regulation Voltage
VFB
0°C < TJ < 85°C
0.594
0.6
0.606
V
−40°C < TJ < 125°C
0.591
0.6
0.609
V
FB Bias Current
IFB
0.01
0.1
µA
ERROR AMPLIFIER (EA)
Transconductance
gm
340
470
600
µS
EA Source Current
ISOURCE
40
60
80
µA
EA Sink Current
ISINK
40
60
80
µA
INTERNAL REGULATOR (VREG)
VREG Voltage
VVREG
VPVIN = 12 V, IVREG = 50 mA
7.6
8
8.4
V
Dropout Voltage
VPVIN = 12 V, IVREG = 50 mA
340
mV
Regulator Current Limit
65
100
135
mA
SW
High-Side On Resistance1
VBST − VSW = 5 V
44
70
mΩ
Low-Side On Resistance1
VVREG = 8 V
11.6
20
mΩ
High-Side Peak Current Limit
4.8
6.1
7.4
A
Low-Side Negative Current-Limit
Threshold Voltage2
20
mV
SW Minimum On Time
tMIN_ON
125
168
ns
SW Minimum Off Time
tMIN_OFF
200
260
ns
BST
Bootstrap Voltage
VBOOT
4.5
5
5.5
V
OSCILLATOR (RT PIN)
Switching Frequency
fSW
RT = 100 kΩ
530
600
670
kHz
Switching Frequency Range
fSW
200
1400
kHz
SYNC
Synchronization Range
200
1400
kHz
SYNC Minimum Pulse Width
100
ns
SYNC Minimum Off Time
100
ns
SYNC Input High Voltage
1.3
V
SYNC Input Low Voltage
0.4
V
SS
Internal Soft Start
1600
Clock cycles
SS Pin Pull-Up Current
ISS_UP
2.5
3.2
3.9
µA
PGOOD
Power-Good Range
FB Rising Threshold
PGOOD from low to high
95
%
FB Rising Hysteresis
PGOOD from high to low
5
%
FB Falling Threshold
PGOOD from low to high
105
%
FB Falling Hysteresis
PGOOD from high to low
11.7
%


Similar Part No. - IHLP4040DZ-3R3M-01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
IHLP4040DZ-3R3M-01 AD-IHLP4040DZ-3R3M-01 Datasheet
843Kb / 28P
   20 V, 6 A Synchronous Step-Down
REV. 0
More results

Similar Description - IHLP4040DZ-3R3M-01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
   20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
ADP2387 AD-ADP2387 Datasheet
571Kb / 25P
   20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
Rev. C
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
   7 A Synchronous DC-DC Step down Regulator,
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
logo
ON Semiconductor
FAN8303 ONSEMI-FAN8303 Datasheet
837Kb / 13P
   2 A 23 V Non-Synchronous Step-Down DC/DC Regulator
Rev. 1.2
logo
Analog Devices
ADP2114 AD-ADP2114 Datasheet
2Mb / 40P
   Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com