Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3051 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MOC3051
Description  6-Pin DIP Random-Phase Optoisolators Triac Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC3051 Datasheet(HTML) 7 Page - Motorola, Inc

  MOC3051 Datasheet HTML 1Page - Motorola, Inc MOC3051 Datasheet HTML 2Page - Motorola, Inc MOC3051 Datasheet HTML 3Page - Motorola, Inc MOC3051 Datasheet HTML 4Page - Motorola, Inc MOC3051 Datasheet HTML 5Page - Motorola, Inc MOC3051 Datasheet HTML 6Page - Motorola, Inc MOC3051 Datasheet HTML 7Page - Motorola, Inc MOC3051 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MOC3051 MOC3052
7
Motorola Optoelectronics Device Data
PACKAGE DIMENSIONS
CASE 730A–04
ISSUE G
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
STYLE 6:
PIN 1. ANODE
2. CATHODE
3. NC
4. MAIN TERMINAL
5. SUBSTRATE
6. MAIN TERMINAL
6
4
1
3
–A–
–B–
SEATING
PLANE
–T–
4 PL
F
K
C
N
G
6 PL
D
6 PL
E
M
A
M
0.13 (0.005)
B M
T
L
M
6 PL
J
M
B
M
0.13 (0.005)
A M
T
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.320
0.350
8.13
8.89
B
0.240
0.260
6.10
6.60
C
0.115
0.200
2.93
5.08
D
0.016
0.020
0.41
0.50
E
0.040
0.070
1.02
1.77
F
0.010
0.014
0.25
0.36
G
0.100 BSC
2.54 BSC
J
0.008
0.012
0.21
0.30
K
0.100
0.150
2.54
3.81
L
0.300 BSC
7.62 BSC
M
0
15
0
15
N
0.015
0.100
0.38
2.54
_
_
_
_
CASE 730C–04
ISSUE D
–A–
–B–
S
SEATING
PLANE
–T–
J
K
L
6 PL
M
B
M
0.13 (0.005)
A M
T
C
D 6 PL
M
A
M
0.13 (0.005)
B M
T
H
G
E 6 PL
F 4 PL
3
1
4
6
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.320
0.350
8.13
8.89
B
0.240
0.260
6.10
6.60
C
0.115
0.200
2.93
5.08
D
0.016
0.020
0.41
0.50
E
0.040
0.070
1.02
1.77
F
0.010
0.014
0.25
0.36
G
0.100 BSC
2.54 BSC
H
0.020
0.025
0.51
0.63
J
0.008
0.012
0.20
0.30
K
0.006
0.035
0.16
0.88
L
0.320 BSC
8.13 BSC
S
0.332
0.390
8.43
9.90
*Consult factory for leadform
option availability


Similar Part No. - MOC3051

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
MOC3051 UMW-MOC3051 Datasheet
1Mb / 6P
   Random Phase Triac Driven Optocoupler
MOC3051 UMW-MOC3051 Datasheet
1Mb / 6P
   Random Phase Triac Driven Optocoupler
MOC3051 UMW-MOC3051 Datasheet
1Mb / 6P
   Random Phase Triac Driven Optocoupler
logo
Fairchild Semiconductor
MOC3051-M FAIRCHILD-MOC3051-M Datasheet
540Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
MOC3051-M FAIRCHILD-MOC3051-M Datasheet
553Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
More results

Similar Description - MOC3051

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3052M FAIRCHILD-MOC3052M Datasheet
553Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
MOC3051-M FAIRCHILD-MOC3051-M Datasheet
540Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
MOC3021 FAIRCHILD-MOC3021 Datasheet
176Kb / 7P
   6-Pin DIP Random-phase Optoisolators Triac Driver Output
logo
Motorola, Inc
MOC3020 MOTOROLA-MOC3020 Datasheet
299Kb / 6P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output
MOC3010 MOTOROLA-MOC3010 Datasheet
310Kb / 6P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output
logo
ON Semiconductor
FOD420 ONSEMI-FOD420 Datasheet
466Kb / 12P
   6-Pin DIP High dv/dt Random Phase Triac Drivers
August, 2020 ??Rev. 4
logo
Everlight Electronics C...
EL301X_0808 EVERLIGHT-EL301X_0808 Datasheet
316Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER
logo
Fairchild Semiconductor
MOC3010M FAIRCHILD-MOC3010M_05 Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M_09 Datasheet
275Kb / 11P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3010-M FAIRCHILD-MOC3010-M Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com