Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9090 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM9090
Description  Ultra Low Power Audio Subsystem
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9090 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM9090 Datasheet HTML 7Page - Wolfson Microelectronics plc WM9090 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9090 Datasheet HTML 9Page - Wolfson Microelectronics plc WM9090 Datasheet HTML 10Page - Wolfson Microelectronics plc WM9090 Datasheet HTML 11Page - Wolfson Microelectronics plc WM9090 Datasheet HTML 12Page - Wolfson Microelectronics plc WM9090 Datasheet HTML 13Page - Wolfson Microelectronics plc WM9090 Datasheet HTML 14Page - Wolfson Microelectronics plc WM9090 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 81 page
background image
Production Data
WM9090
w
PD, November 2010, Rev 4.1
11
TYPICAL PERFORMANCE
POWER CONSUMPTION
SVDD
HPVDD
iSVDD
iHPVDD
Total Power
(V)
(V)
(μA)
(μA)
(μW)
All supplies except SVDD disabled
3.6
0.0
0.2
0.0
0.72
All supplies enabled
VMID_ENA = 0, VMID_BUF_ENA =
0,
3.6
1.8
0.2
2
4.3
SPKKVDD LDO1VDD iSPKVDD iLDO1VDD Total Power
(V)
(V)
(mA)
(mA)
(mW)
IN1+/IN1- Stereo to Headphone
16ohm load
3.6
1.8
0.00
3.36
6.0
IN2+/IN2- Differential to Speaker Class D
8ohm + 10μH, +6dB boost
3.6
1.8
2.54
1.56
12.0
Speaker
Shutdown Leakage
Mode
Other settings
Battery Leakage
Mode
Other settings
Headphone
Notes:
1.
Power in the load is included
2.
All figures are quoted at TA = 25
°C
3.
All figures are quoted as quiescent current unless otherwise stated


Similar Part No. - WM9090

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9093 WOLFSON-WM9093 Datasheet
1Mb / 84P
   Ultra Low Power Audio Subsystem
WM9093ECS/R WOLFSON-WM9093ECS/R Datasheet
1Mb / 84P
   Ultra Low Power Audio Subsystem
More results

Similar Description - WM9090

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9093 WOLFSON-WM9093 Datasheet
1Mb / 84P
   Ultra Low Power Audio Subsystem
logo
Maxim Integrated Produc...
MAX97003 MAXIM-MAX97003 Datasheet
4Mb / 48P
   High-Efficiency, Low-Noise Audio Subsystem
Rev 0; 9/11
logo
Texas Instruments
TLC320AD80 TI1-TLC320AD80 Datasheet
235Kb / 37P
[Old version datasheet]   Audio Processor Subsystem
TLC320AD80C TI-TLC320AD80C Datasheet
219Kb / 36P
[Old version datasheet]   Audio Processor Subsystem
logo
Renesas Technology Corp
ISL99203 RENESAS-ISL99203 Datasheet
1Mb / 16P
   High Efficiency Audio Subsystem
logo
Cypress Semiconductor
W48C20 CYPRESS-W48C20 Datasheet
92Kb / 4P
   Audio Subsystem Clock Generator
logo
Intersil Corporation
ISL99203 INTERSIL-ISL99203 Datasheet
406Kb / 17P
   High Efficiency Audio Subsystem
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206_17 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867_V01 Datasheet
2Mb / 56P
   Ultra-Low Power Stereo Audio Codec
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com