Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMF05W4K-F Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # WMF05W4K-F
Description  Film/Foil, Axial Leads - Commercial, Industrial Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

WMF05W4K-F Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  WMF05W4K-F Datasheet HTML 1Page - Cornell Dubilier Electronics WMF05W4K-F Datasheet HTML 2Page - Cornell Dubilier Electronics WMF05W4K-F Datasheet HTML 3Page - Cornell Dubilier Electronics WMF05W4K-F Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type WMF Polyester Film Capacitors
Film/Foil, Axial Leads
Cap.
Catalog
D
L
d
dV/dt
Cap.
Catalog
D
L
d
dV/dt
µF
Part Number
mm mm mm
V/μs
µF
Part Number mm mm mm
V/μs
50 Vdc
100 Vdc
0.0820 WMF05S82K-F
7.1
20.6
0.5
1500
0.0010 WMF1D1K-F
4.8
14.3
0.5
6300
0.1000 WMF05P1K-F
7.1
20.6
0.5
1500
0.0012 WMF1D12K-F
4.8
14.3
0.5
6300
0.1200 WMF05P12K-F
7.5
20.6
0.6
1500
0.0015 WMF1D15K-F
4.8
14.3
0.5
6300
0.1500 WMF05P15K-F
8.0
20.6
0.6
1500
0.0022 WMF1D22K-F
4.8
14.3
0.5
6300
0.1800 WMF05P18K-F
8.6
20.6
0.6
1500
0.0027 WMF1D27K-F
4.8
14.3
0.5
6300
0.2200 WMF05P22K-F
9.1
20.6
0.6
1500
0.0033 WMF1D33K-F
4.8
14.3
0.5
6300
0.2700 WMF05P27K-F
10.7 20.6
0.6
1500
0.0039 WMF1D39K-F
4.8
14.3
0.5
6300
0.3300 WMF05P33K-F
10.9 20.6
0.6
1500
0.0047 WMF1D47K-F
5.0
14.3
0.5
6300
0.3900 WMF05P39K-F
10.3 27.0
0.6
920
0.0050 WMF1D5K-F
4.8
14.3
0.5
6300
0.4700 WMF05P47K-F
10.3 27.0
0.6
920
0.0056 WMF1D56K-F
4.8
14.3
0.5
6300
0.5000 WMF05P5K-F
10.8 27.0
0.6
920
0.0068 WMF1D68K-F
5.1
14.3
0.5
6300
0.5600 WMF05P56K-F
12.2 27.0
0.6
920
0.0082 WMF1D82K-F
5.1
14.3
0.5
6300
0.6800 WMF05P68K-F
13.3 27.0
0.6
920
0.0100 WMF1S1K-F
5.1
14.3
0.5
6300
0.8200 WMF05P82K-F
14.4 27.0
0.6
920
0.0150 WMF1S15K-F
6.2
14.3
0.5
6300
1.0000 WMF05W1K-F
14.3 34.9
0.6
660
0.0180 WMF1S18K-F
6.6
14.3
0.6
3200
1.2500 WMF05W1P25K-F 14.6 34.9
0.8
660
0.0220 WMF1S22K-F
6.0
17.4
0.6
3200
1.5000 WMF05W1P5K-F
16.4 34.9
0.8
660
0.0330 WMF1S33K-F
6.5
17.4
0.6
3200
2.0000 WMF05W2K-F
16.8 41.3
0.8
660
0.0390 WMF1S39K-F
6.1
20.6
0.6
2100
3.0000 WMF05W3K-F
20.1 41.3
1.0
660
0.0470 WMF1S47K-F
6.5
20.6
0.6
2100
4.0000 WMF05W4K-F
20.9 46.3
1.0
310
0.0500 WMF1S5K-F
6.6
20.6
0.6
2100
5.0000 WMF05W5K-F
23.2 46.3
1.0
310
0.0560 WMF1S56K-F
6.7
20.6
0.6
2100
NOTE: Other ratings, sizes and performance specifications are available. Contact us.
Ratings
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
WMF
C
6
P
22
K
- F
Capacitance
RoHS
Compliant
Indicator
Termination
Capacitance
Significant
Tolerance
Series
Code
Voltage Code
Decimal Point
Figures µF
Code
WMF
C = Bare Copper Wire
05 = 50 Vdc
4 = 400 Vdc
S = 0.0
K = ±10
F = Insulated Stranded
1 = 100 Vdc
6 = 630 Vdc
P = 0.
Wire
2 = 250 Vdc
W = No decimal
H =Copper Lugs
point
Part Numbering System


Similar Part No. - WMF05W4K-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMF05W4K-F ETC2-WMF05W4K-F Datasheet
185Kb / 2P
   Commercial, Industrial Applications
logo
Cornell Dubilier Electr...
WMF05W4K-F CDE-WMF05W4K-F Datasheet
185Kb / 2P
   Polyester Film Capacitors
WMF05W4K-F CDE-WMF05W4K-F Datasheet
270Kb / 4P
   Polyester Film Capacitors
More results

Similar Description - WMF05W4K-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SX330 ETC1-SX330 Datasheet
159Kb / 3P
   Polystyrene-Foil/Axial Leads
logo
Cornell Dubilier Electr...
SXK310 CDE-SXK310 Datasheet
423Kb / 2P
   Polystyrene-Foil / Axial Leads
logo
List of Unclassifed Man...
223J25PP460R ETC1-223J25PP460R Datasheet
123Kb / 1P
   POLYPROPYLENE-FOIL SELF CASED AXIAL LEADS
logo
Kemet Corporation
A72EF1470AA00J KEMET-A72EF1470AA00J Datasheet
668Kb / 14P
   A72, Polypropylene Film/Foil, Axial
9/28/2021
logo
List of Unclassifed Man...
WMF05S82K-F ETC2-WMF05S82K-F Datasheet
185Kb / 2P
   Commercial, Industrial Applications
logo
RFE international
T102J2EAT1 RFE-T102J2EAT1 Datasheet
86Kb / 1P
   POLYESTER FILM CAPACITORS T Series: Axial Tubular, Film Foil
logo
Illinois Capacitor, Inc...
222PWS202KD ILLINOISCAPACITOR-222PWS202KD Datasheet
138Kb / 1P
   AXIAL LEAD METALLIZED FILM WITH FOIL ELECTRODES
logo
Vishay Siliconix
192P222X9080 VISHAY-192P222X9080 Datasheet
96Kb / 5P
   Polyester Film/Foil Capacitors Sleeved, Miniature, Axial Lead
Revision 13-Nov-03
192P VISHAY-192P Datasheet
97Kb / 5P
   Polyester Film/Foil Capacitors Sleeved, Miniature, Axial Lead
Revision 13-Nov-03
IG70 VISHAY-IG70_V01 Datasheet
70Kb / 3P
   Current Chokes, Axial Leads, Noise Suppression Applications
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com