Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FR1074PC Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74FR1074PC
Description  Dual D-Type Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74FR1074PC Datasheet(HTML) 6 Page - Fairchild Semiconductor

  74FR1074PC Datasheet HTML 1Page - Fairchild Semiconductor 74FR1074PC Datasheet HTML 2Page - Fairchild Semiconductor 74FR1074PC Datasheet HTML 3Page - Fairchild Semiconductor 74FR1074PC Datasheet HTML 4Page - Fairchild Semiconductor 74FR1074PC Datasheet HTML 5Page - Fairchild Semiconductor 74FR1074PC Datasheet HTML 6Page - Fairchild Semiconductor 74FR1074PC Datasheet HTML 7Page - Fairchild Semiconductor 74FR1074PC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics 74FR1074
Note 5: Pin-to-Pin Skew is defined as the absolute value of the difference between the actual propagation delay for any outputs within the same packaged
device. The specifications apply to any outputs switching in the same direction either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH) or in opposite directions
both HL and LH (tOST). tOST is guaranteed by design.
AC Operating Requirements 74FR1074
Note 6: This specification is guaranteed by design.
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
fMAX
Maximum Clock Frequency
120
160
120
MHz
tPLH
Propagation Delay
2.5
4.0
5.5
2.5
5.5
ns
tPHL
CPn to Qn or Qn
3.0
5.0
6.5
3.0
6.5
tPLH
Propagation Delay
1.5
3.5
5.5
1.5
5.5
ns
tPHL
CDn or SDn to Qn or Qn
2.0
5.5
7.0
2.0
7.0
tOSHL
Pin to Pin Skew
1.5
ns
(Note 5)
for HL Transitions
tOSLH
Pin to Pin Skew
1.5
ns
(Note 5)
for LH Transitions
tOST
Pin to Pin Skew
3.5
ns
(Note 5)
for HL/LH Transitions
tQ/Q
True/Complement
2.0
ns
(Note 5)
Output Skew
tPS
Pin (Signal)
2.0
ns
(Note 5)
Transition Variation
TA = +25°CTA = 0°C = +70°C
Symbol
Parameter
VCC = +5.0V
VCC = +5.0V
Units
CL = 50 pF
CL = 50 pF
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
2.0
2.0
ns
tS(L)
Dn to CPn
2.0
2.0
tH(H)
Hold Time, HIGH or LOW
0
0
ns
tH(L)
Dn to CPn
00
tW(H)
CPn Pulse Width
3.3
3.3
ns
tW(L)
HIGH or LOW
3.3
3.3
(Note 6)
tW(L)
SDn or CDn Pulse Width
4.0
4.0
ns
tREC
Recovery Time
2.0
2.0
ns
SDn or CDn to CPn


Similar Part No. - 74FR1074PC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74FR16245 NSC-74FR16245 Datasheet
151Kb / 6P
   16-Bit Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
logo
Rochester Electronics
74FR16245 ROCHESTER-74FR16245 Datasheet
415Kb / 5P
   16-Bit Transceiver with 3-STATE Outputs Separate control pins for each byte
logo
National Semiconductor ...
74FR16245Q NSC-74FR16245Q Datasheet
151Kb / 6P
   16-Bit Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74FR16245QC FAIRCHILD-74FR16245QC Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
More results

Similar Description - 74FR1074PC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
   Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
   Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
   Dual D-Type Flip Flop
logo
ON Semiconductor
MC74VHC74 ONSEMI-MC74VHC74_11 Datasheet
144Kb / 8P
   Dual D-Type Flip-Flop
May, 2011 ??Rev. 8
logo
Motorola, Inc
MC14013B MOTOROLA-MC14013B Datasheet
210Kb / 6P
   Dual Type D Flip-Flop
logo
ON Semiconductor
MC14013B ONSEMI-MC14013B Datasheet
209Kb / 8P
   Dual Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74F74 PHILIPS-74F74 Datasheet
80Kb / 8P
   Dual D-type flip-flop
1996 Mar 12
logo
Nexperia B.V. All right...
HEF4013B-Q100 NEXPERIA-HEF4013B-Q100 Datasheet
770Kb / 17P
   Dual D-type flip-flop
logo
STMicroelectronics
HCF4013 STMICROELECTRONICS-HCF4013 Datasheet
375Kb / 13P
   Dual D-type flip-flop
May 2013 Rev 4
logo
Nexperia B.V. All right...
HEF4013B NEXPERIA-HEF4013B Datasheet
247Kb / 14P
   Dual D-type flip-flop
Rev. 11 - 9 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com